Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5165YDRCR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM5165YDRCR
Description  3-V to 65-V Input, 150-mA Synchronous Buck Converter
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5165YDRCR Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM5165YDRCR Datasheet HTML 2Page - Texas Instruments LM5165YDRCR Datasheet HTML 3Page - Texas Instruments LM5165YDRCR Datasheet HTML 4Page - Texas Instruments LM5165YDRCR Datasheet HTML 5Page - Texas Instruments LM5165YDRCR Datasheet HTML 6Page - Texas Instruments LM5165YDRCR Datasheet HTML 7Page - Texas Instruments LM5165YDRCR Datasheet HTML 8Page - Texas Instruments LM5165YDRCR Datasheet HTML 9Page - Texas Instruments LM5165YDRCR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
6
LM5165
SNVSA47A – MARCH 2016 – REVISED MARCH 2016
www.ti.com
Product Folder Links: LM5165
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Operating Ratings are conditions under which the device is intended to be functional. For specifications and test conditions, see
Electrical Characteristics.
(2)
High junction temperatures degrade operating lifetimes. Operating lifetime is derated for junction temperatures greater than 125°C.
6.3 Recommended Operating Conditions
(1)
Over the recommended operating junction temperature range of –40°C to 150°C (unless otherwise noted).
PARAMETER
MIN
NOM
MAX
UNIT
Input voltages
VIN
3
65
V
EN
–0.3
VVIN
PGOOD
–0.3
12
HYS
–0.3
5
Output current
IOUT (COT mode)
0
150
mA
IOUT (PFM mode)
0
100
mA
Temperature
Operating junction temperature(2)
–40
150
°C
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
LM5165
UNIT
VSON
10 PINS
RθJA
Junction-to-ambient thermal resistance
47.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
59.9
RθJB
Junction-to-board thermal resistance
22.1
ψJT
Junction-to-top characterization parameter
1.0
ψJB
Junction-to-board characterization parameter
22.2
RθJC(bot)
Junction-to-case (bottom) thermal resistance
4.0
(1)
All hot and cold limits are specified by correlating the electrical characteristics to process and temperature variations and applying
statistical process control.
(2)
The junction temperature (TJ in °C) is calculated from the ambient temperature (TA in °C) and power dissipation (PD in Watts) as follows:
TJ = TA + (PD • θJA) where θJA (in °C/W) is the package thermal impedance provided in the Thermal Information section.
6.5 Electrical Characteristics
Typical values correspond to TJ = 25°C. Minimum and maximum limits apply over –40°C to +125°C junction temperature
range. VIN = 12 V (unless otherwise noted).
(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
QUIESCENT CURRENTS
IQ-SHD
VIN DC supply current, shutdown
VEN = 0 V, TA = 25°C
4.6
6.0
µA
IQ-SLEEP
VIN DC supply current, no load
VFB = 1.5 V, TA = 25°C
10.5
15.0
IQ-SLEEP-VINMAX VIN DC supply current, no load, VIN = 65V
VFB = 1.5 V, VVIN = 65 V, TA = 25°C
11.0
15.0
IQ-ACTIVE-PFM
VIN DC supply current, active
PFM mode
205
IQ-ACTIVE-COT
VIN DC supply current, active
COT mode, RRT = 107 kΩ
300
POWER SWITCHES
RDSON1
High-side MOSFET RDS(on)
ISW = –10 mA
2
Ω
RDSON2
Low-side MOSFET RDS(on)
ISW = 10 mA
1
CURRENT LIMITING
ILIM1
High-side peak current current threshold
ILIM shorted to GND
220
240
264
mA
ILIM2
RILIM = 24.9 kΩ
155
180
205
ILIM3
RILIM = 56.2 kΩ
100
120
145
ILIM4
RILIM = 100 kΩ
48
60
75
REGULATION COMPARATOR
VVOUT50
VOUT 5V DC setpoint
LM5165X
4.9
5.0
5.1
V
VVOUT33
VOUT 3.3V DC setpoint
LM5165Y
3.23
3.30
3.37


Similar Part No. - LM5165YDRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5165Y-Q1 TI1-LM5165Y-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   3-V to 65-V Input, 150-mA Synchronous Buck Converter with Ultra-Low IQ
LM5165Y-Q1 TI-LM5165Y-Q1 Datasheet
2Mb / 52P
[Old version datasheet]   LM5165-Q1 Automotive 3-V to 65-V Input, 150-mA Synchronous Buck Converter With Ultra-Low IQ
REVISED DECEMBER 2022
LM5165YQDGSRQ1 TI1-LM5165YQDGSRQ1 Datasheet
1Mb / 47P
[Old version datasheet]   3-V to 65-V Input, 150-mA Synchronous Buck Converter with Ultra-Low IQ
LM5165YQDGSRQ1 TI-LM5165YQDGSRQ1 Datasheet
2Mb / 52P
[Old version datasheet]   LM5165-Q1 Automotive 3-V to 65-V Input, 150-mA Synchronous Buck Converter With Ultra-Low IQ
REVISED DECEMBER 2022
LM5165YQDGSTQ1 TI1-LM5165YQDGSTQ1 Datasheet
1Mb / 47P
[Old version datasheet]   3-V to 65-V Input, 150-mA Synchronous Buck Converter with Ultra-Low IQ
More results

Similar Description - LM5165YDRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5165-Q1 TI1-LM5165-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   3-V to 65-V Input, 150-mA Synchronous Buck Converter
LM5165-Q1 TI1-LM5165-Q1_17 Datasheet
1Mb / 47P
[Old version datasheet]   3-V to 65-V Input, 150-mA Synchronous Buck Converter with Ultra-Low IQ
LM5166 TI1-LM5166_17 Datasheet
3Mb / 53P
[Old version datasheet]   3-V to 65-V Input, 500-mA Synchronous Buck Converter with Ultra-Low
LM5165-Q1 TI-LM5165-Q1_V01 Datasheet
2Mb / 52P
[Old version datasheet]   LM5165-Q1 Automotive 3-V to 65-V Input, 150-mA Synchronous Buck Converter With Ultra-Low IQ
REVISED DECEMBER 2022
LM5166 TI1-LM5166 Datasheet
3Mb / 53P
[Old version datasheet]   3-V to 65-V Input, 500-mA Synchronous Buck Converter with Ultra-Low IQ
LMR36502 TI-LMR36502 Datasheet
3Mb / 47P
[Old version datasheet]   LMR3650x 3-V to 65-V, 100-mA and 150-mA Wide VIN Synchronous Buck Converter Optimized for Size and Light Load Efficiency
MARCH 2023
LMR36501 TI-LMR36501 Datasheet
3Mb / 48P
[Old version datasheet]   LMR3650x 3-V to 65-V, 100-mA and 150-mA Wide VIN Synchronous Buck Converter Optimized for Size and Light Load Efficiency
REVISED MAY 2023
TPSM365R15 TI-TPSM365R15 Datasheet
2Mb / 47P
[Old version datasheet]   TPSM365R1x 3-V to 65-V, 100-mA and 150-mA Wide VIN Synchronous Buck Converter Power Module Optimized for Size and Light Load Efficiency
OCTOBER 2023
TPS40304A TI-TPS40304A_1 Datasheet
527Kb / 20P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40304A TI-TPS40304A_15 Datasheet
726Kb / 19P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com