Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3670MF-1.875 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM3670MF-1.875
Description  Miniature Step-Down DC-DC Converter for Ultralow Voltage Circuits
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3670MF-1.875 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3670MF-1.875 Datasheet HTML 7Page - Texas Instruments LM3670MF-1.875 Datasheet HTML 8Page - Texas Instruments LM3670MF-1.875 Datasheet HTML 9Page - Texas Instruments LM3670MF-1.875 Datasheet HTML 10Page - Texas Instruments LM3670MF-1.875 Datasheet HTML 11Page - Texas Instruments LM3670MF-1.875 Datasheet HTML 12Page - Texas Instruments LM3670MF-1.875 Datasheet HTML 13Page - Texas Instruments LM3670MF-1.875 Datasheet HTML 14Page - Texas Instruments LM3670MF-1.875 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
-VOUT
L
VIN-VOUT
L
11
LM3670
www.ti.com
SNVS250F – NOVEMBER 2004 – REVISED FEBRUARY 2016
Product Folder Links: LM3670
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Circuit Operation
The LM3670 operates as follows. During the first portion of each switching cycle, the control block in the LM3670
turns on the internal PFET switch. This allows current to flow from the input through the inductor to the output
filter capacitor and load. The inductor limits the current to a ramp with a slope of:
(1)
by storing energy in a magnetic field. During the second portion of each cycle, the controller turns the PFET
switch off, blocking current flow from the input, and then turns the NFET synchronous rectifier on. The inductor
draws current from ground through the NFET to the output filter capacitor and load, which ramps the inductor
current down with a slope of:
(2)
The output filter stores charge when the inductor current is high, and releases it when low, smoothing the voltage
across the load.
7.3.2 Soft Start
The LM3670 has a soft-start circuit that limits in-rush current during start-up. Typical start-up times with a 10-µF
output capacitor and 350-mA load is 400 µs:
Table 1. Typical Start-Up Times for Soft Start
INRUSH CURRENT (mA)
DURATION (µs)
0
32
70
224
140
256
280
256
620
until soft start ends
7.3.3 LDO - Low Dropout Operation
The LM3670 can operate at 100% duty cycle (no switching, PMOS switch is completely on) for low dropout
support of the output voltage. In this way the output voltage is controlled down to the lowest possible input
voltage.
The minimum input voltage needed to support the output voltage is
VIN_MIN = ILOAD × (RDSON,PFET + RINDUCTOR) + VOUT
where
ILOAD = load current
RDSON, PFET = the drain to source resistance of PFET switch in the triode region
RINDUCTOR = the inductor resistance
(3)


Similar Part No. - LM3670MF-1.875

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3670MF-1.875 NSC-LM3670MF-1.875 Datasheet
997Kb / 17P
   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670MF-1.875 NSC-LM3670MF-1.875 Datasheet
978Kb / 17P
   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
Texas Instruments
LM3670MF-1.875 TI-LM3670MF-1.875 Datasheet
1Mb / 25P
[Old version datasheet]   LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670MF-1.875/NOPB TI1-LM3670MF-1.875/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
More results

Similar Description - LM3670MF-1.875

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3670 NSC-LM3670 Datasheet
997Kb / 17P
   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670 NSC-LM3670_06 Datasheet
978Kb / 17P
   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
Texas Instruments
LM3670 TI1-LM3670_14 Datasheet
1Mb / 24P
[Old version datasheet]   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670 TI-LM3670_15 Datasheet
1Mb / 25P
[Old version datasheet]   LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670MF-18 TI-LM3670MF-18 Datasheet
1Mb / 25P
[Old version datasheet]   LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670MF-18 TI1-LM3670MF-18 Datasheet
1Mb / 25P
[Old version datasheet]   LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677 TI1-LM3677 Datasheet
11Mb / 30P
[Old version datasheet]   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677 TI-LM3677_15 Datasheet
11Mb / 28P
[Old version datasheet]   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
National Semiconductor ...
LM3677_0810 NSC-LM3677_0810 Datasheet
7Mb / 24P
   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677 NSC-LM3677_08 Datasheet
7Mb / 22P
   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com