Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5107 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM5107
Description  1.4A Peak Half Bridge Gate Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5107 Datasheet(HTML) 5 Page - Texas Instruments

  LM5107_16 Datasheet HTML 1Page - Texas Instruments LM5107_16 Datasheet HTML 2Page - Texas Instruments LM5107_16 Datasheet HTML 3Page - Texas Instruments LM5107_16 Datasheet HTML 4Page - Texas Instruments LM5107_16 Datasheet HTML 5Page - Texas Instruments LM5107_16 Datasheet HTML 6Page - Texas Instruments LM5107_16 Datasheet HTML 7Page - Texas Instruments LM5107_16 Datasheet HTML 8Page - Texas Instruments LM5107_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LM5107
www.ti.com
SNVS333E – NOVEMBER 2004 – REVISED MARCH 2016
Product Folder Links: LM5107
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
(1)
Min and Max limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlation
using Statistical Quality Control (SQC) methods. Limits are used to calculate Average Outgoing Quality Level (AOQL).
(2)
The
θJA is not a constant for the package and depends on the printed circuit board design and the operating conditions.
(3)
4 layer board with Cu finished thickness 1.5/1/1/1.5 oz. Maximum die size used. 5x body length of Cu trace on PCB top. 50 x 50mm
ground and power planes embedded in PCB. See Application Note AN-1187.
6.4
Electrical Characteristics
Specifications in standard typeface are for TJ = +25°C, and those in boldface type apply over the full operating junction
temperature range. Unless otherwise specified, VDD = VHB = 12V, VSS = VHS = 0V, No Load on LO or HO.
Symbol
Parameter
Conditions
Min(1)
Typ
Max(1)
Units
SUPPLY CURRENTS
IDD
VDD Quiescent Current
LI = HI = 0V
0.3
0.6
mA
IDDO
VDD Operating Current
f = 500 kHz
2.1
3.4
mA
IHB
Total HB Quiescent Current
LI = HI = 0V
0.06
0.2
mA
IHBO
Total HB Operating Current
f = 500 kHz
1.6
3.0
mA
IHBS
HB to VSS Current, Quiescent
VHS = VHB = 100V
0.1
10
µA
IHBSO
HB to VSS Current, Operating
f = 500 kHz
0.5
mA
INPUT PINS LI and HI
VIL
Low Level Input Voltage Threshold
0.8
1.8
V
VIH
High Level Input Voltage Threshold
1.8
2.2
V
RI
Input Pulldown Resistance
100
180
500
k
UNDER VOLTAGE PROTECTION
VDDR
VDD Rising Threshold
VDDR = VDD - VSS
6.0
6.9
7.4
V
VDDH
VDD Threshold Hysteresis
0.5
V
VHBR
HB Rising Threshold
VHBR = VHB - VHS
5.7
6.6
7.1
V
VHBH
HB Threshold Hysteresis
0.4
V
BOOT STRAP DIODE
VDL
Low-Current Forward Voltage
IVDD-HB = 100 µA
VDL = VDD - VHB
0.58
0.9
V
VDH
High-Current Forward Voltage
IVDD-HB = 100 mA
VDH = VDD - VHB
0.82
1.1
V
RD
Dynamic Resistance
IVDD-HB = 100 mA
0.8
1.5
LO GATE DRIVER
VOLL
Low-Level Output Voltage
ILO = 100 mA
VOHL = VLO – VSS
0.28
0.45
V
VOHL
High-Level Output Voltage
ILO = −100 mA,
VOHL = VDD– VLO
0.45
0.75
V
IOHL
Peak Pullup Current
VLO = 0V
1.3
A
IOLL
Peak Pulldown Current
VLO = 12V
1.4
A
HO GATE DRIVER
VOLH
Low-Level Output Voltage
IHO = 100 mA
VOLH = VHO– VHS
0.28
0.45
V
VOHH
High-Level Output Voltage
IHO = −100 mA
VOHH = VHB– VHO
0.45
0.75
V
IOHH
Peak Pullup Current
VHO = 0V
1.3
A
IOLH
Peak Pulldown Current
VHO = 12V
1.4
A
THERMAL RESISTANCE
θJA
(2)
Junction to Ambient
SOIC
160
°C/W
WSON(3)
40


Similar Part No. - LM5107_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5107MA TI-LM5107MA Datasheet
809Kb / 18P
[Old version datasheet]   LM5107 100V / 1.4A Peak Half Bridge Gate Driver
LM5107MAX TI-LM5107MAX Datasheet
809Kb / 18P
[Old version datasheet]   LM5107 100V / 1.4A Peak Half Bridge Gate Driver
LM5107SD TI-LM5107SD Datasheet
809Kb / 18P
[Old version datasheet]   LM5107 100V / 1.4A Peak Half Bridge Gate Driver
LM5107SDX TI-LM5107SDX Datasheet
809Kb / 18P
[Old version datasheet]   LM5107 100V / 1.4A Peak Half Bridge Gate Driver
More results

Similar Description - LM5107_16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5107 NSC-LM5107 Datasheet
655Kb / 10P
   100V / 1.4A Peak Half Bridge Gate Driver
logo
Texas Instruments
LM5107MA TI-LM5107MA Datasheet
809Kb / 18P
[Old version datasheet]   LM5107 100V / 1.4A Peak Half Bridge Gate Driver
logo
National Semiconductor ...
LM5109 NSC-LM5109 Datasheet
657Kb / 9P
   100V / 1A Peak Half Bridge Gate Driver
logo
Texas Instruments
LM5109 TI1-LM5109 Datasheet
733Kb / 14P
[Old version datasheet]   100V/1A Peak Half Bridge Gate Driver
logo
National Semiconductor ...
LM5109B NSC-LM5109B Datasheet
272Kb / 10P
   High Voltage 1A Peak Half Bridge Gate Driver
LM5109A NSC-LM5109A Datasheet
663Kb / 9P
   High Voltage 1A Peak Half Bridge Gate Driver
logo
Texas Instruments
LM5109A TI1-LM5109A_16 Datasheet
844Kb / 18P
[Old version datasheet]   High Voltage 1A Peak Half Bridge Gate Driver
LM5109B-Q1 TI-LM5109B-Q1 Datasheet
755Kb / 22P
[Old version datasheet]   High Voltage 1-A Peak Half Bridge Gate Driver
LM5109AMA TI-LM5109AMA Datasheet
796Kb / 16P
[Old version datasheet]   LM5109A High Voltage 1A Peak Half Bridge Gate Driver
LM5109B TI-LM5109B_15 Datasheet
781Kb / 16P
[Old version datasheet]   LM5109B High Voltage 1A Peak Half Bridge Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com