Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2665M6 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM2665M6
Description  Switched Capacitor Voltage Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2665M6 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM2665M6 Datasheet HTML 4Page - Texas Instruments LM2665M6 Datasheet HTML 5Page - Texas Instruments LM2665M6 Datasheet HTML 6Page - Texas Instruments LM2665M6 Datasheet HTML 7Page - Texas Instruments LM2665M6 Datasheet HTML 8Page - Texas Instruments LM2665M6 Datasheet HTML 9Page - Texas Instruments LM2665M6 Datasheet HTML 10Page - Texas Instruments LM2665M6 Datasheet HTML 11Page - Texas Instruments LM2665M6 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LM2665
SD
V+
CAP+
OUT
GND
OSCILLATOR
Switch Array
Switch Drivers
CAP-
8
LM2665
SNVS009H – NOVEMBER 1999 – REVISED MARCH 2016
www.ti.com
Product Folder Links: LM2665
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The LM2665 CMOS charge-pump voltage converter operates as a voltage doubler for an input voltage in the
range of 2.5 V to 5.5 V. Two low-cost capacitors and a diode (needed during start-up) are used in this circuit to
provide up to 40 mA of output current. The LM2665 can also work as a voltage divider to split a voltage in the
range of 1.8 V to 11 V in half.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Circuit Description
The LM2665 contains four large CMOS switches which are switched in a sequence to double the input supply
voltage. Energy transfer and storage are provided by external capacitors. Figure 10 illustrates the voltage
conversion scheme. When S2 and S4 are closed, C1 charges to the supply voltage V+. During this time interval,
switches S1 and S3 are open. In the next time interval, S2 and S4 are open; at the same time, S1 and S3 are
closed, the sum of the input voltage V+ and the voltage across C1 gives the 2-V+ output voltage when there is no
load. The output voltage drop when a load is added is determined by the parasitic resistance (RDS(on) of the
MOSFET switches and the ESR of the capacitors) and the charge transfer loss between capacitors. Details are
discussed in Application and Implementation.
Figure 10. Voltage Doubling Principle
8.4 Device Functional Modes
8.4.1 Shutdown Mode
A shutdown (SD) pin is available to disable the device and reduce the quiescent current to 1 µA. In normal
operating mode, the SD pin is connected to ground. The device can be brought into the shutdown mode by
applying to the SD pin a voltage greater than 40% of the V+ pin voltage.


Similar Part No. - LM2665M6

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2665M6 NSC-LM2665M6 Datasheet
210Kb / 8P
   Switched Capacitor Voltage Converter
logo
Texas Instruments
LM2665M6 TI-LM2665M6 Datasheet
906Kb / 16P
[Old version datasheet]   LM2665 Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2665M6X NSC-LM2665M6X Datasheet
210Kb / 8P
   Switched Capacitor Voltage Converter
logo
Texas Instruments
LM2665M6X TI-LM2665M6X Datasheet
906Kb / 16P
[Old version datasheet]   LM2665 Switched Capacitor Voltage Converter
More results

Similar Description - LM2665M6

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
   Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
   Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2766 NSC-LM2766 Datasheet
220Kb / 9P
   Switched Capacitor Voltage Converter
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
   Switched-Capacitor Voltage Converter
logo
Texas Instruments
156869 TI-156869 Datasheet
653Kb / 9P
[Old version datasheet]   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2662 NSC-LM2662 Datasheet
282Kb / 12P
   Switched Capacitor Voltage Converter
LM2681 NSC-LM2681 Datasheet
201Kb / 8P
   Switched Capacitor Voltage Converter
logo
ON Semiconductor
MAX829 ONSEMI-MAX829 Datasheet
158Kb / 18P
   Switched Capacitor Voltage Converter
July, 2004 ??Rev. 3
logo
Texas Instruments
LM2660 TI1-LM2660 Datasheet
1Mb / 27P
[Old version datasheet]   Switched Capacitor Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com