Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2665 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM2665
Description  Switched Capacitor Voltage Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2665 Datasheet(HTML) 3 Page - Texas Instruments

  LM2665_16 Datasheet HTML 1Page - Texas Instruments LM2665_16 Datasheet HTML 2Page - Texas Instruments LM2665_16 Datasheet HTML 3Page - Texas Instruments LM2665_16 Datasheet HTML 4Page - Texas Instruments LM2665_16 Datasheet HTML 5Page - Texas Instruments LM2665_16 Datasheet HTML 6Page - Texas Instruments LM2665_16 Datasheet HTML 7Page - Texas Instruments LM2665_16 Datasheet HTML 8Page - Texas Instruments LM2665_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
1
2
3
6
5
4
3
LM2665
www.ti.com
SNVS009H – NOVEMBER 1999 – REVISED MARCH 2016
Product Folder Links: LM2665
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
DBV Package
6-Pin SOT-23
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
VOLTAGE DOUBLER
VOLTAGE SPLIT
1
V+
Power
Power supply positive voltage input
Positive voltage output
2
GND
Ground
Power supply ground input
Same as doubler
3
CAP
Power
Connect this pin to the negative terminal of the
charge-pump capacitor.
Same as doubler
4
SD
Input
Shutdown control pin, tie this pin to ground in
normal operation.
Same as doubler
5
OUT
Power
Positive voltage output
Power supply positive voltage input
6
CAP+
Power
Connect this pin to the positive terminal of the
charge-pump capacitor.
Same as doubler


Similar Part No. - LM2665_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2665 TI-LM2665_15 Datasheet
983Kb / 20P
[Old version datasheet]   LM2665 Switched Capacitor Voltage Converter
More results

Similar Description - LM2665_16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
   Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
   Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2766 NSC-LM2766 Datasheet
220Kb / 9P
   Switched Capacitor Voltage Converter
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
   Switched-Capacitor Voltage Converter
logo
Texas Instruments
156869 TI-156869 Datasheet
653Kb / 9P
[Old version datasheet]   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2662 NSC-LM2662 Datasheet
282Kb / 12P
   Switched Capacitor Voltage Converter
LM2681 NSC-LM2681 Datasheet
201Kb / 8P
   Switched Capacitor Voltage Converter
logo
ON Semiconductor
MAX829 ONSEMI-MAX829 Datasheet
158Kb / 18P
   Switched Capacitor Voltage Converter
July, 2004 ??Rev. 3
logo
Texas Instruments
LM2660 TI1-LM2660 Datasheet
1Mb / 27P
[Old version datasheet]   Switched Capacitor Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com