Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS1910C Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TFS1910C
Description  VI TELEFILTER Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS1910C Datasheet(HTML) 2 Page - Vectron International, Inc

  TFS1910C Datasheet HTML 1Page - Vectron International, Inc TFS1910C Datasheet HTML 2Page - Vectron International, Inc TFS1910C Datasheet HTML 3Page - Vectron International, Inc TFS1910C Datasheet HTML 4Page - Vectron International, Inc TFS1910C Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Filename: tfs 1910c.doc
Version 1.2
01.09.2006
VI TELEFILTER
Filter specification
TFS 1910C
2/5
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@telefilter.com
Filter characteristic
1000
1200
1400
1600
1800
2000
2200
2400
2600
2800
3000
-80
-70
-60
-50
-40
-30
-20
-10
0
frequency in MHz
1862
1874
1886
1898
1910
1922
1934
1946
1958
1970
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
frequency in MHz
Construction and pin connection
(All dimensions in mm)
2,6Max.
1
2
3
4
1,5
2,3
1
Date code
Date code: Year + week
U
2006
V
2007
W
2008
...
1
Input
2
Ground
3
Output
4
Ground
M10C
● U35
50 Ω Test circuit
L1
SAW
L2
2, 4
3
1
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


Similar Part No. - TFS1910C

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS1910B VECTRON-TFS1910B Datasheet
133Kb / 5P
   Vectron International Filter specification
More results

Similar Description - TFS1910C

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS1900 VECTRON-TFS1900 Datasheet
178Kb / 5P
   VI TELEFILTER Filter specification
TFS2067A VECTRON-TFS2067A Datasheet
99Kb / 5P
   VI TELEFILTER Filter specification
TFS2100 VECTRON-TFS2100 Datasheet
125Kb / 5P
   VI TELEFILTER Filter specification
TFS192B VECTRON-TFS192B Datasheet
193Kb / 5P
   VI TELEFILTER Filter specification
TFS192H VECTRON-TFS192H Datasheet
142Kb / 5P
   VI TELEFILTER Filter specification
TFS456AF VECTRON-TFS456AF Datasheet
208Kb / 5P
   VI TELEFILTER Filter specification
TFS1080D VECTRON-TFS1080D Datasheet
85Kb / 5P
   VI TELEFILTER Filter specification
TFS1176A VECTRON-TFS1176A Datasheet
170Kb / 5P
   VI TELEFILTER Filter specification
TFS480B VECTRON-TFS480B Datasheet
147Kb / 5P
   VI TELEFILTER Filter specification
TFS190U VECTRON-TFS190U Datasheet
119Kb / 5P
   VI TELEFILTER Filter specification
TFS1068A VECTRON-TFS1068A Datasheet
183Kb / 5P
   VI TELEFILTER Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com