Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS1860A Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TFS1860A
Description  VI TELEFILTER Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS1860A Datasheet(HTML) 2 Page - Vectron International, Inc

  TFS1860A Datasheet HTML 1Page - Vectron International, Inc TFS1860A Datasheet HTML 2Page - Vectron International, Inc TFS1860A Datasheet HTML 3Page - Vectron International, Inc TFS1860A Datasheet HTML 4Page - Vectron International, Inc TFS1860A Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Filename: tfs 1860a.doc
Version 2.1
24.04.2009
VI TELEFILTER
Filter specification
TFS 1860A
2/5
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@telefilter.com
Filter characteristic
10
380
750
1120
1490
1860
2230
2600
2970
3340
3710
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
frequency in MHz
1810
1820
1830
1840
1850
1860
1870
1880
1890
1900
1910
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
frequency in MHz
1810
1820
1830
1840
1850
1860
1870
1880
1890
1900
1910
0
3
6
9
frequency in MHz
Construction and pin connection
Date code: Year + week
X
2009
A
2010
B
2011
...
1
Ground
2
Input
3
Ground
4
Ground
5
Output
6
Ground
(All dimensions in mm)
1
2
3
4
5
6
0,6
0,6
13
6
4
Date code
L60A
● X17
50 Ω Test circuit
L1
SAW
L2
5
2
1, 3, 4, 6
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


Similar Part No. - TFS1860A

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS1864 VECTRON-TFS1864 Datasheet
144Kb / 5P
   Vectron International Filter specification
TFS1864A VECTRON-TFS1864A Datasheet
204Kb / 5P
   Vectron International Filter specification
TFS186A VECTRON-TFS186A Datasheet
237Kb / 5P
   Filter specification
More results

Similar Description - TFS1860A

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS1900 VECTRON-TFS1900 Datasheet
178Kb / 5P
   VI TELEFILTER Filter specification
TFS2067A VECTRON-TFS2067A Datasheet
99Kb / 5P
   VI TELEFILTER Filter specification
TFS2100 VECTRON-TFS2100 Datasheet
125Kb / 5P
   VI TELEFILTER Filter specification
TFS192B VECTRON-TFS192B Datasheet
193Kb / 5P
   VI TELEFILTER Filter specification
TFS192H VECTRON-TFS192H Datasheet
142Kb / 5P
   VI TELEFILTER Filter specification
TFS456AF VECTRON-TFS456AF Datasheet
208Kb / 5P
   VI TELEFILTER Filter specification
TFS1080D VECTRON-TFS1080D Datasheet
85Kb / 5P
   VI TELEFILTER Filter specification
TFS1176A VECTRON-TFS1176A Datasheet
170Kb / 5P
   VI TELEFILTER Filter specification
TFS480B VECTRON-TFS480B Datasheet
147Kb / 5P
   VI TELEFILTER Filter specification
TFS190U VECTRON-TFS190U Datasheet
119Kb / 5P
   VI TELEFILTER Filter specification
TFS1068A VECTRON-TFS1068A Datasheet
183Kb / 5P
   VI TELEFILTER Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com