Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMA6862MZ Datasheet(PDF) 3 Page - Sanken electric

Part # SMA6862MZ
Description  High Voltage 3-Phase Motor Drivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SMA6862MZ Datasheet(HTML) 3 Page - Sanken electric

  SMA6862MZ Datasheet HTML 1Page - Sanken electric SMA6862MZ Datasheet HTML 2Page - Sanken electric SMA6862MZ Datasheet HTML 3Page - Sanken electric SMA6862MZ Datasheet HTML 4Page - Sanken electric SMA6862MZ Datasheet HTML 5Page - Sanken electric SMA6862MZ Datasheet HTML 6Page - Sanken electric SMA6862MZ Datasheet HTML 7Page - Sanken electric SMA6862MZ Datasheet HTML 8Page - Sanken electric SMA6862MZ Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
SANKEN ELECTRIC CO., LTD.
High Voltage 3-Phase Motor Drivers
SMA6860MZ Series
SMA6860MZ-DS, Rev. 5
Recommended Operating Conditions
Characteristic
Symbol
Remarks
Min.
Typ.
Max.
Units
Main Supply Voltage
VBB
SMA6861MZ
Between VBB and LS
200
V
SMA6862MZ
400
V
SMA6863MZ
400
V
SMA6864MZ
200
V
SMA6865MZ
400
V
VBB Snubber Capacitor
CSB
0.01
0.1
μF
Logic Supply Voltage
VCC
Between VCC and COM
13.5
15
16.5
V
Zener Voltage for VCCx Pins
VZ
Between VCC and COM
18
20
V
Pull-up Voltage
VSDx, VOCL
4.5
5
5.5
V
Pull-up Resistor ¯S¯¯¯D¯¯2¯ Pin
RUP2
3.3
10
Pull-up Resistor ¯O¯¯¯C¯¯L¯Pin
RUP1
1
10
Pull-up Resistor RC Pin
RR
33
390
Capacitor ¯S¯¯¯D¯¯x¯ and ¯O¯¯¯C¯¯L¯Pins
CSDX
1
10
nF
Capacitor RC Pin
CC
1
4.7
nF
Dead Time
tdead
TJ = –20°C to 150°C
1.5
μs
Minimum Input Pulse Width
IINMIN(on)
TJ = –20°C to 150°C
0.5
μs
IINMIN(off)
TJ = –20°C to 150°C
0.5
μs
Switching Frequency
fPWM
20
kHz


Similar Part No. - SMA6862MZ

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SMA6862M SANKEN-SMA6862M Datasheet
237Kb / 13P
   High Voltage 3-Phase Motor Driver
SMA6862M SANKEN-SMA6862M Datasheet
350Kb / 17P
   High Voltage 3-Phase Motor Drivers
SMA6862MH SANKEN-SMA6862MH Datasheet
1Mb / 52P
   500 V, 1 A to 3 A High Voltage 3-phase Motor Drivers
More results

Similar Description - SMA6862MZ

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SMA6820MH SANKEN-SMA6820MH Datasheet
185Kb / 11P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SMA6820MP ALLEGRO-SMA6820MP Datasheet
301Kb / 13P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SMA6850M SANKEN-SMA6850M Datasheet
334Kb / 15P
   High Voltage 3-Phase Motor Drivers
SMA6860M SANKEN-SMA6860M Datasheet
350Kb / 17P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SLA6860M ALLEGRO-SLA6860M Datasheet
334Kb / 17P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SLA6820M SANKEN-SLA6820M Datasheet
309Kb / 14P
   High Voltage 3-Phase Motor Drivers
SLA6868MZ SANKEN-SLA6868MZ Datasheet
262Kb / 18P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SX68000M ALLEGRO-SX68000M Datasheet
515Kb / 15P
   High Voltage 3-Phase Motor Drivers
SLA6870MZ ALLEGRO-SLA6870MZ Datasheet
371Kb / 19P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SX68000MH SANKEN-SX68000MH Datasheet
333Kb / 13P
   High Voltage 3-Phase Motor Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com