Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCM1263MF Datasheet(PDF) 11 Page - Sanken electric

Part # SCM1263MF
Description  500V / 600V High Voltage Three-phase Motor Driver ICs
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SCM1263MF Datasheet(HTML) 11 Page - Sanken electric

Back Button SCM1263MF Datasheet HTML 7Page - Sanken electric SCM1263MF Datasheet HTML 8Page - Sanken electric SCM1263MF Datasheet HTML 9Page - Sanken electric SCM1263MF Datasheet HTML 10Page - Sanken electric SCM1263MF Datasheet HTML 11Page - Sanken electric SCM1263MF Datasheet HTML 12Page - Sanken electric SCM1263MF Datasheet HTML 13Page - Sanken electric SCM1263MF Datasheet HTML 14Page - Sanken electric SCM1263MF Datasheet HTML 15Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
SCM1200MF Series
SCM1200MF-DSJ Rev.1.1
SANKEN ELECTRIC CO.,LTD.
11
Feb. 19, 2016
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO.,LTD. 2015
3.4.6. SCM1245MF
Characteristics
Symbol
Conditions
Min.
Typ.
Max.
Unit
Collector-to-Emitter Leakage Current
ICES
VCE = 600 V, VIN = 0 V
1
mA
Collector-to-Emitter Saturation
Voltage
VCE(SAT)
IC = 20 A, VIN = 5 V
1.7
2.2
V
Emitter-to-Collector Diode Forward
Voltage
VF
IF = 20 A,VIN = 0 V
1.9
2.4
V
High-side Switching
Emitter-to-Collector Diode Reverse
Recovery Time
trr
VDC = 300 V, IC = 20 A,
inductive load,
VIN = 0→5 V or 5→0 V,
Tj = 25°C
75
ns
Turn-On Delay Time
td(on)
695
ns
Rise Time
tr
95
ns
Turn-Off Delay Time
td(off)
675
ns
Fall Time
tf
55
ns
Low-side Switching
Emitter-to-Collector Diode Reverse
Recovery Time
trr
VDC = 300 V, IC = 20 A,
inductive load,
VIN = 0→5 V or 5→0 V,
Tj = 25°C
115
ns
Turn-On Delay Time
td(on)
715
ns
Rise Time
tr
135
ns
Turn-Off Delay Time
td(off)
670
ns
Fall Time
tf
50
ns
3.4.7. SCM1256MF
Characteristics
Symbol
Conditions
Min.
Typ.
Max.
Unit
Collector-to-Emitter Leakage Current
ICES
VCE = 600 V, VIN = 0 V
1
mA
Collector-to-Emitter Saturation
Voltage
VCE(SAT)
IC = 30 A, VIN = 5 V
1.7
2.2
V
Emitter-to-Collector Diode Forward
Voltage
VF
IF = 30 A,VIN = 0 V
1.9
2.4
V
High-side Switching
Emitter-to-Collector Diode Reverse
Recovery Time
trr
VDC = 300 V, IC = 30 A,
inductive load,
VIN = 0→5 V or 5→0 V,
Tj = 25°C
70
ns
Turn-On Delay Time
td(on)
760
ns
Rise Time
tr
130
ns
Turn-Off Delay Time
td(off)
1260
ns
Fall Time
tf
90
ns
Low-side Switching
Emitter-to-Collector Diode Reverse
Recovery Time
trr
VDC = 300 V, IC = 30 A,
inductive load,
VIN = 0→5 V or 5→0 V,
Tj = 25°C
80
ns
Turn-On Delay Time
td(on)
770
ns
Rise Time
tr
160
ns
Turn-Off Delay Time
td(off)
1200
ns
Fall Time
tf
90
ns


Similar Part No. - SCM1263MF

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
SCM120 AXIOMTEK-SCM120 Datasheet
371Kb / 1P
   Ultra Low Power Consumption Cortex-A9
SCM120-120-EVK AXIOMTEK-SCM120-120-EVK Datasheet
364Kb / 1P
   High flexibility SMARC v1.0 compliant design
SCM120-120-EVK AXIOMTEK-SCM120-120-EVK_17 Datasheet
193Kb / 1P
   SMARC v1.0 SoM Evaluation Kit with Quad/DualLite 800 MHz (Industrial)
SCM120 AXIOMTEK-SCM120_16 Datasheet
231Kb / 1P
   High flexibility SMARC v1.0 compliant design
SCM120 AXIOMTEK-SCM120_17 Datasheet
264Kb / 1P
   SMARC v1.0 SoM with Quad/DualLite 800 MHz (Industrial) SoC, 1GB Memory
More results

Similar Description - SCM1263MF

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SIM6880M SANKEN-SIM6880M Datasheet
2Mb / 52P
   500V / 600V High Voltage 3-phase Motor Driver ICs
SIM6800M SANKEN-SIM6800M Datasheet
2Mb / 52P
   500V / 600V High Voltage 3-phase Motor Driver ICs
SCM1270MF SANKEN-SCM1270MF Datasheet
1Mb / 53P
   600V High Voltage 3-phase Motor Driver ICs
SIM6812M SANKEN-SIM6812M Datasheet
553Kb / 16P
   High Voltage 3-Phase Motor Driver ICs
logo
Allegro MicroSystems
SIM6800M ALLEGRO-SIM6800M Datasheet
317Kb / 16P
   High Voltage 3-Phase Motor Driver ICs
logo
Sanken electric
SMA685XM SANKEN-SMA685XM Datasheet
615Kb / 13P
   High Voltage 3-Phase Motor Driver ICs
SMA6852MZ SANKEN-SMA6852MZ Datasheet
615Kb / 13P
   High Voltage 3-Phase Motor Driver ICs
SX1A5201E1S SANKEN-SX1A5201E1S Datasheet
811Kb / 34P
   500V High Voltage 3-phase Motor Driver IC
SPI-6631M SANKEN-SPI-6631M Datasheet
82Kb / 2P
   Low Voltage 3-Phase Brushless Motor Driver ICs
logo
STMicroelectronics
L634 STMICROELECTRONICS-L634 Datasheet
469Kb / 10P
   THREE PHASE MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com