Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IQS333 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # IQS333
Description  9 Channel Projected / 7 Channel Self- Capacitive Touch and Proximity Controller with 2 x 11-bit slider/scroll wheels
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IQS333 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button IQS333 Datasheet HTML 2Page - List of Unclassifed Manufacturers IQS333 Datasheet HTML 3Page - List of Unclassifed Manufacturers IQS333 Datasheet HTML 4Page - List of Unclassifed Manufacturers IQS333 Datasheet HTML 5Page - List of Unclassifed Manufacturers IQS333 Datasheet HTML 6Page - List of Unclassifed Manufacturers IQS333 Datasheet HTML 7Page - List of Unclassifed Manufacturers IQS333 Datasheet HTML 8Page - List of Unclassifed Manufacturers IQS333 Datasheet HTML 9Page - List of Unclassifed Manufacturers IQS333 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
IQ Switch
®
ProxSense
® Series
Copyright © Azoteq (Pty) Ltd 2015.
IQS333 Datasheet
Page 6 of 50
All rights reserved.
Revision 1.08
October 2015
4.2 Reference Design
4.2.1 Projected Schematic
Figure 4.2
IQS333 Reference Design (Projected capacitive sensing).
4.2.2 Projected Electrodes
1
1
1
Tx0
Rx0
Rx1
Rx2
Wheel
OR
Slider
Rx1
Rx2
Rx0
Rx0
GND
Tx0
Tx0
Up to 8cm. Suggested line thickness: Tx = 1mm; Rx = 0.8mm
Figure 4.3
Projected-Capacitive Wheel, Slider and Button layout guidelines.
DXF files for wheels and sliders are available on request: info@azoteq.com.


Similar Part No. - IQS333

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IQS316 ETC2-IQS316 Datasheet
985Kb / 26P
   Multi-channel Capacitive Sensing Controller with Advanced Signal Processing Functions
IQS3160QFMOQ ETC2-IQS3160QFMOQ Datasheet
1Mb / 28P
   16 Touch Keys with distributed Proximity Sensing
IQS3160QFR ETC2-IQS3160QFR Datasheet
1Mb / 28P
   16 Touch Keys with distributed Proximity Sensing
IQS3160QNMOQ ETC2-IQS3160QNMOQ Datasheet
1Mb / 28P
   16 Touch Keys with distributed Proximity Sensing
IQS3160QNR ETC2-IQS3160QNR Datasheet
1Mb / 28P
   16 Touch Keys with distributed Proximity Sensing
More results

Similar Description - IQS333

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IQS360 ETC2-IQS360 Datasheet
2Mb / 53P
   12 Channel Projected Capacitive Touch & Proximity Controller with Trackpad and Keypad Capability
logo
Microchip Technology
MTCH6301 MICROCHIP-MTCH6301_14 Datasheet
1Mb / 40P
   MTCH6301 Projected Capacitive Touch Controller
03/13/14
logo
List of Unclassifed Man...
IQS228AS ETC2-IQS228AS Datasheet
1Mb / 30P
   Single Channel Capacitive Proximity/Touch Controller
IQS128 ETC2-IQS128 Datasheet
1Mb / 33P
   Single Channel Capacitive Proximity, Touch Controller
IQS227AS ETC2-IQS227AS Datasheet
1Mb / 31P
   Single Channel Capacitive Proximity/Touch Controller
IQS211 ETC2-IQS211 Datasheet
1Mb / 33P
   Single Channel Capacitive Proximity/Touch Controller with movement detection
logo
Microchip Technology
CAP1296 MICROCHIP-CAP1296 Datasheet
834Kb / 68P
   6-Channel Capacitive Touch Sensor with Proximity
07/14/15
CAP1293 MICROCHIP-CAP1293 Datasheet
591Kb / 63P
   3-Channel Capacitive Touch Sensor with Proximity
07/14/15
logo
List of Unclassifed Man...
FT6336G ETC1-FT6336G Datasheet
437Kb / 12P
   Self-Capacitive Touch Panel Controller
FT6X06 ETC2-FT6X06 Datasheet
736Kb / 27P
   Self-Capacitive Touch Panel Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com