Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS135E Datasheet(PDF) 5 Page - Vectron International, Inc

Part # TFS135E
Description  Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS135E Datasheet(HTML) 5 Page - Vectron International, Inc

  TFS135E Datasheet HTML 1Page - Vectron International, Inc TFS135E Datasheet HTML 2Page - Vectron International, Inc TFS135E Datasheet HTML 3Page - Vectron International, Inc TFS135E Datasheet HTML 4Page - Vectron International, Inc TFS135E Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Filename: tfs135e.doc
Version 5.0
11.06.2013
Vectron International
Filter specification
TFS135E
5/5
Vectron International GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@vectron.com
Vectron International GmbH reserves the right to make changes to the product(s) and/or information contained herein without notice.
No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or
information.
History
Version
Reason of Changes
Name
Date
1.0
- Generation of development specification
Strehl
25.07.2007
1.1
- Change fN
Strehl
27.07.2007
1.2
- Add typ. value, filter characteristic and 50 Ohm test circuit
Strehl
04.09.2007
- Generation of filter specification
2.0
- Added bandwidth values in to the data table
Raura
15.05.2012
3.0
- Changed pin marker position in Tape & Reel
Raura
04.01.2013
4.0
- Reduce pass band width
Dr. Wall
26.04.2013
5.0
- Skip modificatons from specification version 4.0
Dr. Wall
11.06.2013
- Intensify guaranteed parameters of parameters of “change of temperature”
in chapter “stability characteristics, reliability”
- Change RoHS norm in chapter “stability characteristics, reliability”
- Change turn over temperature
- Change temperature coefficient of frequency
- Remove 1 dB amplitude ripple from specification
- Change remark (way of guadbanding for frequency shift over temperature)
- Limit lines in “filter characteristic” adjusted


Similar Part No. - TFS135E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TFS135 ETC1-TFS135 Datasheet
146Kb / 5P
   Filter Specification
logo
Vectron International, ...
TFS135 VECTRON-TFS135 Datasheet
116Kb / 5P
   Filter Specification
TFS135C VECTRON-TFS135C Datasheet
49Kb / 5P
   Filter Specification
TFS135D VECTRON-TFS135D Datasheet
148Kb / 5P
   Filter specification
TFS135G VECTRON-TFS135G Datasheet
81Kb / 5P
   Filter specification
More results

Similar Description - TFS135E

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com