Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZ-10NN27 Datasheet(PDF) 9 Page - Sanken electric

Part # SZ-10NN27
Description  Transient Voltage Suppressor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SZ-10NN27 Datasheet(HTML) 9 Page - Sanken electric

Back Button SZ-10NN27 Datasheet HTML 3Page - Sanken electric SZ-10NN27 Datasheet HTML 4Page - Sanken electric SZ-10NN27 Datasheet HTML 5Page - Sanken electric SZ-10NN27 Datasheet HTML 6Page - Sanken electric SZ-10NN27 Datasheet HTML 7Page - Sanken electric SZ-10NN27 Datasheet HTML 8Page - Sanken electric SZ-10NN27 Datasheet HTML 9Page - Sanken electric SZ-10NN27 Datasheet HTML 10Page - Sanken electric SZ-10NN27 Datasheet HTML 11Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
SZ-10 Series
SZ-10 - DSE Rev.1.1
SANKEN ELECTRIC CO.,LTD.
9
Mar.11, 2016
http://www.sanken-ele.co.jp/en/
© SANKEN ELECTRIC CO.,LTD. 2015
3.6
SZ-10NN40 Typical Characteristics
Figure 3-17 VF-IF typical characteristics
Figure 3-18 VR-IR typical characteristics
Figure 3-19 IZ-VZ typical characteristics
Figure 3-20 Typical transient thermal resistance
0.001
0.01
0.1
1
10
100
0
0.5
1
1.5
Forward Voltage, V
F (V)
1.E-09
1.E-08
1.E-07
1.E-06
1.E-05
1.E-04
1.E-03
0
10
20
30
40
Reverse Voltage, V
R (V)
0.001
0.01
0.1
1
10
100
36
38
40
42
44
46
Breakdown Voltage, V
Z (V)
0.01
0.1
1
10
100
0.01
0.1
1
10
100
1000
Time (s)
t = 0.6ms
TA = 150°C
TA = 175°C
TA = 25°C
TA = 100°C
Between junction and lead*
Between junction and ambient air
* Refer to Figure 1-1
TA = 150°C
TA = 175°C
TA = 25°C
TA = 100°C


Similar Part No. - SZ-10NN27

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SZ-100 ETC2-SZ-100 Datasheet
2Mb / 2P
   A smart smooth body to bring harmony to machinery
More results

Similar Description - SZ-10NN27

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com