Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHV-02JN Datasheet(PDF) 3 Page - Sanken electric

Part # SHV-02JN
Description  High Voltage Rectifier Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SHV-02JN Datasheet(HTML) 3 Page - Sanken electric

  SHV-02JN Datasheet HTML 1Page - Sanken electric SHV-02JN Datasheet HTML 2Page - Sanken electric SHV-02JN Datasheet HTML 3Page - Sanken electric SHV-02JN Datasheet HTML 4Page - Sanken electric SHV-02JN Datasheet HTML 5Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
SANKEN ELECTRIC CO., LTD.
SHV02JN-DS
High Voltage Rectifier Diode
SHV-02JN
December 11, 2007
C = 25 pF
f
Igniter
VTEST = 16 V
IR(peak) = 50 mA
60 μs
0 A
IR
IF
L
f
Igniter
VTEST = 16 V
Electrical Operation Tests
Ambient Temperature, TA: 130°C
Capacitance: C: 25 pF
1) f = 66 Hz for 3 minutes
2) f = 33.3 Hz for 20 hours
Ambient Temperature, TA: 130°C
Secondary Discharge Voltage: 25 ±5 kV
L: 600 mm maximum
f = 66.6 Hz
T = 1000 hours
Pulse Width : 60 μs
Peak Value: 50 mA
Power per pulse: 5.4 mJ
Test Condition
Test Condition
Reverse Current Waveform Through Diode
Spark Discharge Test
The ratings in the Electrical Characteristics must be satisfied after tests at the following condition
Open Operation Test
The ratings in the Electrical Characteristics must be satisfied after tests at the following condition
Note: Additional conditions during electrical operation tests in this page
1. Sample diode should be overmolded with more than 10 mm × 10 mm × 30 mm of epoxy
resin, but thermal resistance, Rth(j-a) , at 1 W dissipation less than 65°/W.
2. If product high-voltage code is not specified, no line noise resistance is specified.


Similar Part No. - SHV-02JN

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SHV-02 SANKEN-SHV-02 Datasheet
43Kb / 2P
   High-Voltage Rectifier Diodes
SHV-02 SANKEN-SHV-02 Datasheet
29Kb / 2P
   High-Voltage Rectifier Diodes
More results

Similar Description - SHV-02JN

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SHV-06HN EIC-SHV-06HN Datasheet
120Kb / 1P
   HIGH VOLTAGE RECTIFIER DIODE
logo
GETAI ELECTRONICS DEVIC...
HVM09-350 GETEDZ-HVM09-350_V01 Datasheet
507Kb / 2P
   High Voltage Rectifier Diode
HVM12-350 GETEDZ-HVM12-350_V01 Datasheet
506Kb / 2P
   High Voltage Rectifier Diode
HVM16-YB GETEDZ-HVM16-YB Datasheet
507Kb / 2P
   High Voltage Rectifier Diode
logo
Shenzhen Luguang Electr...
SHV-05J LUGUANG-SHV-05J Datasheet
382Kb / 1P
   High Voltage Rectifier Diode
logo
GETAI ELECTRONICS DEVIC...
HVM09-450 GETEDZ-HVM09-450_V01 Datasheet
507Kb / 2P
   High Voltage Rectifier Diode
HVM12-450 GETEDZ-HVM12-450_V01 Datasheet
507Kb / 2P
   High Voltage Rectifier Diode
logo
Sanken electric
SHV-06JN SANKEN-SHV-06JN Datasheet
146Kb / 5P
   High Voltage Rectifier Diode
logo
NXP Semiconductors
BY459F-1500 PHILIPS-BY459F-1500 Datasheet
34Kb / 6P
   Rectifier diode fast, high-voltage
August 1996-Rev 1.200
logo
GETAI ELECTRONICS DEVIC...
2CL2FG GETEDZ-2CL2FG_17 Datasheet
515Kb / 2P
   High Voltage Silicon Rectifier Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com