Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSK389-B-SOIC-8 Datasheet(PDF) 2 Page - Linear Integrated Systems

Part # LSK389-B-SOIC-8
Description  ULTRA LOW NOISE MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LSK389-B-SOIC-8 Datasheet(HTML) 2 Page - Linear Integrated Systems

  LSK389-B-SOIC-8 Datasheet HTML 1Page - Linear Integrated Systems LSK389-B-SOIC-8 Datasheet HTML 2Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Linear Integrated Systems
• 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261
Doc 201122 5/02/2014 Rev#A7 ECN# LSK389
ELECTRICAL CHARACTERISTICS CONT. @ 25°C (unless otherwise stated)
SYMBOL
CHARACTERISTIC
MIN
TYP
MAX
UNITS
CONDITIONS
Gfs
Full Conduction Transconductance
8
20
mS
VDS = 10V, VGS = 0, f = 1kHz
en
Noise Voltage
0.9
1.9
Nv/
√Hz
VDS = 10V, ID = 2mA, f = 1kHz,
NBW = 1Hz
en
Noise Voltage
2.5
4
Nv/√Hz
VDS = 10V, ID = 2mA, f = 10Hz,
NBW = 1Hz
CISS
Common Source Input Capacitance
25
pF
VDS = 10V, VGS = 0, f = 1MHz,
CRSS
Common Source Reverse Transfer Cap.
5.5
pF
VDG = 10V, ID = 0, f = 1MHz,
A
ORDERING INFORMATION
SOIC-8
LSK389 -
-
IDSS Range
A
B
C
D
2.6 - 6.5 mA
6 - 12 mA
10 - 20 mA
17 - 30 mA
Package
TO-71
SOIC-8
TO-71 6L
SOIC-A 8L
1.
Absolute maximum ratings are limiting values above which serviceability may be impaired.
Information furnished by Linear Integrated Systems is believed to be accurate and reliable. However, no responsibility is assumed for its use;
nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Linear Integrated Systems.
NOTES:
Linear Integrated Systems (LIS) is a 25-year-old, third-generation precision semiconductor company providing high-quality
discrete components. Expertise brought to LIS is based on processes and products developed at Amelco, Union Carbide, Intersil
and Micro Power Systems by company President John H. Hall. Hall, a protégé of Silicon Valley legend Dr. Jean Hoerni, was the
director of IC Development at Union Carbide, Co-Founder and Vice President of R&D at Intersil, and Founder/President of Micro
Power Systems.
PACKAGE DIMENSIONS
TO-71
SOIC-A
Note: All Dimensions in inches
0.210
0.170


Similar Part No. - LSK389-B-SOIC-8

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LSK389-B-SOIC-8 LINEAR-LSK389-B-SOIC-8 Datasheet
118Kb / 2P
   ULTRA LOW NOISE MONOLITHIC DUAL N-CHANNEL JFET
More results

Similar Description - LSK389-B-SOIC-8

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LS843 LINEAR-LS843_14 Datasheet
327Kb / 2P
   ULTRA LOW NOISE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
LSK389 LINEAR-LSK389 Datasheet
118Kb / 2P
   ULTRA LOW NOISE MONOLITHIC DUAL N-CHANNEL JFET
logo
New Jersey Semi-Conduct...
LSK389 NJSEMI-LSK389 Datasheet
88Kb / 2P
   ULTRA LOW NOISE MONOLITHIC DUAL N-CHANNEL JFET
logo
Linear Integrated Syste...
LSK489A LINEAR-LSK489A Datasheet
523Kb / 7P
   Low Noise, Monolithic Dual N-Channel JFET Amplifier
04/12/2022 Rev. A40
LS843-5 LINEAR-LS843-5 Datasheet
32Kb / 2P
   ULTRA LOW NOISE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET
LSK489 LINEAR-LSK489 Datasheet
648Kb / 6P
   LOW NOISE LOW CAPACITANCE MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
LS3954A LINEAR-LS3954A_14 Datasheet
289Kb / 2P
   LOW NOISE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
U401 LINEAR-U401_15 Datasheet
314Kb / 2P
   LOW NOISE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
LS5911 LINEAR-LS5911_15 Datasheet
328Kb / 3P
   IMPROVED LOW NOISE WIDEBAND MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
logo
Intersil Corporation
2N5515 INTERSIL-2N5515 Datasheet
72Kb / 2P
   DUAL N CHANNEL JFET LOW NOISE AMPLIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com