Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3N164 Datasheet(PDF) 1 Page - Linear Integrated Systems

Part # 3N164
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

3N164 Datasheet(HTML) 1 Page - Linear Integrated Systems

  3N164 Datasheet HTML 1Page - Linear Integrated Systems 3N164 Datasheet HTML 2Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Linear Integrated Systems
• 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261
Doc 201137 09/02/2014 Rev#A8 ECN# 3N163 3N164
FEATURES
VERY HIGH INPUT IMPEDANCE
HIGH GATE BREAKDOWN
ULTRA LOW LEAKAGE
FAST SWITCHING
LOW CAPACITANCE
ABSOLUTE MAXIMUM RATINGS
@ 25°C (unless otherwise stated)
Drain-Source or Drain-Gate Voltage
3N163
-40V
3N164
-30V
Drain Current
50mA
Storage Temperature
-55ºC to +150ºC
Power Dissipation TO-72 case
375mW2
Power Dissipation SOT-143 case
350mW3
ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted)
SYMBOL
CHARACTERISTIC
3N163
3N164
UNITS
CONDITIONS
MIN
MAX
MIN
MAX
IGSS
Gate Leakage Current
-10
-10
pA
VGS=-40V, VDS=0 (3N163), VSB=0V
TA=+125ºC
-25
-25
VGS=-30V, VDS=0 (3N164), VSB=0V
BVDSS
Drain-Source Breakdown Voltage
-40
-30
ID=-10µA
VGS=0, VBS=0
BVSDS
Source-Drain Breakdown Voltage
-40
-30
V
IS=-10µA
VGD=0, VBD=0
VGS(th)
Threshold Voltage
-2.0
-5.0
-2.0
-5.0
VDS=VGS
ID=-10µA, VSB=0V
VGS
Gate Source Voltage (on)
-3.0
-6.5
-3.0
-6.5
VDS=-15V
ID=-0.5mA, VSB=0V
IDSS
Zero Gate Voltage, Drain Current (off)
-200
-400
pA
VDS=-15V
VGS=0, VSB=0V
ISDS
Zero Gate Voltage, Source Current
-400
-800
VSD=-15V
VGS=0, VDB=0V
RDS(on)
Drain-Source on Resistance
250
300
ohms
VGS=-20V
ID=-100µA, VSB=0V
ID(on)
On Drain Current
-5.0
-30
-3.0
-30
mA
VDS=-15V
VGS=-10V, VSB=0V
gfs
Forward Transconductance
2.0
4.0
1.0
4.0
mS
VDS=-15V
ID=-10mA
f=1kHz
gog
Output Admittance
250
250
µS
Ciss
Input Capacitance-Output Shorted
3.5
3.5
pF
VDS=-15V
ID=-10mA 1
f=1MHz
Crss
Reverse Transfer Capacitance
0.7
0.7
Coss
Output Capacitance Input Shorted
3.0
3.0
3N163, 3N164
P-CHANNEL
ENHANCEMENT MODE
MOSFET
TO-72
TOP VIEW
SOT-143
TOP VIEW


Similar Part No. - 3N164

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
3N164 LINEAR-3N164 Datasheet
18Kb / 2P
   P-CHANNEL ENHANCEMENT MODE
logo
Calogic, LLC
3N164 CALOGIC-3N164 Datasheet
28Kb / 2P
   P-Channel Enhancement Mode MOSFET General Purpose Amplifier Switch
logo
Intersil Corporation
3N164 INTERSIL-3N164 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
New Jersey Semi-Conduct...
3N164 NJSEMI-3N164 Datasheet
123Kb / 1P
   (SINGLE, DUAL) MOS FET P-CHANNEL, ENHANCEMENT
logo
Micross Components
3N164 MICROSS-3N164 Datasheet
366Kb / 1P
   an enhancement mode P-Channel Mosfet
More results

Similar Description - 3N164

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com