Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SEP181406A Datasheet(PDF) 1 Page - Sanken electric

Part No. SEP181406A
Description  High Luminous Intensity, RoHS compliant
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANKEN [Sanken electric]
Homepage  http://www.sanken-ele.co.jp/en
Logo 

SEP181406A Datasheet(HTML) 1 Page - Sanken electric

 
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LED Data Sheet - SEP181406A
SEP181406A
● External Shape Type : 3.5×2.8 Flat View LED
● Color : Amber
● Lens color : Clear
● Material of a chip : AlGaInP
● Application : Automotive, Consumer Electronics, Office Automation, Indicator
● Feature : High Luminous Intensity, RoHS compliant,
Compatible with heat-resistance of lead-free solder.
●Rating  
Description
Symbol
Unit
Power dissipation
PD
mW
Forward current
IF
mA
Forward current
reduction
⊿IF
mA/℃
Pulse forward
current
IFP
mA
Reverse voltage
VR
V
Operating temperature
Topr
Storage temperature
Tstg
●Photoelectric characteristic  (Ta=25℃)
Description
Symbol
Min
Typ
Max
Unit
Forward voltage
VF
2.0
2.5
V
Reverse current
IR
10
μA
Luminous intensity
IV
153
245
mcd
Dominant wavelength
λd
605
nm
Spectral bandwidth
⊿λ
15
nm
Directional angle
1/2
120
deg.
●Luminous intensity rank (Ta=25℃)
D
153
270
E
221
●Dominant wavelength rank (Ta=25℃) Tolerance:±2nm
Y
602
605
R
605
608
    SANKEN ELECTRIC COMPANY, LTD.
rank
Luminous intensity
range(mcd)
rank
Dominant Wavelengs
range(nm)
Ratings
70
30
75
-30~ 85
5
VR = 5V
IF = 20mA
Conditions
IF = 20mA
IF = 20mA
IF = 20mA
IF = 20mA
Remark
Avobe25℃
-30~100
-0.45
f=1kHz
tw≦100μs
Page 1 / 10


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn