Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SEP181406A Datasheet(PDF) 6 Page - Sanken electric

Part No. SEP181406A
Description  High Luminous Intensity, RoHS compliant
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANKEN [Sanken electric]
Homepage  http://www.sanken-ele.co.jp/en
Logo 

SEP181406A Datasheet(HTML) 6 Page - Sanken electric

 
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
LED Data Sheet - SEP181406A
● Attention after opened
The LED is in SMD package. When the LED is mounted by means of soldering and the resin
is unusually damp, soldering may cause interfacial defoliation.
This occurs when a drastic temperature change causes moisture in the resin to evaporate and
to swell. Therefore, attention to the below must be paid.  
① Atmosphere when using the LEDs after package is opened
After opened and mounted, soldering should be carried out quickly.
Following atmosphere is recommended when using (and mounting) the LEDs.
Temperature : 5~30℃
Humidity : less than 70%
② Baking
In case 168 hours have passed after package is opened, LEDs must be dried as follows.
60±5 ℃ for more than 24 hours (taping reel)
③ Storage after package is opened
Following storage conditions are recommended after package is opened.
In case indicator color (blue) of desiccant (ex. silica gel) has disappeared,
LEDs must be dried under the same conditions as ② above.
● Other
① After soldering any mechanical force or excessive vibration should not be applied to LEDs during
cooling process until the LEDs cool down to normal temperature.
② Quick cooling must be avoided.
③ The LEDs should not be mounted on warped direction of PCB.
④ This product series emits high light power. Do not look directly into the light emitting area.
Direct exposure to the light over an extended time period may harm eyes.
⑤ Extra attention should be paid to the sealing resin of the product, which is silicone resin.
・The emitting area of the LEDs contains fine gold wires. Touching this area witout care may
add excess stress on the internal gold wires and may result in
・The silver plating of the leadframe may discolor if the product comes into contact with material
 containing sulfides or if it is exposed to an atmosphere containing sulfide gas.
    SANKEN ELECTRIC COMPANY, LTD.
Page 6 / 10


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn