Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SECU1R0EC-S Datasheet(PDF) 5 Page - Sanken electric

Part # SECU1R0EC-S
Description  High Luminous Intensity, RoHS compliant
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SECU1R0EC-S Datasheet(HTML) 5 Page - Sanken electric

  SECU1R0EC-S Datasheet HTML 1Page - Sanken electric SECU1R0EC-S Datasheet HTML 2Page - Sanken electric SECU1R0EC-S Datasheet HTML 3Page - Sanken electric SECU1R0EC-S Datasheet HTML 4Page - Sanken electric SECU1R0EC-S Datasheet HTML 5Page - Sanken electric SECU1R0EC-S Datasheet HTML 6Page - Sanken electric SECU1R0EC-S Datasheet HTML 7Page - Sanken electric SECU1R0EC-S Datasheet HTML 8Page - Sanken electric SECU1R0EC-S Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
LED Data Sheet - SECU1R0EC-S
● Soldering conditions
Following soldering conditions are recommended.
① Reflow conditions(at the surface of LED resin)
Pre-heat :150 ~ 180 ℃、60 ~ 120 sec
Soldering temperature: Soldering time more than 220℃ is less than 40 sec.
Peak temperature is should be is less than 260℃.
② Manual soldering
Temperature of soldering iron tip should be 350±10℃ for 3 seconds, which shall apply to only one
soldered point and once for the each soldered point.
③ Recommendable soldering pattern
Unit:mm
    SANKEN ELECTRIC COMPANY, LTD.
Reflow soldering profile
20
60
100
140
180
220
260
300
0
50
100
150
200
250
300
Soldering Time
Pre-heat
60 ~ 120 sec
Max 40
sec
Peak Max 260℃
1.2
Page 5 / 10


Similar Part No. - SECU1R0EC-S

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SECU1205C-S SANKEN-SECU1205C-S Datasheet
440Kb / 2P
   1.6 횞 0.8 Miniature Surface Mount LEDs
SECU1205C-S SANKEN-SECU1205C-S Datasheet
205Kb / 10P
   1.6*0.8*0.55 Miniature Surface Mount LED
SECU120EC-S SANKEN-SECU120EC-S Datasheet
180Kb / 10P
   3.0*1.4 Flat View LED
SECU1211C-NH20 SANKEN-SECU1211C-NH20 Datasheet
779Kb / 10P
   1.6횞0.8횞1.1t Miniature Surface Mount LED
SECU1211C20 SANKEN-SECU1211C20 Datasheet
793Kb / 11P
   1.6횞0.8횞1.1t Miniature Surface Mount LED
More results

Similar Description - SECU1R0EC-S

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SEP191404 SANKEN-SEP191404 Datasheet
228Kb / 10P
   High Luminous Intensity, RoHS compliant
SEP1WB1433D SANKEN-SEP1WB1433D Datasheet
236Kb / 12P
   High Luminous Intensity, RoHS compliant
SEP181406A SANKEN-SEP181406A Datasheet
196Kb / 10P
   High Luminous Intensity, RoHS compliant
logo
HB Electronic Component...
PLCC4XRGBCT HB-PLCC4XRGBCT Datasheet
2Mb / 10P
   High luminous Intensity
logo
P-tec Corporation
PL5050A6-WCR50 P-TEC-PL5050A6-WCR50 Datasheet
401Kb / 7P
   High luminous intensity
logo
Sanken electric
SECU1B07C SANKEN-SECU1B07C Datasheet
203Kb / 10P
   High Luminous Intensity
logo
Vishay Siliconix
TLCR6800 VISHAY-TLCR6800 Datasheet
470Kb / 5P
   High luminous intensity
Rev. 1.1, 29-Apr-13
logo
Lite-On Technology Corp...
LTL5V3SSS LITEON-LTL5V3SSS Datasheet
558Kb / 10P
   High luminous intensity output
logo
Everlight Electronics C...
EALP05OLAGA0 EVERLIGHT-EALP05OLAGA0 Datasheet
447Kb / 9P
   High luminous intensity output
EALP03OLAGA5 EVERLIGHT-EALP03OLAGA5 Datasheet
797Kb / 11P
   High luminous intensity output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com