Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FKI06269 Datasheet(PDF) 8 Page - Sanken electric

Part # FKI06269
Description  N ch Trench Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FKI06269 Datasheet(HTML) 8 Page - Sanken electric

  FKI06269_14 Datasheet HTML 1Page - Sanken electric FKI06269_14 Datasheet HTML 2Page - Sanken electric FKI06269_14 Datasheet HTML 3Page - Sanken electric FKI06269_14 Datasheet HTML 4Page - Sanken electric FKI06269_14 Datasheet HTML 5Page - Sanken electric FKI06269_14 Datasheet HTML 6Page - Sanken electric FKI06269_14 Datasheet HTML 7Page - Sanken electric FKI06269_14 Datasheet HTML 8Page - Sanken electric FKI06269_14 Datasheet HTML 9Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
FKI06269
FKI06269-DS Rev.1.3
SANKEN ELECTRIC CO.,LTD.
8
May. 29, 2014
 For tightening screws, if a tightening tool (such as a driver) hits the products, the package may crack, and internal
stress fractures may occur, which shorten the lifetime of the electrical elements and can cause catastrophic failure.
Tightening with an air driver makes a substantial impact. In addition, a screw torque higher than the set torque can
be applied and the package may be damaged. Therefore, an electric driver is recommended.
When the package is tightened at two or more places, first pre-tighten with a lower torque at all places, then tighten
with the specified torque. When using a power driver, torque control is mandatory.
 Please pay special attention about the slack of the press mold. In case that the hole diameter of the heatsink is less
than 4 mm, it may cause the resin crack at tightening.
Soldering
 When soldering the products, please be sure to minimize the working time, within the following limits:
• 260 ± 5 °C
10 ± 1 s (Flow, 2 times)
• 380 ± 10 °C 3.5 ± 0.5 s (Soldering iron, 1 time)
 Soldering should be at a distance of at least 1.5 mm from the body of the products.
Electrostatic Discharge
 When handling the products, the operator must be grounded. Grounded wrist straps worn should have at least 1MΩ
of resistance from the operator to ground to prevent shock hazard, and it should be placed near the operator.
 Workbenches where the products are handled should be grounded and be provided with conductive table and floor
mats.
 When using measuring equipment such as a curve tracer, the equipment should be grounded.
 When soldering the products, the head of soldering irons or the solder bath must be grounded in order to prevent
leak voltages generated by them from being applied to the products.
 The products should always be stored and transported in Sanken shipping containers or conductive containers, or
be wrapped in aluminum foil.


Similar Part No. - FKI06269_14

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FKI06269 SANKEN-FKI06269 Datasheet
269Kb / 6P
   N ch Trench Power MOSFET
logo
Inchange Semiconductor ...
FKI06269 ISC-FKI06269 Datasheet
296Kb / 2P
   isc N-Channel MOSFET Transistor
logo
SHENZHEN DOINGTER SEMIC...
FKI06269 DOINGTER-FKI06269 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - FKI06269_14

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FKI10531 SANKEN-FKI10531 Datasheet
266Kb / 6P
   N ch Trench Power MOSFET
GKI04031 SANKEN-GKI04031 Datasheet
247Kb / 6P
   N ch Trench Power MOSFET
FKI10126 SANKEN-FKI10126 Datasheet
266Kb / 6P
   N ch Trench Power MOSFET
SKI03021 SANKEN-SKI03021 Datasheet
241Kb / 6P
   N ch Trench Power MOSFET
SKI03063 SANKEN-SKI03063 Datasheet
241Kb / 6P
   N ch Trench Power MOSFET
SKI04024 SANKEN-SKI04024 Datasheet
241Kb / 6P
   N ch Trench Power MOSFET
SKI04033 SANKEN-SKI04033 Datasheet
241Kb / 6P
   N ch Trench Power MOSFET
SKI04044 SANKEN-SKI04044 Datasheet
241Kb / 6P
   N ch Trench Power MOSFET
SKI06073 SANKEN-SKI06073 Datasheet
241Kb / 6P
   N ch Trench Power MOSFET
SKI10195 SANKEN-SKI10195 Datasheet
241Kb / 6P
   N ch Trench Power MOSFET
GKI03061 SANKEN-GKI03061 Datasheet
366Kb / 6P
   N ch Trench Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com