Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

502-0318 Datasheet(PDF) 1 Page - NTE Electronics

Part # 502-0318
Description  0.1 Watt and 0.2 Watt, 6mm dia. shaft
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

502-0318 Datasheet(HTML) 1 Page - NTE Electronics

  502-0318 Datasheet HTML 1Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
65
NTE Electronics, Inc.
Voice (800) 631
−1250 (973) 748−5089 FAX (973) 748−6224 http://www.nteinc.com
Features
Available in Linear and Audio Taper
Switch Type Available in Both Audio and Linear Taper
Solder Lug and Combination Type Terminals
Perfect for Consumer Electronics Applications
NTE Part No.
Value
(Ohms)
Taper
Switch
Terminal Style
Diag No.
502
−0301
1K
Linear
No
Combination
P7
502
−0302
1K
Linear
Yes
Solder Lug
P8
502
−0303
1K
Audio
No
Combination
P7
502
−0304
1K
Audio
Yes
Solder Lug
P8
502
−0305
5K
Linear
No
Combination
P7
502
−0306
5K
Audio
No
Combination
P7
502
−0307
5K
Audio
Yes
Solder Lug
P8
502
−0308
10K
Linear
No
Combination
P7
502
−0309
10K
Linear
Yes
Solder Lug
P8
502
−0310
10K
Audio
No
Combination
P7
502
−0311
10K
Audio
Yes
Solder Lug
P8
502
−0312
50K
Linear
No
Combination
P7
502
−0313
50K
Audio
No
Combination
P7
502
−0314
50K
Audio
Yes
Solder Lug
P8
502
−0315
100K
Linear
No
Combination
P7
502
−0316
100K
Audio
No
Combination
P7
502
−0317
100K
Audio
Yes
Solder Lug
P8
502
−0318
500K
Linear
No
Combination
P7
502
−0319
500K
Linear
Yes
Solder Lug
P8
502
−0320
500K
Audio
No
Combination
P7
502
−0321
500K
Audio
Yes
Solder Lug
P8
502
−0322
1M
Linear
No
Combination
P7
502
−0323
1M
Audio
No
Combination
P7
502
−0324
1M
Audio
Yes
Solder Lug
P8
16mm Potentiometer
Potentiometer
− 0.1 Watt and 0.2 Watt,
6mm dia. shaft
P7
P8
.492
(12.5)
.256
(6.5)
.362
(9.2)
1.181 (30.0)
.665 (16.9) Dia
.236
(6.0)
M7*0.75
.197 (5.0)
.150
(3.8)
.532
(13.5)
.453 (11.5)
M7*0.75
.665 (16.9) Dia
.197 (5.0)
.236
(6.0)
.256
(6.5)
1.181 (30.0)
.157
(4.0)
.185
(4.7)
Specifications
Electrical
Resistance Range
− Linear Taper: 1K to 1 Meg
Resistance Range
− Audio Taper: 1K to 1 Meg
Resistance Tolerance:
20%
Sliding Noise: less than 47mV
Residual Resistance:
20
(R > 10K)
10
(R
10K)
Insulation Resistance: more than 100 Meg
at 500VDC
Switch Contact Resistance: less than 50 Meg
Operating Voltage: 150VAC
Rated Power
− Linear Taper: 0.2W
Rated Power
− Audio Taper: 0.1W
Switch Rated Power: 125VAC at 1A
Withstand Voltage: 1 minute at 500VAC
Mechanical
Total Rotation Angle: 300
5
Switch Angle: 35
10
Rotation Torque: 30gf.cm to 200gf.cm
Switch Action: 50gf.cm to 350gf.cm
Rotation Stopper Strength: 8Kgf.cm Max
Shaft Push
−Pull Strength: 7Kgf.‘ Max
Rotation Life: 15,000 cycles
Switch Life: 10,000 cycles
Mounting Hole: .312” (7.9mm) dia.
Environmental
Operating Temperature:
−10 C to +70 C
Resistance to Soldering Heat: 260 C for 3 seconds


Similar Part No. - 502-0318

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
502-0401 NTE-502-0401 Datasheet
374Kb / 1P
   1/2 Watt and 1/4 Watt, 6mm dia. shaft
502-0402 NTE-502-0402 Datasheet
374Kb / 1P
   1/2 Watt and 1/4 Watt, 6mm dia. shaft
502-0403 NTE-502-0403 Datasheet
374Kb / 1P
   1/2 Watt and 1/4 Watt, 6mm dia. shaft
502-0404 NTE-502-0404 Datasheet
374Kb / 1P
   1/2 Watt and 1/4 Watt, 6mm dia. shaft
502-0405 NTE-502-0405 Datasheet
374Kb / 1P
   1/2 Watt and 1/4 Watt, 6mm dia. shaft
More results

Similar Description - 502-0318

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
502-0401 NTE-502-0401 Datasheet
374Kb / 1P
   1/2 Watt and 1/4 Watt, 6mm dia. shaft
KU2041S28 NTE-KU2041S28 Datasheet
58Kb / 1P
   Potentiometer - 2 Watt, 1/4 dia. shaft
logo
List of Unclassifed Man...
AH110 ETC-AH110 Datasheet
355Kb / 6P
   0.2 Watt, High Linearity InGaP HBT Amplifier
logo
WJ Communication. Inc.
AH110 WJCI-AH110 Datasheet
321Kb / 5P
   0.2 Watt, High Linearity InGaP HBT Amplifier
logo
TT Electronics.
OVSPXBCR44 TTELEC-OVSPXBCR44 Datasheet
1Mb / 11P
   1-Watt SMD 6mm With Dome Lens
logo
OPTEK Technologies
OVSPRBCR44 OPTEK-OVSPRBCR44 Datasheet
601Kb / 9P
   1-Watt SMD 6mm With Dome Lens
OVSPBBCR4 OPTEK-OVSPBBCR4 Datasheet
559Kb / 11P
   1-Watt SMD 6mm (120째 Viewing Angle)
logo
CTS Corporation
448 CTS-448 Datasheet
110Kb / 4P
   Linear motion 0.2 watt composition slide control
logo
WJ Communication. Inc.
AH110-RFID WJCI-AH110-RFID Datasheet
660Kb / 7P
   0.2 Watt, High Linearity InGaP HBT Amplifier
logo
List of Unclassifed Man...
ECG014 ETC-ECG014 Datasheet
183Kb / 5P
   0.2 Watt, High Linearity InGaP HBT Amplifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com