Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE3166 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE3166
Description  Light Emitting Diode - 2mm x 5mm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE3166 Datasheet(HTML) 2 Page - NTE Electronics

  NTE3166 Datasheet HTML 1Page - NTE Electronics NTE3166 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d): (TA = +25C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min Typ
Max
Unit
Reverse Current
NTE3166
IR
VR = 5V
10
A
NTE3167, NTE3168
VR = 3V
10
A
.110 (2.79)
.196 (4.98)
.828
(21.03)
.897
(22.78)
.246
(6.25)
.314
(7.97)
.078 (1.98)
Anode
Cathode
.195 (4.95)
.106 (2.7)
1.000
(25.4)
Min
1.040
(26.4)
Min
.248
(6.3)
.276
(7.0)
.078 (1.98)
Anode
Cathode
NTE3166
NTE3167, NTE3168


Similar Part No. - NTE3166

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE316 NTE-NTE316 Datasheet
21Kb / 2P
   Silicon NPN Transistor High Gain, Low Noise Amp
NTE3160 NTE-NTE3160 Datasheet
74Kb / 2P
   Light Emitting Diode - 1mm x 5mm
NTE3161 NTE-NTE3161 Datasheet
74Kb / 2P
   Light Emitting Diode - 1mm x 5mm
NTE3162 NTE-NTE3162 Datasheet
74Kb / 2P
   Light Emitting Diode - 1mm x 5mm
NTE3163 NTE-NTE3163 Datasheet
77Kb / 2P
   Light Emitting Diode - 1.2mm x 5.9mm
More results

Similar Description - NTE3166

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE3160 NTE-NTE3160 Datasheet
74Kb / 2P
   Light Emitting Diode - 1mm x 5mm
NTE3144 NTE-NTE3144 Datasheet
61Kb / 2P
   Light Emitting Diode − 5mm
logo
Marktech Corporate
MT900A-UR MARKTECH-MT900A-UR_2 Datasheet
146Kb / 2P
   5mm Visible Light Emitting Diode
logo
NTE Electronics
NTE3019 NTE-NTE3019 Datasheet
67Kb / 2P
   Light Emitting Diode (LED) Red Diffused, 5mm
NTE3131 NTE-NTE3131 Datasheet
50Kb / 2P
   Light Emitting Diode - 5mm Blinking Yellow, Diffused
NTE3018 NTE-NTE3018 Datasheet
55Kb / 2P
   Light Emitting Diode (LED) Red Diffused, 5mm
NTE3130 NTE-NTE3130 Datasheet
88Kb / 2P
   Light Emitting Diode - 5mm Blinking Yellow, Diffused
logo
LUMEX INC.
SSL-LX2573PGD LUMEX-SSL-LX2573PGD Datasheet
51Kb / 1P
   2mm X 5mm RECTANGULAR
SSL-LX2573ID-WS LUMEX-SSL-LX2573ID-WS Datasheet
52Kb / 1P
   2mm X 5mm RECTANGULAR
logo
NTE Electronics
NTE3163 NTE-NTE3163 Datasheet
77Kb / 2P
   Light Emitting Diode - 1.2mm x 5.9mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com