Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37471M8-802SP Datasheet(PDF) 22 Page - Mitsubishi Electric Semiconductor

Part # M37471M8-802SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER ?
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37471M8-802SP Datasheet(HTML) 22 Page - Mitsubishi Electric Semiconductor

Back Button M37471M8-802SP Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M37471M8-802SP Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M37471M8-802SP Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M37471M8-802SP Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M37471M8-802SP Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M37471M8-802SP Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M37471M8-802SP Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M37471M8-802SP Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M37471M8-802SP Datasheet HTML 26Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
22
7470/7471 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
KEY ON WAKE UP
“Key on wake up” is one way of returning from a power down state
caused by the STP or WIT instruction. If any terminal of port P0
has “L” level applied, after bit 5 of the edge polarity selection regis-
ter (EG5) is set to “1”, an interrupt is generated and the
microcomputer is returned to the normal operating state. A key
matrix can be connected to port P0 and the microcomputer can be
returned to a normal state by pushing any key.
The key on wake up interrupt is common with the INT1 interrupt.
When EG5 is set to “1”, the key on wake up function is selected.
However, key on wake up cannot be used in the normal operating
state. When the microcomputer is in the normal operating state,
both key on wake up and INT1 are invalid.
Fig. 13 Block diagram of interrupt input and key on wake up circuit
P33/CNTR1
P32/CNTR0
P30/INT0
P31/INT1
P07
P01
EG3
Port P33 data read circuit
CNTR interrupt request signal
Port P32 data read circuit
EG0
Port P30 data read circuit
INT0 interrupt request signal
Port P31 data read circuit
INT1 interrupt request signal
CPU halt state signal
Port P0 data read circuit
EG1
EG5
P00
Pull-up control
register
Direction register
Pull-up control
register
Direction register
Pull-up control
register
Direction register
EG2
Noise
eliminating
circuit
1/2
1/2
XCIN
(P50)
XIN
CM7
EG4
Noise
eliminating
circuit
(
Select gate: At reset, shaded side is connected.)
Note : The 7470 group does not have XCIN input.


Similar Part No. - M37471M8-802SP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37471M8-XXXFP RENESAS-M37471M8-XXXFP Datasheet
678Kb / 47P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37471M8-XXXFP RENESAS-M37471M8-XXXFP Datasheet
4Mb / 361P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
M37471M8-XXXFP RENESAS-M37471M8-XXXFP Datasheet
4Mb / 354P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
M37471M8-XXXSP RENESAS-M37471M8-XXXSP Datasheet
678Kb / 47P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37471M8-XXXSP RENESAS-M37471M8-XXXSP Datasheet
4Mb / 361P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
More results

Similar Description - M37471M8-802SP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com