Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74-6SC8A Datasheet(PDF) 1 Page - NTE Electronics

Part # 74-6SC8A
Description  Available in Fast Acting and Slow Blow Types
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

74-6SC8A Datasheet(HTML) 1 Page - NTE Electronics

  74-6SC8A Datasheet HTML 1Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NEW
8
NTE Electronics, Inc. Voice (973) 748
5089 FAX (973) 748−6224 http://www.nteinc.com
3AB Equivalent − 6 x 30mm
Miniature Ceramic
Features
Available in Fast Acting and Slow Blow Types
RoHS Compliant
F−04
1.252 (31.8)
.250
(6.35)
.787 (20.0)
Specifications
Rated Voltage: 125V / 250V
Breaking Capacity: 125VAC, 10kA; 250VAC, 200A
Time Current Characteristics:
Fast Acting
% of Ampere Rating
Opening Time
110%
4 hours min.
135%
1 hour max.
200%
120 seconds max.
Slow Blow
% of Ampere
Rating
Opening Time
100mA to 3A
4A to 20A
110%
4 hours min.
4 hours min.
135%
1 hour max.
1 hour max.
200%
5
− 120 seconds
12
− 120 seconds
Ordering Information:
NTE Type No.
Rated Current
Diag No.
Fast Acting
Slow Blow
74
−6SC100MA
100mA
F
−04
74
−6FC125MA
74
−6SC125MA
125mA
F
−04
74
−6SC150MA
150mA
F
−04
74
−6SC175MA
175mA
F
−04
74
−6SC187MA
187mA
F
−04
74
−6SC200MA
200mA
F
−04
74
−6FC250MA
74
−6SC250MA
250mA
F
−04
74
−6SC300MA
300mA
F
−04
74
−6FC375MA
74
−6SC375MA
375mA
F
−04
74
−6SC400MA
400mA
F
−04
74
−6FC500MA
74
−6SC500MA
500mA
F
−04
74
−6SC600MA
600mA
F
−04
74
−6SC700MA
700mA
F
−04
74
−6FC750MA
74
−6SC750MA
750mA
F
−04
74
−6FC1A
74
−6SC1A
1.0A
F
−04
74
−6SC1.25A
1.25A
F
−04
74
−6SC1.5A
1.5A
F
−04
74
−6SC1.6A
1.6A
F
−04
74
−6FC2A
74
−6SC2A
2.0A
F
−04
74
−6SC2.5A
2.5A
F
−04
74
−6FC3A
74
−6SC3A
3.0A
F
−04
74
−6FC4A
74
−6SC4A
4.0A
F
−04
74
−6FC5A
74
−6SC5A
5.0A
F
−04
74
−6FC6A
6.0A
F
−04
74
−6SC6.25A
6.25A
F
−04
74
−6FC7A
74
−6SC7A
7.0A
F
−04
74
−6FC8A
74
−6SC8A
8.0A
F
−04
74
−6FC10A
74
−6SC10A
10A
F
−04
74
−6FC12A
74
−6SC12A
12A
F
−04
74
−6FC15A
74
−6SC15A
15A
F
−04
74
−6FC20A
74
−6SC20A
20A
F
−04
74
−6FC25A
25A
F
−04
Accessories:
Description
NTE Type No.
Fuse Clips
74
−FC6
Panel Mount Fuse Holder
74
−FH6
In
−Line Fuse Holder
74
−IFH6


Similar Part No. - 74-6SC8A

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
74-6SG1.25A NTE-74-6SG1.25A Datasheet
900Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-6SG1.5A NTE-74-6SG1.5A Datasheet
900Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-6SG1.6A NTE-74-6SG1.6A Datasheet
900Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-6SG100MA NTE-74-6SG100MA Datasheet
900Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-6SG10A NTE-74-6SG10A Datasheet
900Kb / 1P
   Available in Fast Acting and Slow Blow Types
More results

Similar Description - 74-6SC8A

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
74-5FC100MA NTE-74-5FC100MA Datasheet
801Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-MF250MA NTE-74-MF250MA Datasheet
372Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-6FG100MA NTE-74-6FG100MA Datasheet
900Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-5FG100MA NTE-74-5FG100MA Datasheet
668Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-4FG375MA NTE-74-4FG375MA Datasheet
441Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-3FG100MA NTE-74-3FG100MA Datasheet
466Kb / 1P
   Glass Microfuse, Fast Acting&Slow Blow
logo
GOOD-ARK Electronics
S0603S GOOD-ARK-S0603S Datasheet
227Kb / 2P
   Slow Blow
logo
Protek Devices
PF0603S PROTEC-PF0603S_15 Datasheet
479Kb / 6P
   SLOW BLOW FUSES
PF0603S PROTEC-PF0603S Datasheet
476Kb / 6P
   slow blow fuses
logo
Bel Fuse Inc.
0602-0061-33 BEL-0602-0061-33 Datasheet
93Kb / 2P
   Slow Blow Fuse Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com