Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74-4SG500MA Datasheet(PDF) 1 Page - NTE Electronics

Part # 74-4SG500MA
Description  Available in Fast Acting and Slow Blow Types
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

74-4SG500MA Datasheet(HTML) 1 Page - NTE Electronics

  74-4SG500MA Datasheet HTML 1Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
4
NTE Electronics, Inc. Voice (973) 748
−5089 FAX (973) 748−6224 http://www.nteinc.com
2AG Equivalent − 4.5 x 15mm
Miniature Glass
Features
Available in Fast Acting and Slow Blow Types
Available in Cartridge and Axial Lead (Pigtail) Types
RoHS Compliant
F−08
.590 (15.0)
.177
(4.5)
F−11
.197 (5.0)
.630 (16.0)
1.181 (30.0)
.024 (0.6) Dia < 8A
.032 (0.8) Dia > 8A
Specifications
Rated Voltage: 125V / 250V
Breaking Capacity:
Fast Acting:
250V, 50A (375mA
− 2A); 250V, 100A (2.5A − 5A);
125V, 500A (6A
− 10A)
Slow Blow:
250V, 35A (200mA
− 1A); 250V, 100A (1.25A − 3.5A);
125V, 100A (4A
− 7A)
Time Current Characteristics:
% of Ampere
Rating
Opening Time
Fast Acting
Slow Blow
100%
4 hours min.
4 hours min.
135%
1 hour max.
1 hour max.
200%
5 seconds max.
120 seconds max.
Ordering Information:
NTE Type No.
Rated Current
Cartridge Types
Axial Lead (Pigtail) Types
Fast Acting
Slow Blow
Diag No.
Fast Acting
Slow Blow
Diag No.
74
−4SG250MA
F
−08
74
−4SGL250MA
F
−11
250mA
74
−4SG350MA
F
−08
74
−4SGL350MA
F
−11
350mA
74
−4FG375MA
74
−4SG375MA
F
−08
74
−4FGL375MA
74
−4SGL375MA
F
−11
375mA
74
−4FG500MA
74
−4SG500MA
F
−08
74
−4FGL500MA
74
−4SGL500MA
F
−11
500mA
74
−4SG600MA
F
−08
74
−4SGL600MA
F
−11
600mA
74
−4FG750MA
74
−4SG750MA
F
−08
74
−4FGL750MA
74
−4SGL750MA
F
−11
750mA
74
−4SG800MA
F
−08
74
−4SGL800MA
F
−11
800mA
74
−4FG1A
74
−4SG1A
F
−08
74
−4FGL1A
74
−4SGL1A
F
−11
1.0A
74
−4SG1.25A
F
−08
74
−4SGL1.25A
F
−11
1.25A
74
−4FG1.5A
74
−4SG1.5A
F
−08
74
−4FGL1.5A
74
−4SGL1.5A
F
−11
1.5A
74
−4SG1.6A
F
−08
74
−4SGL1.6A
F
−11
1.6A
74
−4FG2A
74
−4SG2A
F
−08
74
−4FGL2A
74
−4SGL2A
F
−11
2.0A
74
−4FG2.5A
74
−4SG2.5A
F
−08
74
−4FGL2.5A
74
−4SGL2.5A
F
−11
2.5A
74
−4FG3A
74
−4SG3A
F
−08
74
−4FGL3A
74
−4SGL3A
F
−11
3.0A
74
−4FG3.5A
74
−4SG3.5A
F
−08
74
−4FGL3.5A
74
−4SGL3.5A
F
−11
3.5A
74
−4FG4A
74
−4SG4A
F
−08
74
−4FGL4A
74
−4SGL4A
F
−11
4.0A
74
−4FG5A
74
−4SG5A
F
−08
74
−4FGL5A
74
−4SGL5A
F
−11
5.0A
74
−4FG6A
74
−4SG6A
F
−08
74
−4FGL6A
74
−4SGL6A
F
−11
6.0A
74
−4FG7A
74
−4SG7A
F
−08
74
−4FGL7A
74
−4SGL7A
F
−11
7.0A
74
−4FG8A
F
−08
74
−4FGL8A
F
−11
8.0A
74
−4FG10A
F
−08
74
−4FGL10A
F
−11
10A
NOTE: Fast Acting fuse are UL recognized up to 5A. Slow Blow fuses are UL listed up to 3.5A and UL recognized from 4A to 10A


Similar Part No. - 74-4SG500MA

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
74-10FC10A NTE-74-10FC10A Datasheet
823Kb / 1P
   10 x 38mm Ceramic, Fast Acting
74-10FC12A NTE-74-10FC12A Datasheet
823Kb / 1P
   10 x 38mm Ceramic, Fast Acting
74-10FC15A NTE-74-10FC15A Datasheet
823Kb / 1P
   10 x 38mm Ceramic, Fast Acting
74-10FC1A NTE-74-10FC1A Datasheet
823Kb / 1P
   10 x 38mm Ceramic, Fast Acting
74-10FC20A NTE-74-10FC20A Datasheet
823Kb / 1P
   10 x 38mm Ceramic, Fast Acting
More results

Similar Description - 74-4SG500MA

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
74-5FC100MA NTE-74-5FC100MA Datasheet
801Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-MF250MA NTE-74-MF250MA Datasheet
372Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-6FC125MA NTE-74-6FC125MA Datasheet
827Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-6FG100MA NTE-74-6FG100MA Datasheet
900Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-5FG100MA NTE-74-5FG100MA Datasheet
668Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-3FG100MA NTE-74-3FG100MA Datasheet
466Kb / 1P
   Glass Microfuse, Fast Acting&Slow Blow
logo
GOOD-ARK Electronics
S0603S GOOD-ARK-S0603S Datasheet
227Kb / 2P
   Slow Blow
logo
Protek Devices
PF0603S PROTEC-PF0603S_15 Datasheet
479Kb / 6P
   SLOW BLOW FUSES
PF0603S PROTEC-PF0603S Datasheet
476Kb / 6P
   slow blow fuses
logo
Bel Fuse Inc.
0602-0061-33 BEL-0602-0061-33 Datasheet
93Kb / 2P
   Slow Blow Fuse Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com