Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGA4J3X7R2E103K125AA Datasheet(PDF) 1 Page - TDK Electronics

Part # CGA4J3X7R2E103K125AA
Description  Automotive Grade ( Mid Voltage (100 to 630V) )
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CGA4J3X7R2E103K125AA Datasheet(HTML) 1 Page - TDK Electronics

  CGA4J3X7R2E103K125AA Datasheet HTML 1Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Equivalent C2012X7R2E103K for Automotive
Automotive Grade ( Mid Voltage (100 to 630V) )
CGA4(2012) [EIA CC0805]
L
2.00mm +/-0.2mm
W
1.25mm +/-0.2mm
T
1.25mm +/-0.2mm
B
0.20mm Min.
G
0.50mm Min.
X7R (-55 to 125 degC +/-15%)
2E (250Vdc)
10nF
K (+/-10%)
3% Max.
10Gohm Min.
Yes
All specifications are subject to change without notice.
January 4, 2016
CGA4J3X7R2E103K125AA
TDK Item Description : CGA4J3X7R2E103KT****
Cap. vs. Freq. Characteristic
1
10
100
0.001
0.01
0.1
1
10
100
1000
Frequency/MHz
|Z|, ESR vs. Freq. Characteristics
0.01
0.1
1
10
100
1000
10000
100000
1000000
0.001
0.01
0.1
1
10
100
1000
Frequency/MHz
|Z|
ESR
DC Bias Characteristic
-80
-70
-60
-50
-40
-30
-20
-10
0
10
0
50
100
150
200
250
300
DC Bias/V
Temperature Characteristics
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
-80
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature/degC
Temp.Chara.
TCBias(1/2Rated)
Ripple Temperature Rise Characteristics
0
5
10
15
20
25
0
0.1
0.2
0.3
0.4
0.5
Current/Arms
100kHz
500kHz
1MHz
Application & Main Feature
Series
Dimensions
Temperature Characteristic
Rated Voltage
Capacitance
Capacitance Tolerance
Dissipation Factor
Insulation Resistance
AEC-Q200


Similar Part No. - CGA4J3X7R2E103K125AA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGA4J3X7R2E103K125AE TDK-CGA4J3X7R2E103K125AE Datasheet
139Kb / 1P
   Automotive Grade ( Soft Termination )
CGA4J3X7R2E103K125AE TDK-CGA4J3X7R2E103K125AE_17 Datasheet
236Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - CGA4J3X7R2E103K125AA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGA3E2C0G2A010C080AA TDK-CGA3E2C0G2A010C080AA Datasheet
130Kb / 1P
   Automotive Grade ( Mid Voltage (100 to 630V) )
CGA3E3C0G2E181J080AA TDK-CGA3E3C0G2E181J080AA Datasheet
131Kb / 1P
   Automotive Grade ( Mid Voltage (100 to 630V) )
CGA3E3C0G2E331J080AA TDK-CGA3E3C0G2E331J080AA Datasheet
131Kb / 1P
   Automotive Grade ( Mid Voltage (100 to 630V) )
CGA3E2X7R2A153M080AA TDK-CGA3E2X7R2A153M080AA Datasheet
138Kb / 1P
   Automotive Grade ( Mid Voltage (100 to 630V) )
CGA3E2X7R2A332K080AA TDK-CGA3E2X7R2A332K080AA Datasheet
139Kb / 1P
   Automotive Grade ( Mid Voltage (100 to 630V) )
CGA4C4C0G2W221J060AA TDK-CGA4C4C0G2W221J060AA Datasheet
131Kb / 1P
   Automotive Grade ( Mid Voltage (100 to 630V) )
CGA4C4C0G2W391J060AA TDK-CGA4C4C0G2W391J060AA Datasheet
131Kb / 1P
   Automotive Grade ( Mid Voltage (100 to 630V) )
CGA4C4C0G2W471J060AA TDK-CGA4C4C0G2W471J060AA Datasheet
131Kb / 1P
   Automotive Grade ( Mid Voltage (100 to 630V) )
CGA4J2C0G2A272J125AA TDK-CGA4J2C0G2A272J125AA Datasheet
131Kb / 1P
   Automotive Grade ( Mid Voltage (100 to 630V) )
CGA4J2C0G2A562J125AA TDK-CGA4J2C0G2A562J125AA Datasheet
131Kb / 1P
   Automotive Grade ( Mid Voltage (100 to 630V) )
CGA4J2C0G2A822J125AA TDK-CGA4J2C0G2A822J125AA Datasheet
131Kb / 1P
   Automotive Grade ( Mid Voltage (100 to 630V) )
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com