Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGA4J3X5R1E225M125AB Datasheet(PDF) 1 Page - TDK Electronics

Part # CGA4J3X5R1E225M125AB
Description  Automotive Grade ( General (Up to 50V) )
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CGA4J3X5R1E225M125AB Datasheet(HTML) 1 Page - TDK Electronics

  CGA4J3X5R1E225M125AB Datasheet HTML 1Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Equivalent C2012X5R1E225M for Automotive
Automotive Grade ( General (Up to 50V) )
CGA4(2012) [EIA CC0805]
L
2.00mm +/-0.2mm
W
1.25mm +/-0.2mm
T
1.25mm +/-0.2mm
B
0.20mm Min.
G
0.50mm Min.
X5R (-55 to 85 degC +/-15%)
1E (25Vdc)
2.2uF
M (+/-20%)
5% Max.
227Mohm Min.
Yes
All specifications are subject to change without notice.
January 4, 2016
CGA4J3X5R1E225M125AB
TDK Item Description : CGA4J3X5R1E225MT****
Cap. vs. Freq. Characteristic
1
10
0.001
0.01
0.1
1
10
100
1000
Frequency/MHz
|Z|, ESR vs. Freq. Characteristics
0.001
0.01
0.1
1
10
100
1000
10000
0.001
0.01
0.1
1
10
100
1000
Frequency/MHz
|Z|
ESR
DC Bias Characteristic
-70
-60
-50
-40
-30
-20
-10
0
10
0
5
10
15
20
25
30
DC Bias/V
Temperature Characteristics
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
-80
-60
-40
-20
0
20
40
60
80
100
Temperature/degC
Temp.Chara.
TCBias(1/2Rated)
Ripple Temperature Rise Characteristics
0
5
10
15
20
25
0
0.5
1
1.5
2
2.5
3
3.5
4
Current/Arms
100kHz
500kHz
1MHz
Application & Main Feature
Series
Dimensions
Temperature Characteristic
Rated Voltage
Capacitance
Capacitance Tolerance
Dissipation Factor
Insulation Resistance
AEC-Q200


Similar Part No. - CGA4J3X5R1E225M125AB

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGA4J3X5R1E225M125AB TDK-CGA4J3X5R1E225M125AB Datasheet
878Kb / 23P
   MULTILAYER CERAMIC CHIP CAPACITORS
March 2021
CGA4J3X5R1E225M125AB TDK-CGA4J3X5R1E225M125AB_17 Datasheet
235Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - CGA4J3X5R1E225M125AB

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGA4J1X7R0J106K125AC TDK-CGA4J1X7R0J106K125AC Datasheet
138Kb / 1P
   Automotive Grade ( General (Up to 50V) )
CGA2B2X7R1E153M050BD TDK-CGA2B2X7R1E153M050BD Datasheet
138Kb / 1P
   Automotive Grade ( General (Up to 50V) )
CGA2B2X7R1H102M050BA TDK-CGA2B2X7R1H102M050BA Datasheet
138Kb / 1P
   Automotive Grade ( General (Up to 50V) )
CGA2B2X7R1H152M050BA TDK-CGA2B2X7R1H152M050BA Datasheet
139Kb / 1P
   Automotive Grade ( General (Up to 50V) )
CGA1A2X7R1C472K030BA TDK-CGA1A2X7R1C472K030BA Datasheet
138Kb / 1P
   Automotive Grade ( General (Up to 50V) )
CGA3E2C0G1H681J080AA TDK-CGA3E2C0G1H681J080AA Datasheet
131Kb / 1P
   Automotive Grade ( General (Up to 50V) )
CGA3E2X5R1H104K080AA TDK-CGA3E2X5R1H104K080AA Datasheet
138Kb / 1P
   Automotive Grade ( General (Up to 50V) )
CGA3E2X5R1H473K080AA TDK-CGA3E2X5R1H473K080AA Datasheet
139Kb / 1P
   Automotive Grade ( General (Up to 50V) )
CGA3E2X5R1H682M080AA TDK-CGA3E2X5R1H682M080AA Datasheet
138Kb / 1P
   Automotive Grade ( General (Up to 50V) )
CGA3E2X5R1H683K080AA TDK-CGA3E2X5R1H683K080AA Datasheet
138Kb / 1P
   Automotive Grade ( General (Up to 50V) )
CGA3E2X5R1H683M080AA TDK-CGA3E2X5R1H683M080AA Datasheet
138Kb / 1P
   Automotive Grade ( General (Up to 50V) )
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com