Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STR-A6062H Datasheet(PDF) 5 Page - Sanken electric

Part # STR-A6062H
Description  Off-Line PWM Controllers with Integrated Power MOSFET
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR-A6062H Datasheet(HTML) 5 Page - Sanken electric

  STR-A6062H Datasheet HTML 1Page - Sanken electric STR-A6062H Datasheet HTML 2Page - Sanken electric STR-A6062H Datasheet HTML 3Page - Sanken electric STR-A6062H Datasheet HTML 4Page - Sanken electric STR-A6062H Datasheet HTML 5Page - Sanken electric STR-A6062H Datasheet HTML 6Page - Sanken electric STR-A6062H Datasheet HTML 7Page - Sanken electric STR-A6062H Datasheet HTML 8Page - Sanken electric STR-A6062H Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
STR-A6000 Series
STR-A6000 - DS Rev.4.3
SANKEN ELECTRIC CO.,LTD.
5
Mar. 13, 2015
Parameter
Symbol
Test
Conditions
Pins
Min.
Typ.
Max.
Units
Notes
Brown-In Threshold Voltage
VBR(IN)
VCC = 32 V
2 − 3
5.2
5.6
6
V
Brown-Out Threshold
Voltage
VBR(OUT)
VCC = 32 V
2 − 3
4.45
4.8
5.15
V
BR Pin Clamp Voltage
VBR(CLAMP) VCC = 32 V
2 − 3
6
6.4
7
V
BR Function Disabling
Threshold
VBR(DIS)
VCC = 32 V
2 − 3
0.3
0.48
0.7
V
OVP Threshold Voltage
VCC(OVP)
5 − 3
26
29
32
V
Latch Circuits Holding
Current
(2)
ICC(LATCH)
VCC = 9.5 V
5 − 3
700
μA
Thermal Shutdown Operating
Temperature
Tj(TSD)
135
°C
MOSFET
Drain-to-Source Breakdown
Voltage
VDSS
8 – 1
650
V
A605×
700
A606×
800
A607×
Drain Leakage Current
IDSS
8 – 1
300
μA
On Resistance
RDS(ON)
IDS = 0.4A
8 − 1
19.2
Ω
A6079M
6
A6059H / 69H
/ 69HD
3.95
A6051M / 61H
/ 61HD
2.8
A6052M / 62H
/ 62HD
2.3
A6063HD
1.9
A6053M
Switching Time
tf
8 – 1
250
ns
400
ns
A6053M
Thermal Resistance
Channel to Case Thermal
Resistance
(3)
θ
ch-C
22
°C/W
(2) A latch circuit is a circuit operated with Overvoltage Protection function (OVP) and/or Thermal Shutdown function
(TSD) in operation.
(3) θ
ch-C is thermal resistance between channel and case. Case temperature (TC) is measured at the center of the case top
surface.


Similar Part No. - STR-A6062H

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR-A6062H SANKEN-STR-A6062H Datasheet
119Kb / 2P
   Power IC for PWM Type Switching Power Supply with Low Noise and Low Standby Power
STR-A6062H SANKEN-STR-A6062H Datasheet
279Kb / 13P
   PWM Off-Line Switching Regulator ICs
STR-A6062HD SANKEN-STR-A6062HD Datasheet
279Kb / 13P
   PWM Off-Line Switching Regulator ICs
More results

Similar Description - STR-A6062H

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR5A164D SANKEN-STR5A164D Datasheet
807Kb / 21P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR-W6000S SANKEN-STR-W6000S Datasheet
734Kb / 26P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR3A400HDL SANKEN-STR3A400HDL Datasheet
774Kb / 24P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR5A100D SANKEN-STR5A100D Datasheet
813Kb / 21P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR4A100 SANKEN-STR4A100 Datasheet
747Kb / 23P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR3A475HDL SANKEN-STR3A475HDL Datasheet
636Kb / 23P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR-A6000MZ SANKEN-STR-A6000MZ Datasheet
647Kb / 26P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR3A100 SANKEN-STR3A100 Datasheet
702Kb / 25P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR6A100HZ SANKEN-STR6A100HZ Datasheet
708Kb / 25P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR6A153MV SANKEN-STR6A153MV Datasheet
745Kb / 24P
   Off-Line PWM Controllers with Integrated Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com