Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STR-A6061H Datasheet(PDF) 11 Page - Sanken electric

Part # STR-A6061H
Description  Off-Line PWM Controllers with Integrated Power MOSFET
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR-A6061H Datasheet(HTML) 11 Page - Sanken electric

Back Button STR-A6061H Datasheet HTML 7Page - Sanken electric STR-A6061H Datasheet HTML 8Page - Sanken electric STR-A6061H Datasheet HTML 9Page - Sanken electric STR-A6061H Datasheet HTML 10Page - Sanken electric STR-A6061H Datasheet HTML 11Page - Sanken electric STR-A6061H Datasheet HTML 12Page - Sanken electric STR-A6061H Datasheet HTML 13Page - Sanken electric STR-A6061H Datasheet HTML 14Page - Sanken electric STR-A6061H Datasheet HTML 15Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
STR-A6000 Series
STR-A6000 - DS Rev.4.3
SANKEN ELECTRIC CO.,LTD.
11
Mar. 13, 2015
4.
Functional Block Diagram
UVLO
OVP
TSD
REG
Brown-in
Brown-out
PWM OSC
OLP
Feedback
control
Slope
compensation
LEB
Drain peak current
compensation
OCP
Startup
DRV
VREG
6.4V
12.8V
7V
VCC
VCC
BR
FB/OLP
D/ST
S/OCP
GND
7,8
1
3
4
2
5
S
R
Q
BD_STR-A6000_R1
5.
Pin Configuration Definitions
1
5
6
7
8
4
3
2
S/GND
BR
GND
FB/OLP
VCC
D/ST
D/ST
Pin
Name
Descriptions
1
S/OCP
MOSFET source and overcurrent protection
(OCP) signal input
2
BR
Brown-In and Brown-Out detection voltage input
3
GND
Ground
4
FB /OLP
Constant voltage control signal input and over
load protection (OLP) signal input
5
VCC
Power supply voltage input for control part and
overvoltage protection (OVP) signal input
6
(Pin removed)
7
D/ST
MOSFET drain and startup current input
8


Similar Part No. - STR-A6061H

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR-A6061H SANKEN-STR-A6061H Datasheet
279Kb / 13P
   PWM Off-Line Switching Regulator ICs
STR-A6061HD SANKEN-STR-A6061HD Datasheet
279Kb / 13P
   PWM Off-Line Switching Regulator ICs
STR-A6061HZ SANKEN-STR-A6061HZ Datasheet
647Kb / 26P
   Off-Line PWM Controllers with Integrated Power MOSFET
More results

Similar Description - STR-A6061H

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR5A164D SANKEN-STR5A164D Datasheet
807Kb / 21P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR-W6000S SANKEN-STR-W6000S Datasheet
734Kb / 26P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR3A400HDL SANKEN-STR3A400HDL Datasheet
774Kb / 24P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR5A100D SANKEN-STR5A100D Datasheet
813Kb / 21P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR4A100 SANKEN-STR4A100 Datasheet
747Kb / 23P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR3A475HDL SANKEN-STR3A475HDL Datasheet
636Kb / 23P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR-A6000MZ SANKEN-STR-A6000MZ Datasheet
647Kb / 26P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR3A100 SANKEN-STR3A100 Datasheet
702Kb / 25P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR6A100HZ SANKEN-STR6A100HZ Datasheet
708Kb / 25P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR6A153MV SANKEN-STR6A153MV Datasheet
745Kb / 24P
   Off-Line PWM Controllers with Integrated Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com