Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STR4A164D Datasheet(PDF) 10 Page - Sanken electric

Part # STR4A164D
Description  Off-Line PWM Controllers with Integrated Power MOSFET
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR4A164D Datasheet(HTML) 10 Page - Sanken electric

Back Button STR4A164D Datasheet HTML 6Page - Sanken electric STR4A164D Datasheet HTML 7Page - Sanken electric STR4A164D Datasheet HTML 8Page - Sanken electric STR4A164D Datasheet HTML 9Page - Sanken electric STR4A164D Datasheet HTML 10Page - Sanken electric STR4A164D Datasheet HTML 11Page - Sanken electric STR4A164D Datasheet HTML 12Page - Sanken electric STR4A164D Datasheet HTML 13Page - Sanken electric STR4A164D Datasheet HTML 14Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
STR4A100 Series
STR4A100 - DSJ Rev.3.3
SANKEN ELECTRIC CO.,LTD.
10
Aug.06, 2015
http://www.sanken-ele.co.jp
© SANKEN ELECTRIC CO.,LTD. 2011
10. Operational Description
All of the parameter values used in these descriptions
are typical values, unless they are specified as minimum
or maximum.
With regard to current direction, "+" indicates sink
current (toward the IC) and "–" indicates source current
(from the IC).
10.1 Startup Operation
Figure 10-1 shows the circuit around the VCC pin.
The IC incorporates the startup circuit. The circuit is
connected to D/ST pin. When the D/ST pin voltage
reaches
to
Startup
Circuit
Operation
Voltage
VSTARTUP = 29 V, the startup circuit starts operation.
During the startup process, the constant current,
ISTARTUP = − 2.1 mA, charges C2 at the VCC pin. When
VCC pin voltage increases to VCC(ON) = 15.2 V, the
control circuit starts switching operation. During the IC
operation, the voltage rectified the auxiliary winding
voltage, VD, of Figure 10-1 becomes a power source to
the VCC pin. After switching operation begins, the
startup circuit turns off automatically so that its current
consumption becomes zero.
VAC
C1
D2
R2
C2
T1
D
P
D1
VCC
S/GND
D/ST
4
5~8
2
VD
U1
Figure 10-1 VCC pin peripheral circuit
The approximate value of auxiliary winding voltage is
15 to 20 V, taking account of the winding turns of D
winding so that the VCC pin voltage becomes Equation
(1) within the specification of input and output voltage
variation of power supply.
.)
(min
V
V
.)
(max
V
)
OVP
(
CC
CC
)
BIAS
(
CC
⇒10.5 (V) < V
CC < 27.5 (V)
(1)
The startup time of the IC is determined by C2
capacitor value. The approximate startup time tSTART is
calculated as follows:
)
ST
(
CC
)
INT
(
CC
)
ON
(
CC
START
I
V
V
×
C2
t
(2)
Where,
tSTART : Startup time of the IC (s)
VCC(INT) : Initial voltage on the VCC pin (V)
10.2 Undervoltage Lockout (UVLO)
Figure 10-2 shows the relationship of the VCC pin
voltage and circuit current ICC. When VCC pin voltage
decreases to VCC(OFF) = 8.1 V, the control circuit stops
operation by UVLO (Undervoltage Lockout) circuit, and
reverts to the state before startup.
Circuit current, ICC
VCC(OFF)
VCC(ON)
VCC pin
voltage
Start
Stop
Figure 10-2 Relationship between
VCC pin voltage and ICC
10.3 Bias Assist Function
By the Bias Assist Function, the startup failure is
prevented.
When FB pin voltage is the FB/OLP Pin Oscillation
Stop Threshold Voltage, VFB(OFF)= 1.23 V or less and
VCC pin voltage decreases to the Startup Current
Biasing Threshold Voltage, VCC(BIAS) = 9.4 V, the Bias
Assist Function is activated.
When the Bias Assist Function is activated, the VCC
pin voltage is kept almost constant voltage, VCC(BIAS) by
providing the startup current, ISTARTUP, from the startup
circuit. Thus, the VCC pin voltage is kept more than
VCC(OFF).
Since the startup failure is prevented by the Bias
Assist Function, the value of C2 connected to the VCC
pin can be small. Thus, the startup time and the response
time of the Overvoltage Protection (OVP) become
shorter.
The operation of the Bias Assist Function in startup is
as follows. It is necessary to check and adjust the startup


Similar Part No. - STR4A164D

ManufacturerPart #DatasheetDescription
logo
SemiWell Semiconductor
STR4A60 SEMIWELL-STR4A60 Datasheet
670Kb / 6P
   Bi-Directional Triode Thyristor
STR4A60S SEMIWELL-STR4A60S Datasheet
651Kb / 5P
   Sensitive Gate Triacs
logo
Tiger Electronic Co.,Lt...
STR4A60S TGS-STR4A60S Datasheet
140Kb / 1P
   Sensitive Gate Triacs
logo
SemiWell Semiconductor
STR4A80 SEMIWELL-STR4A80 Datasheet
601Kb / 6P
   Bi-Directional Triode Thyristor
More results

Similar Description - STR4A164D

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR5A164D SANKEN-STR5A164D Datasheet
807Kb / 21P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR-A6000 SANKEN-STR-A6000_15 Datasheet
787Kb / 28P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR-W6000S SANKEN-STR-W6000S Datasheet
734Kb / 26P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR3A400HDL SANKEN-STR3A400HDL Datasheet
774Kb / 24P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR5A100D SANKEN-STR5A100D Datasheet
813Kb / 21P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR3A475HDL SANKEN-STR3A475HDL Datasheet
636Kb / 23P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR-A6000MZ SANKEN-STR-A6000MZ Datasheet
647Kb / 26P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR3A100 SANKEN-STR3A100 Datasheet
702Kb / 25P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR6A100HZ SANKEN-STR6A100HZ Datasheet
708Kb / 25P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR6A153MV SANKEN-STR6A153MV Datasheet
745Kb / 24P
   Off-Line PWM Controllers with Integrated Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com