Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DP0V-15PSIG-M Datasheet(PDF) 1 Page - Ralston Instruments.

Part No. DP0V-15PSIG-M
Description  Light weight, compact pump generates up to 125 psi (8.6 bar) with ease
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RALSTON [Ralston Instruments.]
Homepage  http://www.ralstoninst.com
Logo 

DP0V-15PSIG-M Datasheet(HTML) 1 Page - Ralston Instruments.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DP0V-15PSIG-M
Ralston Instruments Inc. | ralstoninst.com | Toll Free 800-347-6575 | Phone 440-564-1430 | Fax 440-564-1480
Part No.
DP0V-15PSIG-M
DP0V (100 psi / 7 bar) pump, 15 psi analog gauge, 3ft hose,
1/4" MNPT process connection
Pump and pressure gauge combination
includes everything needed to perform
accurate, precise low pressure calibrations
Features
• Light weight, compact pump generates up to 125 psi (8.6 bar)
with ease
• Large volume fine adjustment piston provides precise control,
even at very low pressures
• Modular design makes field maintenance quick and easy
• Precisely vent pressure with soft seated bleed valve
• Two outlet ports provide connections for both pressure
reference and for device under test thus eliminating a tee
• Low volume Quick-test hose, gauge adapter and process
connection can be attached to pump without thread sealant
or a wrench
• Rugged, all metal construction reduces pressure changes
due to temperature fluctuations
• Made in U.S.A.
Item Includes
• Hand Pump - DP0V Assembly (DP0V)
• Gauge - 0-15 psig Analog Test Gauge (±0.25% full scale accuracy) (GAUG-0015)
• Gauge Adapter - 1/4" female NPT x female Quick-test, no check-valve, brass (QTHA-2FBA)
• Hose - Quick-test 6900 psi hose, brass hose ends, 3 ft (92 cm) long (QTQT-HOS-3ft)
• Hose Adapter - 1/4" male NPT x male Quick-test, no check-valve, brass (QTHA-2MB0)
Specifications
Pressure Range
0 to 125 psi (0 to 9 bar)
Gauge Pressure Range
0 to 15 psig
Media
Air
Outlet Port1
Male Quick-test outlet port, no check-valve, brass
Outlet Port2
Male Quick-test outlet port with cap and chain, brass
Temperature Range
0 to 130 °F (-18 to 54 °C)
Gauge Temperature
Range
-40 to 140 °F (-40 to 60 °C)
Construction
Anodized Aluminum, Brass, Stainless Steel
Seal Materials
Buna-N, Delrin, Teflon


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn