Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EK613010-01 Datasheet(PDF) 1 Page - Peregrine Semiconductor

Part # EK613010-01
Description  UltraCMOS SPST Tuning Control Switch, 100-3000 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

EK613010-01 Datasheet(HTML) 1 Page - Peregrine Semiconductor

  EK613010-01 Datasheet HTML 1Page - Peregrine Semiconductor EK613010-01 Datasheet HTML 2Page - Peregrine Semiconductor EK613010-01 Datasheet HTML 3Page - Peregrine Semiconductor EK613010-01 Datasheet HTML 4Page - Peregrine Semiconductor EK613010-01 Datasheet HTML 5Page - Peregrine Semiconductor EK613010-01 Datasheet HTML 6Page - Peregrine Semiconductor EK613010-01 Datasheet HTML 7Page - Peregrine Semiconductor EK613010-01 Datasheet HTML 8Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Page 1 of 8
DOC-11414-5 │ www.psemi.com
©2013–2014 Peregrine Semiconductor Corp. All rights reserved.
Product Description
The PE613010 is an SPST tuning control switch based
on Peregrine’s UltraCMOS® technology. This highly
versatile switch supports a wide variety of tuning circuit
topologies with emphasis on impedance matching and
aperture tuning applications. PE613010 features low on-
resistance and insertion loss from 100 to 3000 MHz.
PE613010 offers high RF power handling and
ruggedness, while meeting challenging harmonic and
linearity requirements enabled by Peregrine’s HaRP™
technology. With single-pin low voltage CMOS control,
all decoding and biasing is integrated on-chip and no
external bypassing or filtering components are required.
UltraCMOS tuning devices feature ease of use while
delivering superior RF performance. With built-in bias
voltage generation and ESD protection, tuning control
switches provide a monolithically integrated tuning
solution for demanding RF applications.
Product Specification
Figure 1. Functional Block Diagram
Figure 2. Package Type
10-lead 2
 2  0.55 mm QFN
UltraCMOS® SPST Tuning Control
Switch, 100–3000 MHz
PE613010
Features

Open reflective architecture

Very low on-resistance of 1.2Ω

Low insertion loss

0.20 dB @ 900 MHz

0.40 dB @ 1900 MHz
High power handling: 38 dBm (50Ω)
Wide power supply range (2.3V to 4.8V)
High ESD tolerance of 2 kV HBM
on all pins
Applications include:

Open and closed-loop tunable
antennas for 2G/3G/4G

Tunable matching networks

Tunable filter networks

Bypassing applications

RFID readers
DOC-53244


Similar Part No. - EK613010-01

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
EK613050-01 PSEMI-EK613050-01 Datasheet
319Kb / 8P
   UltraCMOS SP4T Tuning Control Switch, 100-3000 MHz
More results

Similar Description - EK613010-01

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE613050 PSEMI-PE613050 Datasheet
319Kb / 8P
   UltraCMOS SP4T Tuning Control Switch, 100-3000 MHz
logo
Peregrine Semiconductor...
PE4271 PEREGRINE-PE4271 Datasheet
300Kb / 8P
   SPST CATV UltraCMOS??Switch DC - 3000 MHz
logo
Integrated Circuit Syst...
PE4270 ICST-PE4270 Datasheet
296Kb / 8P
   SPST CATV UltraCMOS??Switch DC - 3000 MHz
logo
Peregrine Semiconductor...
PE42612 PEREGRINE-PE42612 Datasheet
157Kb / 4P
   SP4T UltraCMOS 2.6 V Switch 100 - 3000 MHz
PE4268 PEREGRINE-PE4268 Datasheet
307Kb / 11P
   SP6T UltraCMOS??2.6 V Switch 100 - 3000 MHz
PE4261 PEREGRINE-PE4261 Datasheet
160Kb / 4P
   SP4T UltraCMOS??2.6 V Switch 100 - 3000 MHz
PE4263 PEREGRINE-PE4263 Datasheet
149Kb / 4P
   SP6T UltraCMOS??2.6 V Switch 100 - 3000 MHz
PE42632 PEREGRINE-PE42632 Datasheet
125Kb / 4P
   SP6T UltraCMOS 2.70 V Switch 100 - 3000 MHz,50ohm
PE4210 PEREGRINE-PE4210 Datasheet
245Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 3000 MHz
PE42440 PEREGRINE-PE42440 Datasheet
293Kb / 8P
   SP4T UltraCMOS??RF Switch 50 ??3000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com