Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE613010MLAA-Z Datasheet(PDF) 8 Page - Peregrine Semiconductor

Part # PE613010MLAA-Z
Description  UltraCMOS SPST Tuning Control Switch, 100-3000 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE613010MLAA-Z Datasheet(HTML) 8 Page - Peregrine Semiconductor

  PE613010MLAA-Z Datasheet HTML 1Page - Peregrine Semiconductor PE613010MLAA-Z Datasheet HTML 2Page - Peregrine Semiconductor PE613010MLAA-Z Datasheet HTML 3Page - Peregrine Semiconductor PE613010MLAA-Z Datasheet HTML 4Page - Peregrine Semiconductor PE613010MLAA-Z Datasheet HTML 5Page - Peregrine Semiconductor PE613010MLAA-Z Datasheet HTML 6Page - Peregrine Semiconductor PE613010MLAA-Z Datasheet HTML 7Page - Peregrine Semiconductor PE613010MLAA-Z Datasheet HTML 8Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Page 8 of 8
©2013–2014 Peregrine Semiconductor Corp. All rights reserved.
DOC-11414-5 │ UltraCMOS® RFIC Solutions
Product Specification
PE613010
Figure 8. Tape and Reel Specifications
Order Code
Package
Description
Shipping Method
PE613010MLAA-Z
10-lead QFN 2
 2  0.55 mm
Package Part in Tape and Reel
3,000 units / T&R
EK613010-01
Evaluation Kit
Evaluation Kit
1 set / box
Tape Feed Direction
Device Orientation in Tape
Top of
Device
Pin 1
Table 7. Ordering Information
Advance Information: The product is in a formative or design stage. The datasheet contains design target
specifications for product development. Specifications and features may change in any manner without notice.
Preliminary Specification: The datasheet contains preliminary data. Additional data may be added at a later
date. Peregrine reserves the right to change specifications at any time without notice in order to supply the best
possible product. Product Specification: The datasheet contains final data. In the event Peregrine decides to
change the specifications, Peregrine will notify customers of the intended changes by issuing a CNF (Customer
Notification Form).
The information in this datasheet is believed to be reliable. However, Peregrine assumes no liability for the use
of this information. Use shall be entirely at the user’s own risk.
No patent rights or licenses to any circuits described in this datasheet are implied or granted to any third party.
Peregrine’s products are not designed or intended for use in devices or systems intended for surgical implant,
or in other applications intended to support or sustain life, or in any application in which the failure of the
Peregrine product could create a situation in which personal injury or death might occur. Peregrine assumes no
liability for damages, including consequential or incidental damages, arising out of the use of its products in
such applications.
The Peregrine name, logo, UTSi and UltraCMOS are registered trademarks and HaRP, MultiSwitch and DuNE
are trademarks of Peregrine Semiconductor Corp. Peregrine products are protected under one or more of the
following U.S. Patents: http://patents.psemi.com.
Sales and Contact Information
For sales and contact information please visit www.psemi.com.


Similar Part No. - PE613010MLAA-Z

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6130 PASTERNACK-PE6130 Datasheet
241Kb / 2P
   Shorting N Female With 4 Inch Chain Dust Cap
PE6130 PASTERNACK-PE6130 Datasheet
418Kb / 3P
   N Female Shorting Dust Cap IP60 Rated With 4 Inch Chain
logo
Peregrine Semiconductor
PE613050 PSEMI-PE613050 Datasheet
319Kb / 8P
   UltraCMOS SP4T Tuning Control Switch, 100-3000 MHz
PE613050A-Z PSEMI-PE613050A-Z Datasheet
319Kb / 8P
   UltraCMOS SP4T Tuning Control Switch, 100-3000 MHz
logo
Pasternack Enterprises,...
PE6130 PASTERNACK-PE6130_16 Datasheet
418Kb / 3P
   N Female Shorting Dust Cap IP60 Rated With 4 Inch Chain
More results

Similar Description - PE613010MLAA-Z

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE613050 PSEMI-PE613050 Datasheet
319Kb / 8P
   UltraCMOS SP4T Tuning Control Switch, 100-3000 MHz
logo
Peregrine Semiconductor...
PE4271 PEREGRINE-PE4271 Datasheet
300Kb / 8P
   SPST CATV UltraCMOS??Switch DC - 3000 MHz
logo
Integrated Circuit Syst...
PE4270 ICST-PE4270 Datasheet
296Kb / 8P
   SPST CATV UltraCMOS??Switch DC - 3000 MHz
logo
Peregrine Semiconductor...
PE42612 PEREGRINE-PE42612 Datasheet
157Kb / 4P
   SP4T UltraCMOS 2.6 V Switch 100 - 3000 MHz
PE4268 PEREGRINE-PE4268 Datasheet
307Kb / 11P
   SP6T UltraCMOS??2.6 V Switch 100 - 3000 MHz
PE4261 PEREGRINE-PE4261 Datasheet
160Kb / 4P
   SP4T UltraCMOS??2.6 V Switch 100 - 3000 MHz
PE4263 PEREGRINE-PE4263 Datasheet
149Kb / 4P
   SP6T UltraCMOS??2.6 V Switch 100 - 3000 MHz
PE42632 PEREGRINE-PE42632 Datasheet
125Kb / 4P
   SP6T UltraCMOS 2.70 V Switch 100 - 3000 MHz,50ohm
PE4210 PEREGRINE-PE4210 Datasheet
245Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 3000 MHz
PE42440 PEREGRINE-PE42440 Datasheet
293Kb / 8P
   SP4T UltraCMOS??RF Switch 50 ??3000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com