Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EK423641-01 Datasheet(PDF) 6 Page - Peregrine Semiconductor

Part # EK423641-01
Description  UltraCMOS SP4T RF Switch 50??000 MHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

EK423641-01 Datasheet(HTML) 6 Page - Peregrine Semiconductor

Back Button EK423641-01 Datasheet HTML 2Page - Peregrine Semiconductor EK423641-01 Datasheet HTML 3Page - Peregrine Semiconductor EK423641-01 Datasheet HTML 4Page - Peregrine Semiconductor EK423641-01 Datasheet HTML 5Page - Peregrine Semiconductor EK423641-01 Datasheet HTML 6Page - Peregrine Semiconductor EK423641-01 Datasheet HTML 7Page - Peregrine Semiconductor EK423641-01 Datasheet HTML 8Page - Peregrine Semiconductor EK423641-01 Datasheet HTML 9Page - Peregrine Semiconductor EK423641-01 Datasheet HTML 10Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Product Specification
PE423641
Page 6 of 11
©2013-2014 Peregrine Semiconductor Corp. All rights reserved.
Document No. DOC-12414-2 │ UltraCMOS® RFIC Solutions
Figure 5. Insertion Loss vs VDD (RFC–RFX)
Figure 4. Insertion Loss vs Temp (RFC–RFX)
Figure 7. Return Loss vs VDD (Active Port)
Figure 6. Return Loss vs Temp (Active Port)
Typical Performance Data @ +25°C and VDD = 2.75V, unless otherwise specified
Figure 8. Return Loss vs Temp (Common Port)
Figure 9. Return Loss vs VDD (Common Port)


Similar Part No. - EK423641-01

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
EK423422-01 PSEMI-EK423422-01 Datasheet
366Kb / 13P
   UltraCMOS SPDT RF Switch 100??000 MHz
More results

Similar Description - EK423641-01

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE42440 PEREGRINE-PE42440 Datasheet
293Kb / 8P
   SP4T UltraCMOS??RF Switch 50 ??3000 MHz
logo
Peregrine Semiconductor
PE423422 PSEMI-PE423422 Datasheet
366Kb / 13P
   UltraCMOS SPDT RF Switch 100??000 MHz
PE42440 PSEMI-PE42440 Datasheet
497Kb / 8P
   SP4T UltraCMOS RF Switch
logo
Peregrine Semiconductor...
PE42540 PEREGRINE-PE42540 Datasheet
548Kb / 12P
   UltraCMOS SP4T RF Switch
logo
Peregrine Semiconductor
PE42540 PSEMI-PE42540 Datasheet
520Kb / 12P
   UltraCMOS SP4T RF Switch
PE42440 PSEMI-PE42440_14 Datasheet
1Mb / 8P
   SP4T UltraCMOS RF Switch
PE42020 PSEMI-PE42020 Datasheet
1Mb / 25P
   UltraCMOS True DC RF Switch, 0 Hz??000 MHz
logo
Peregrine Semiconductor...
PE42641 PEREGRINE-PE42641 Datasheet
306Kb / 9P
   SP4T UltraCMOS RF Switch DC - 3.0 GHz
logo
Peregrine Semiconductor
PE42440MLBB-Z PSEMI-PE42440MLBB-Z Datasheet
612Kb / 8P
   SP4T UltraCMOS짰 RF Switch 50 ??3000 MHz
PE42446 PSEMI-PE42446 Datasheet
108Kb / 2P
   High Isolation UltraCMOS® SP4T RF Switch, 10 MHz–8 GHz
06/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com