Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

99151X-98 Datasheet(PDF) 6 Page - Peregrine Semiconductor

Part # 99151X-98
Description  Hi-Rel 2A DC-DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

99151X-98 Datasheet(HTML) 6 Page - Peregrine Semiconductor

Back Button 99151X-98 Datasheet HTML 2Page - Peregrine Semiconductor 99151X-98 Datasheet HTML 3Page - Peregrine Semiconductor 99151X-98 Datasheet HTML 4Page - Peregrine Semiconductor 99151X-98 Datasheet HTML 5Page - Peregrine Semiconductor 99151X-98 Datasheet HTML 6Page - Peregrine Semiconductor 99151X-98 Datasheet HTML 7Page - Peregrine Semiconductor 99151X-98 Datasheet HTML 8Page - Peregrine Semiconductor 99151X-98 Datasheet HTML 9Page - Peregrine Semiconductor 99151X-98 Datasheet HTML 10Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Page 6 of 15
©2012–2015 Peregrine Semiconductor Corp. All rights reserved.
Document No. DOC-50370-6 │ UltraCMOS® Power Management Solutions
Product Specification
PE99151 DIE
Typical Performance Characteristics
Figure 3. Efficiency Curves Over Output
Load Current and Temperature*
Figure 4. Efficiency Curves Over Typical
Output Voltages*
Note: * The efficiency curves in Figures 3 and 4 were measured on the packaged parts.
50
55
60
65
70
75
80
85
90
95
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Output Current (A)
PE99151 Efficiency versus Output Current
VIN=5V, VOUT=2.5V, Fsw=1MHz
TC = ‐55°C
Tc = +25°C
Tc=+125°C
50
55
60
65
70
75
80
85
90
95
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Output Current (A)
PE99151 Efficiency versus Output Current
Vin=5V, Fsw=1MHz, T=+25°C
Vout = 3.3V
Vout = 2.5V
Vout = 1.5V
Vout = 1.0V


Similar Part No. - 99151X-98

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
991510 MOLEX5-991510 Datasheet
195Kb / 3P
   5.00mm (.197") Pitch Beau??Eurostyle??Surface Mount Compatible Locking Header, 10 Circuits
991510 MOLEX11-991510 Datasheet
41Kb / 2P
   5.00mm Pitch Beau Eurostyle Surface Mount Compatible Locking Header, 10
991511 MOLEX5-991511 Datasheet
195Kb / 3P
   5.00mm (.197") Pitch Beau??Eurostyle??Surface Mount Compatible Locking Header, 11 Circuits
991511 MOLEX11-991511 Datasheet
41Kb / 2P
   5.00mm Pitch Beau Eurostyle Surface Mount Compatible Locking Header, 11
991512 MOLEX5-991512 Datasheet
195Kb / 3P
   5.00mm (.197") Pitch Beau??Eurostyle??Surface Mount Compatible Locking Header, 12 Circuits
More results

Similar Description - 99151X-98

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MGDM-150 ETC2-MGDM-150 Datasheet
494Kb / 17P
   Hi-Rel DC/DC CONVERTER
MGDM-04 ETC2-MGDM-04 Datasheet
225Kb / 14P
   Hi-Rel DC/DC CONVERTER
logo
Peregrine Semiconductor
PE99153DIE PSEMI-PE99153DIE Datasheet
1Mb / 15P
   Hi-Rel 6A DC-DC Converter
logo
List of Unclassifed Man...
MGDM-75 ETC2-MGDM-75 Datasheet
618Kb / 17P
   Hi-Rel DC/DC CONVERTER 75W POWER
MGDM-10 ETC2-MGDM-10 Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
logo
STMicroelectronics
GS-R12F STMICROELECTRONICS-GS-R12F Datasheet
202Kb / 12P
   2A DC/DC converter modules
GS-R24F STMICROELECTRONICS-GS-R24F Datasheet
203Kb / 12P
   2A DC/DC converter modules
logo
Taiwan Semiconductor Co...
TS2596S TSC-TS2596S_07 Datasheet
718Kb / 9P
   2A / 150KHz Buck Dc-Dc Converter
logo
ACE Technology Co., LTD...
ACE722A ACE-ACE722A Datasheet
179Kb / 9P
   2A PWM BUCK DC-DC Converter
VER 1.2
logo
Taiwan Semiconductor Co...
TS2596S TSC-TS2596S Datasheet
578Kb / 10P
   2A / 150KHz Buck Dc-Dc Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com