Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAC15SM Datasheet(PDF) 6 Page - Kersemi Electronic Co., Ltd.

Part # MAC15SM
Description  Sensitive Gate Triacs Silicon Bidirectional Thyristors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MAC15SM Datasheet(HTML) 6 Page - Kersemi Electronic Co., Ltd.

  MAC15SM Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MAC15SM Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. MAC15SM Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. MAC15SM Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. MAC15SM Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. MAC15SM Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. MAC15SM Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MAC15SD, MAC15SM, MAC15SN
www.kersemi.com
6
100
105
110
115
120
125
0
50
100
150
200
800V
600V
VPK = 400V
RG − MT1 = 510W
TJ, Junction Temperature (°C)
1
5
10
15
20
25
1
10
100
(di/dt)c, CRITICAL RATE OF CHANGE OF COMMUTATING CURRENT (A/ms)
110
°C
90
°C
100
°C
tw
f =
1
2 tw
(di/dt)c =
6f ITM
1000
VDRM
Figure 13. Typical Exponential Static dv/dt
Versus Junction Temperature, MT2(
*)
Figure 14. Critical Rate of Rise of
Commutating Voltage
Figure 15. Simplified Test Circuit to Measure the Critical Rate of Rise of Commutating Current (di/dt)c
LL
1N4007
200 V
+
MEASURE
I
CHARGE
CONTROL
CHARGE
TRIGGER
NON−POLAR
CL
51
W
MT2
MT1
1N914
G
200 VRMS
ADJUST FOR
ITM, 60 Hz VAC
Note: Component values are for verification of rated (di/dt)c. See AN1048 for additional information.
RS
ADJUST FOR
di/dt(c)
CS


Similar Part No. - MAC15SM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MAC15SM MOTOROLA-MAC15SM Datasheet
690Kb / 8P
   TRIACS 15 AMPERES RMS 400 THRU 800 VOLTS
logo
ON Semiconductor
MAC15SM ONSEMI-MAC15SM Datasheet
140Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
MAC15SMG ONSEMI-MAC15SMG Datasheet
140Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
More results

Similar Description - MAC15SM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAC12SM ONSEMI-MAC12SM_05 Datasheet
60Kb / 5P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
MAC4DLM ONSEMI-MAC4DLM Datasheet
103Kb / 8P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 2
2N6071A ONSEMI-2N6071A_06 Datasheet
75Kb / 8P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
April, 2006 ??Rev. 7
MAC228A ONSEMI-MAC228A Datasheet
74Kb / 6P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 3
MAC4DLM ONSEMI-MAC4DLM_05 Datasheet
78Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
November, 2005 ??Rev. 3
MAC08BT1 ONSEMI-MAC08BT1_05 Datasheet
94Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
MAC8S ONSEMI-MAC8S Datasheet
76Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
T2322B ONSEMI-T2322B Datasheet
56Kb / 4P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 5
MAC4DHM-1G ONSEMI-MAC4DHM-1G Datasheet
151Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
January, 2009 ??Rev. 6
logo
New Jersey Semi-Conduct...
MAC97 NJSEMI-MAC97 Datasheet
100Kb / 2P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
logo
Kersemi Electronic Co.,...
MAC12SM KERSEMI-MAC12SM Datasheet
417Kb / 6P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com