Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE46120 Datasheet(PDF) 3 Page - Peregrine Semiconductor

Part # PE46120
Description  Monolithic Phase & Amplitude Controller, 1.8-2.2 GHz
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE46120 Datasheet(HTML) 3 Page - Peregrine Semiconductor

  PE46120 Datasheet HTML 1Page - Peregrine Semiconductor PE46120 Datasheet HTML 2Page - Peregrine Semiconductor PE46120 Datasheet HTML 3Page - Peregrine Semiconductor PE46120 Datasheet HTML 4Page - Peregrine Semiconductor PE46120 Datasheet HTML 5Page - Peregrine Semiconductor PE46120 Datasheet HTML 6Page - Peregrine Semiconductor PE46120 Datasheet HTML 7Page - Peregrine Semiconductor PE46120 Datasheet HTML 8Page - Peregrine Semiconductor PE46120 Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
PE46120
Monolithic Phase & Amplitude Controller
DOC-54655-6 – (5/2015)
Page 3
www.psemi.com
Recommended Operating Conditions
Table 2 lists the recommending operating condition for PE46120. Devices should not be operated outside the
recommended operating conditions listed below.
Table 2 • Recommended Operating Condition for PE46120
Parameter
Min
Typ
Max
Unit
Supply voltage, VDD
(1)
2.3
5.5
V
Supply current
350
500
µA
Digital input high
1.17
3.6
V
Digital input low
00.6
V
Digital input leakage
10
20
µA
RF input power, CW
29
dBm
RF input power, pulsed(2)
32
dBm
Operating temperature range
–40
+25
+105
°C
Notes:
1) Product performance does not vary over VDD.
2) Pulsed, 5% duty cycle of 4620 µs period.


Similar Part No. - PE46120

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4612 PASTERNACK-PE4612 Datasheet
233Kb / 2P
   75 Ohm BNC Female Connector Clamp/ Solder Attachment For RG11, RG216
PE4612 PASTERNACK-PE4612 Datasheet
329Kb / 3P
   75 Ohm BNC Female Connector Clamp/Solder Attachment
PE4612 PASTERNACK-PE4612_16 Datasheet
329Kb / 3P
   75 Ohm BNC Female Connector Clamp/Solder Attachment
More results

Similar Description - PE46120

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC500LP3 AD-HMC500LP3 Datasheet
394Kb / 8P
   GaAs HBT VECTOR MODULATOR 1.8 - 2.2 GHz
logo
Hittite Microwave Corpo...
HMC500LP3 HITTITE-HMC500LP3_09 Datasheet
267Kb / 8P
   GaAs HBT VECTOR MODULATOR 1.8 - 2.2 GHz
HMC500LP3 HITTITE-HMC500LP3 Datasheet
364Kb / 8P
   GaAs HBT VECTOR MODULATOR 1.8 - 2.2 GHz
HMC402MS8 HITTITE-HMC402MS8_06 Datasheet
317Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 1.8 - 2.2 GHz
HMC402MS8 HITTITE-HMC402MS8_08 Datasheet
219Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 1.8 - 2.2 GHz
HMC402MS8 HITTITE-HMC402MS8 Datasheet
215Kb / 6P
   HIGH IP3 GaAs MMIC MIXER, 1.8 - 2.2 GHz
HMC-C008 HITTITE-HMC-C008 Datasheet
829Kb / 6P
   15 WATT POWER AMPLIFIER MODULE, 1.8 - 2.2 GHz
HMC-C008 HITTITE-HMC-C008_10 Datasheet
489Kb / 6P
   15 WATT POWER AMPLIFIER MODULE, 1.8 - 2.2 GHz
logo
SYNERGY MICROWAVE CORPO...
APVM-881 SYNERGY-APVM-881 Datasheet
432Kb / 3P
   INDEPENDENT PHASE AND AMPLITUDE CONTROL
logo
TriQuint Semiconductor
QPD2194 TRIQUINT-QPD2194 Datasheet
884Kb / 14P
   300 W, 48 V, 1.8-2.2 GHz GaN RF Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com