Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE44820 Datasheet(PDF) 3 Page - Peregrine Semiconductor

Part # PE44820
Description  UltraCMOS RF Digital Phase Shifter 8-bit, 1.7-2.2 GHz
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE44820 Datasheet(HTML) 3 Page - Peregrine Semiconductor

  PE44820 Datasheet HTML 1Page - Peregrine Semiconductor PE44820 Datasheet HTML 2Page - Peregrine Semiconductor PE44820 Datasheet HTML 3Page - Peregrine Semiconductor PE44820 Datasheet HTML 4Page - Peregrine Semiconductor PE44820 Datasheet HTML 5Page - Peregrine Semiconductor PE44820 Datasheet HTML 6Page - Peregrine Semiconductor PE44820 Datasheet HTML 7Page - Peregrine Semiconductor PE44820 Datasheet HTML 8Page - Peregrine Semiconductor PE44820 Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
PE44820
Digital Phase Shifter
DOC-43214-5 – (11/2015)
Page 3
www.psemi.com
Recommended Operating Conditions
Table 2 lists the recommended operating conditions for the PE44820. Devices should not be operated outside
the recommended operating conditions listed below.
Table 2 • Recommended Operating Conditions for PE44820
Parameter
Min
Typ
Max
Unit
Normal mode, VSS_EXT = 0V
(1)
Supply voltage, VDD
2.3
5.5
V
Supply current, IDD
130
200
µA
Bypass mode, VSS_EXT = –3.3V
(2)
Supply voltage, VDD
3.3
5.5
V
Supply current, IDD
50
80
µA
Negative supply voltage, VSS_EXT
–3.6
–3.2
V
Negative supply current, ISS
–40
–16
µA
Normal or Bypass mode
Digital input high
1.17
3.6
V
Digital input low
–0.3
0.6
V
Digital input current
15
µA
Digital input current, D4–D7(3)
200
µA
RF input power, CW
25
dBm
Operating temperature range
–40
+25
+105
°C
Notes:
1) Normal mode: connect VSS_EXT (pin 20) to GND (VSS_EXT = 0V) to enable internal negative voltage generator.
2) Bypass mode: use VSS_EXT (pin 20) to bypass and disable internal negative voltage generator.
3) Typical current draw 200 µA @ 3.6V. Recommended operation at 1.8V reduces input current draw to 0.6 µA.


Similar Part No. - PE44820

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4482 PASTERNACK-PE4482 Datasheet
109Kb / 1P
   N MALE RIGHT ANGLE CRIMP ATTACHMENT FOR RG8 & RG213
PE4482 PASTERNACK-PE4482 Datasheet
330Kb / 4P
   N Male Right Angle Connector Crimp/Solder Attachment
PE44825 PASTERNACK-PE44825 Datasheet
399Kb / 3P
   High Performance Type N Male Solder - Clamp connectors for PE-P142LL Coax
PE44826 PASTERNACK-PE44826 Datasheet
404Kb / 3P
   High Performance SMA Male Solder - Clamp connectors for PE-P142LL Coax
PE44827 PASTERNACK-PE44827 Datasheet
242Kb / 2P
   SMA Female Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
More results

Similar Description - PE44820

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGP2109 QORVO-TGP2109 Datasheet
551Kb / 15P
   8-12 GHz 6-Bit Digital Phase Shifter
logo
Merrimac Industries, In...
PTM-84B-100B MERRIMAC-PTM-84B-100B Datasheet
125Kb / 2P
   8-BIT DIGITAL PHASE SHIFTER
PTM-84A-20B MERRIMAC-PTM-84A-20B Datasheet
108Kb / 2P
   8-BIT DIGITAL PHASE SHIFTER
logo
Qorvo, Inc
TGP2102 QORVO-TGP2102 Datasheet
362Kb / 9P
   35 GHz 5-Bit Digital Phase Shifter
logo
Hittite Microwave Corpo...
HMC543 HITTITE-HMC543_09 Datasheet
272Kb / 6P
   22.5째 MMIC 4-BIT DIGITAL PHASE SHIFTER, 8 - 12 GHz
logo
Analog Devices
HMC543ALC4B AD-HMC543ALC4B Datasheet
726Kb / 7P
   22.5째 MMIC 4-BIT DIGITAL PHASE SHIFTER, 8 - 12 GHz
logo
Hittite Microwave Corpo...
HMC543LC4B HITTITE-HMC543LC4B Datasheet
314Kb / 6P
   22.5째 MMIC 4-BIT DIGITAL PHASE SHIFTER, 8 - 12 GHz
HMC543 HITTITE-HMC543 Datasheet
447Kb / 8P
   22.5째 MMIC 4-BIT DIGITAL PHASE SHIFTER, 8 - 12 GHz
logo
TriQuint Semiconductor
TGP2109 TRIQUINT-TGP2109 Datasheet
696Kb / 15P
   8-12 6-Bit Digital Phase Shifter
TGP2109-SM TRIQUINT-TGP2109-SM Datasheet
1Mb / 16P
   8-12 6-Bit Digital Phase Shifter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com