Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE43711 Datasheet(PDF) 27 Page - Peregrine Semiconductor

Part # PE43711
Description  UltraCMOS RF Digital Step Attenuator, 9 kHz-6 GHz
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE43711 Datasheet(HTML) 27 Page - Peregrine Semiconductor

Back Button PE43711 Datasheet HTML 23Page - Peregrine Semiconductor PE43711 Datasheet HTML 24Page - Peregrine Semiconductor PE43711 Datasheet HTML 25Page - Peregrine Semiconductor PE43711 Datasheet HTML 26Page - Peregrine Semiconductor PE43711 Datasheet HTML 27Page - Peregrine Semiconductor PE43711 Datasheet HTML 28Page - Peregrine Semiconductor PE43711 Datasheet HTML 29Page - Peregrine Semiconductor PE43711 Datasheet HTML 30Page - Peregrine Semiconductor PE43711 Datasheet HTML 31Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
PE43711
UltraCMOS® RF Digital Step Attenuator
DOC-44414-2 – (3/2015)
Page 27
www.psemi.com
Figure 34 • Evaluation Kit Layout for PE43711


Similar Part No. - PE43711

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4371 PASTERNACK-PE4371 Datasheet
271Kb / 3P
   N Female Bulkhead Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400, .640 inch DD Hole
PE4371 PASTERNACK-PE4371 Datasheet
357Kb / 3P
   N Female Bulkhead Mount Connector Crimp/Solder Attachment
logo
Peregrine Semiconductor
PE43712 PSEMI-PE43712 Datasheet
653Kb / 31P
   UltraCMOS RF Digital Step Attenuator, 9 kHz?? GHz
PE43712A-Z PSEMI-PE43712A-Z Datasheet
653Kb / 31P
   UltraCMOS RF Digital Step Attenuator, 9 kHz?? GHz
PE43713 PSEMI-PE43713 Datasheet
659Kb / 31P
   UltraCMOS RF Digital Step Attenuator, 9 kHz-6 GHz
More results

Similar Description - PE43711

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE43713 PSEMI-PE43713 Datasheet
659Kb / 31P
   UltraCMOS RF Digital Step Attenuator, 9 kHz-6 GHz
PE43712 PSEMI-PE43712 Datasheet
653Kb / 31P
   UltraCMOS RF Digital Step Attenuator, 9 kHz?? GHz
PE43650 PSEMI-PE43650 Datasheet
590Kb / 17P
   50Ω RF Digital Step Attenuator 5-bit, 15.5 dB, 9 kHz–6 GHz
11/2021
PE4314 PSEMI-PE4314 Datasheet
1Mb / 27P
   UltraCMOS RF Digital Step Attenuator, 1 MHz??.5 GHz
PE43704 PSEMI-PE43704_15 Datasheet
805Kb / 20P
   UltraCMOS RF Digital Step Attenuator, 7-bit, 31.75 dB with Optional Vss Bypass Mode 9 kHz - 8 GHz
PE42553 PSEMI-PE42553 Datasheet
3Mb / 19P
   UltraCMOS SPDT RF Switch, 9 kHz-8 GHz
PE42520 PSEMI-PE42520 Datasheet
547Kb / 16P
   UltraCMOS SPDT RF Switch 9 kHz - 13 GHz
PE42522 PSEMI-PE42522 Datasheet
606Kb / 25P
   UltraCMOS SPDT RF Switch, 9 kHz-26.5 GHz
PE42542 PSEMI-PE42542 Datasheet
668Kb / 14P
   UltraCMOS SP4T RF Switch 9 kHz-18 GHz
PE42543 PSEMI-PE42543 Datasheet
666Kb / 14P
   UltraCMOS SP4T RF Switch 9 kHz-18 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com