Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EK43704-11 Datasheet(PDF) 9 Page - Peregrine Semiconductor

Part # EK43704-11
Description  UltraCMOS RF Digital Step Attenuator, 7-bit, 31.75 dB with Optional Vss Bypass Mode 9 kHz - 8 GHz
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

EK43704-11 Datasheet(HTML) 9 Page - Peregrine Semiconductor

Back Button EK43704-11 Datasheet HTML 5Page - Peregrine Semiconductor EK43704-11 Datasheet HTML 6Page - Peregrine Semiconductor EK43704-11 Datasheet HTML 7Page - Peregrine Semiconductor EK43704-11 Datasheet HTML 8Page - Peregrine Semiconductor EK43704-11 Datasheet HTML 9Page - Peregrine Semiconductor EK43704-11 Datasheet HTML 10Page - Peregrine Semiconductor EK43704-11 Datasheet HTML 11Page - Peregrine Semiconductor EK43704-11 Datasheet HTML 12Page - Peregrine Semiconductor EK43704-11 Datasheet HTML 13Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
PE43704
Product Specification
©2012-2013 Peregrine Semiconductor Corp. All rights reserved.
Document No. DOC-16514-6 |
www.psemi.com
Page 9 of 20
Programming Options
Parallel/Serial Selection
Either a parallel or serial-addressable interface can be
used to control the PE43704. The
P/S bit provides this
selection, with
P/S = LOW selecting the parallel
interface and
P/S = HIGH selecting the serial-
addressable interface.
Parallel Mode Interface
The parallel interface consists of seven CMOS-
compatible control lines that select the desired
attenuation state, as shown in Table 8.
The parallel interface timing requirements are defined
by Figure 6 (Parallel Interface Timing Diagram),
Table 13 (Parallel and Direct Interface AC
Characteristics) and switching time (Tables 1-3).
For latched-parallel programming the Latch Enable (LE)
should be held LOW while changing attenuation state
control values, then pulse LE HIGH to LOW (per
Figure 6) to latch new attenuation state into device.
For direct parallel programming, the Latch Enable (LE)
line should be pulled HIGH. Changing attenuation state
control values will change device state to new
attenuation. Direct mode is ideal for manual control of
the device (using hardwire, switches, or jumpers).
Serial Interface
The serial-addressable interface is a 16-bit serial-in,
parallel-out shift register buffered by a transparent
latch. The 16-bits make up two words comprised of 8-
bits each. The first word is the Attenuation Word, which
controls the state of the DSA. The second word is the
Address Word, which is compared to the static (or
programmed) logical states of the A0, A1 and A2 digital
inputs. If there is an address match, the DSA changes
state; otherwise its current state will remain unchanged.
Figure 5 illustrates an example timing diagram for
programming a state. It is required that all parallel
control inputs be grounded when the DSA is used in
serial-addressable mode.
The serial-interface is controlled using three CMOS-
compatible signals: Serial-In (SI), Clock (CLK), and
Latch Enable (LE). The SI and CLK inputs allow data to
be serially entered into the shift register. Serial data is
clocked in LSB first, beginning with the Attenuation
Word.
The shift register must be loaded while LE is held
LOW to prevent the attenuator value from changing
as data is entered. The LE input should then be
toggled HIGH and brought LOW again, latching the
new data into the DSA. Attenuation Word and
Address Word truth tables are listed in Table 9 and
Table 10. A programming example of the serial
register is illustrated in Table 11. The serial timing
diagram is illustrated in Figure 5.
Power-up Control Settings
The PE43704 will always initialize to the maximum
attenuation setting (31.75 dB) on power-up for both
the serial-addressable and latched-parallel modes
of operation and will remain in this setting until the
user latches in the next programming word. In direct
-parallel mode, the DSA can be preset to any state
within the 31.75 dB range by pre-setting the parallel
control pins prior to power-up. In this mode, there is
a 400-µs delay between the time the DSA is
powered-up to the time the desired state is set.
During this power-up delay, the device attenuates
to the maximum attenuation setting (31.75 dB)
before defaulting to the user defined state. If the
control pins are left floating in this mode during
power-up, the device will default to the minimum
attenuation setting (insertion loss state).
Dynamic operation between serial and parallel
programming modes is possible.
If the DSA powers up in serial mode (
P/S = HIGH),
all the parallel control inputs DI[6:0] must be set to
logic low. Prior to toggling to parallel mode, the
DSA must be programmed serially to ensure D[7] is
set to logic low.
If the DSA powers up in either latched or direct-
parallel mode, all parallel pins DI[6:0] must be set to
logic low prior to toggling to serial-addressable
mode (
P/S = HIGH), and held low until the DSA has
been programmed serially to ensure bit D[7] is set
to logic low.
The sequencing is only required once on power-up.
Once completed, the DSA may be toggled between
serial and parallel programming modes at will.
Logo updated under non-rev change. Peregrine products are protected under one or more of the following U.S. Patents: http://patents.psemi.com


Similar Part No. - EK43704-11

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
EK43704-11 PSEMI-EK43704-11 Datasheet
1Mb / 20P
   RF Digital Step Attenuator, 7-bit
More results

Similar Description - EK43704-11

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE43704DS PSEMI-PE43704DS Datasheet
731Kb / 20P
   UltraCMOS짰 RF Digital Step Attenuator, 7-bit, 31.75 dB with Optional VssEXT Bypass Mode 9 kHz - 8 GHz
PE43705 PSEMI-PE43705_15 Datasheet
711Kb / 18P
   UltraCMOS RF Digital Step Attenuator, 7-bit, 31.75 dB 50 MHz - 8 GHz
PE43705 PSEMI-PE43705 Datasheet
711Kb / 18P
   RF Digital Step Attenuator, 7-bit, 31.75 dB 50 MHz ??8 GHz
PE43712 PSEMI-PE43712 Datasheet
653Kb / 31P
   UltraCMOS RF Digital Step Attenuator, 9 kHz?? GHz
PE43711 PSEMI-PE43711 Datasheet
636Kb / 31P
   UltraCMOS RF Digital Step Attenuator, 9 kHz-6 GHz
PE43713 PSEMI-PE43713 Datasheet
659Kb / 31P
   UltraCMOS RF Digital Step Attenuator, 9 kHz-6 GHz
PE43703MLI-Z PSEMI-PE43703MLI-Z Datasheet
1Mb / 15P
   50 廓 RF Digital Attenuator 7-bit, 31.75 dB, 9 kHz - 6000 MHz VssEXT option
logo
Peregrine Semiconductor...
PE43072 PEREGRINE-PE43072 Datasheet
464Kb / 11P
   50 廓 RF Digital Attenuator 7-bit, 31.75 dB, DC-4.0 GHz
PE43701 PEREGRINE-PE43701 Datasheet
404Kb / 13P
   50 廓 RF Digital Attenuator 7-bit, 31.75 dB, DC-4.0 GHz
logo
Peregrine Semiconductor
PE43650 PSEMI-PE43650 Datasheet
590Kb / 17P
   50Ω RF Digital Step Attenuator 5-bit, 15.5 dB, 9 kHz–6 GHz
11/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com