Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE43704 Datasheet(PDF) 5 Page - Peregrine Semiconductor

Part # PE43704
Description  UltraCMOS RF Digital Step Attenuator, 7-bit, 31.75 dB with Optional Vss Bypass Mode 9 kHz - 8 GHz
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE43704 Datasheet(HTML) 5 Page - Peregrine Semiconductor

  PE43704_15 Datasheet HTML 1Page - Peregrine Semiconductor PE43704_15 Datasheet HTML 2Page - Peregrine Semiconductor PE43704_15 Datasheet HTML 3Page - Peregrine Semiconductor PE43704_15 Datasheet HTML 4Page - Peregrine Semiconductor PE43704_15 Datasheet HTML 5Page - Peregrine Semiconductor PE43704_15 Datasheet HTML 6Page - Peregrine Semiconductor PE43704_15 Datasheet HTML 7Page - Peregrine Semiconductor PE43704_15 Datasheet HTML 8Page - Peregrine Semiconductor PE43704_15 Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
PE43704
Product Specification
©2012-2013 Peregrine Semiconductor Corp. All rights reserved.
Document No. DOC-16514-6 |
www.psemi.com
Page 5 of 20
Figure 3. Pin Configuration (Top View)
Pin #
Pin Name
Description
1
N/C
No connect
2
VDD
Supply voltage
3
P/S
Serial/parallel mode select
5, 6,
8-17, 19
GND
Ground
7
RF1
1
RF1 port (RF input)
18
RF2
1
RF2 port (RF output)
20
VssEXT
2
External Vss negative voltage control
23
LE
Serial interface latch enable input
24
CLK
Serial interface clock input
25
SI
Serial interface data input
26
C16 (D6)
3
Parallel control bit, 16 dB
27
C8 (D5)
3
Parallel control bit, 8 dB
28
C4 (D4)
3
Parallel control bit, 4 dB
29
C2 (D3)
3
Parallel control bit, 2 dB
30
C1 (D2)
3
Parallel control bit, 1 dB
31
C0.5 (D1)
3
Parallel control bit, 0.5 dB
32
C0.25 (D0)
3
Parallel control bit, 0.25 dB
Pad
GND
Exposed pad: ground for proper operation
4
A0
Address bit A0 connection
22
A1
Address bit A1 connection
21
A2
Address bit A2 connection
Table 4. Pin Descriptions
Notes: 1. RF pins 7 and 18 must be at 0V DC. The RF pins do not require DC
blocking capacitors for proper operation if the 0V DC
requirement is met
2. Use VssEXT (pin 20) to bypass and disable internal
negative voltage generator. Connect VssEXT (pin 20) to GND (VssEXT = 0V)
to enable internal negative voltage generator
3. Ground C0.25, C0.5, C1 C2, C4, C8, C16 if not in use
Notes:
1. Normal mode: connect VssEXT (pin 20) to GND (VssEXT = 0V) to
enable internal negative voltage generator
2. Bypass mode: use VssEXT (pin 20) to bypass and disable internal
negative voltage generator
3. 100% duty cycle, all bands, 50
4. Pulsed, 5% duty cycle of 4620 µs period, 50
Table 5. Operating Ranges
Parameter
Symbol
Min
Typ
Max
Unit
Supply voltage (normal
mode, VssEXT = 0V)
1
VDD
2.3
5.5
V
Supply voltage (bypass
mode, VssEXT = -3.4V,
VDD≥ 3.4V for full spec.
compliance)
2
VDD
2.7
3.4
5.5
V
Negative supply voltage
(bypass mode)
2
VssEXT
-3.6
-2.4
V
Supply current (normal
mode, VssEXT = 0V)
1
IDD
130
200
μA
Supply current (bypass
mode, VssEXT = -3.4V)
2
IDD
50
80
μA
Digital input high
VIH
1.17
3.6
V
Digital input low
VIL
-0.3
0.6
V
Digital input current
ICTRL
15
μA
RF input power, CW
3
9 kHz < 50 MHz
50 MHz
≤8 GHz
PMAX,CW
see
Fig. 4
+28
dBm
dBm
Operating temperature
range
TOP
-40
25
+85
°C
Negative supply current
(bypass mode, VssEXT =
-3.4V)
2
ISS
-40
-16
μA
RF input power, pulsed
4
9 kHz < 50 MHz
50 MHz
≤8 GHz
PMAX,PULSED
see
Fig. 4
+31
dBm
dBm
Logo updated under non-rev change. Peregrine products are protected under one or more of the following U.S. Patents: http://patents.psemi.com


Similar Part No. - PE43704_15

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE43704 PSEMI-PE43704_14 Datasheet
1Mb / 20P
   UltraCMOS짰 RF Digital Step Attenuator
More results

Similar Description - PE43704_15

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE43704DS PSEMI-PE43704DS Datasheet
731Kb / 20P
   UltraCMOS짰 RF Digital Step Attenuator, 7-bit, 31.75 dB with Optional VssEXT Bypass Mode 9 kHz - 8 GHz
PE43705 PSEMI-PE43705_15 Datasheet
711Kb / 18P
   UltraCMOS RF Digital Step Attenuator, 7-bit, 31.75 dB 50 MHz - 8 GHz
PE43705 PSEMI-PE43705 Datasheet
711Kb / 18P
   RF Digital Step Attenuator, 7-bit, 31.75 dB 50 MHz ??8 GHz
PE43712 PSEMI-PE43712 Datasheet
653Kb / 31P
   UltraCMOS RF Digital Step Attenuator, 9 kHz?? GHz
PE43711 PSEMI-PE43711 Datasheet
636Kb / 31P
   UltraCMOS RF Digital Step Attenuator, 9 kHz-6 GHz
PE43713 PSEMI-PE43713 Datasheet
659Kb / 31P
   UltraCMOS RF Digital Step Attenuator, 9 kHz-6 GHz
PE43703MLI-Z PSEMI-PE43703MLI-Z Datasheet
1Mb / 15P
   50 廓 RF Digital Attenuator 7-bit, 31.75 dB, 9 kHz - 6000 MHz VssEXT option
logo
Peregrine Semiconductor...
PE43072 PEREGRINE-PE43072 Datasheet
464Kb / 11P
   50 廓 RF Digital Attenuator 7-bit, 31.75 dB, DC-4.0 GHz
PE43701 PEREGRINE-PE43701 Datasheet
404Kb / 13P
   50 廓 RF Digital Attenuator 7-bit, 31.75 dB, DC-4.0 GHz
logo
Peregrine Semiconductor
PE43650 PSEMI-PE43650 Datasheet
590Kb / 17P
   50Ω RF Digital Step Attenuator 5-bit, 15.5 dB, 9 kHz–6 GHz
11/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com