Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE42722A-Z Datasheet(PDF) 8 Page - Peregrine Semiconductor

Part # PE42722A-Z
Description  UltraCMOS SPDT RF Switch, 5-1794 MHz
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE42722A-Z Datasheet(HTML) 8 Page - Peregrine Semiconductor

Back Button PE42722A-Z Datasheet HTML 4Page - Peregrine Semiconductor PE42722A-Z Datasheet HTML 5Page - Peregrine Semiconductor PE42722A-Z Datasheet HTML 6Page - Peregrine Semiconductor PE42722A-Z Datasheet HTML 7Page - Peregrine Semiconductor PE42722A-Z Datasheet HTML 8Page - Peregrine Semiconductor PE42722A-Z Datasheet HTML 9Page - Peregrine Semiconductor PE42722A-Z Datasheet HTML 10Page - Peregrine Semiconductor PE42722A-Z Datasheet HTML 11Page - Peregrine Semiconductor PE42722A-Z Datasheet HTML 12Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
PE42722
UltraCMOS® SPDT RF Switch
Page 8
DOC-60151-2 – (10/14)
www.psemi.com
Figure 7 • Active Port Return Loss vs. V
DD
Figure 8 • Isolation vs. Temperature (RFX–RFX)
0
0. 2
0. 4
0. 6
0. 8
1
1. 2
1. 4
1. 6
1. 8
2
−45
−40
−35
−30
−25
−20
−15
−10
−5
0
Frequency (GHz)
2.3V
3.3V
5.5V
0
0. 2
0. 4
0. 6
0. 8
1
1. 2
1. 4
1. 6
1. 8
2
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
Frequency (GHz)
−40°C
+25°C
+85°C


Similar Part No. - PE42722A-Z

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4272 PEREGRINE-PE4272 Datasheet
222Kb / 11P
   SPDT Broadband UltraCMOS??DC - 3 GHz RF Switch
logo
Pasternack Enterprises,...
PE4272 PASTERNACK-PE4272 Datasheet
207Kb / 2P
   75 Ohm SMB Jack Connector Clamp/Solder Attachment For RG59, RG62
logo
Peregrine Semiconductor
PE4272 PSEMI-PE4272 Datasheet
223Kb / 11P
   SPDT Broadband UltraCMOS DC ??3 GHz RF Switch
logo
Peregrine Semiconductor...
PE4272 PEREGRINE-PE4272 Datasheet
223Kb / 11P
   SPDT Broadband UltraCMOS
PE4272-EK PEREGRINE-PE4272-EK Datasheet
222Kb / 11P
   SPDT Broadband UltraCMOS??DC - 3 GHz RF Switch
More results

Similar Description - PE42722A-Z

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42723 PSEMI-PE42723 Datasheet
525Kb / 17P
   UltraCMOS SPDT RF Switch, 5-1794 MHz
PE4273 PSEMI-PE4273 Datasheet
298Kb / 12P
   SPDT Broadband UltraCMOS 5 ??3000 MHz RF Switch
logo
Peregrine Semiconductor...
PE4220 PEREGRINE-PE4220 Datasheet
247Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 2500 MHz
PE4210 PEREGRINE-PE4210 Datasheet
245Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 3000 MHz
PE42552 PEREGRINE-PE42552 Datasheet
398Kb / 9P
   SPDT UltraCMOS RF Switch DC - 7500 MHz
logo
Peregrine Semiconductor
PE423422 PSEMI-PE423422 Datasheet
366Kb / 13P
   UltraCMOS SPDT RF Switch 100??000 MHz
PE42552 PSEMI-PE42552 Datasheet
401Kb / 9P
   SPDT UltraCMOS RF Switch
PE42721 PSEMI-PE42721 Datasheet
297Kb / 12P
   UltraCMOS SPDT RF Switch
logo
Peregrine Semiconductor...
PE4239 PEREGRINE-PE4239_06 Datasheet
285Kb / 9P
   SPDT UltraCMOS??RF Switch
PE42556 PEREGRINE-PE42556 Datasheet
281Kb / 10P
   SPDT UltraCMOS RF Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com