Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE35400 Datasheet(PDF) 5 Page - Peregrine Semiconductor

Part # PE35400
Description  UltraCMOS Divide-by-4 Prescaler, 3??3.5 GHz
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE35400 Datasheet(HTML) 5 Page - Peregrine Semiconductor

  PE35400 Datasheet HTML 1Page - Peregrine Semiconductor PE35400 Datasheet HTML 2Page - Peregrine Semiconductor PE35400 Datasheet HTML 3Page - Peregrine Semiconductor PE35400 Datasheet HTML 4Page - Peregrine Semiconductor PE35400 Datasheet HTML 5Page - Peregrine Semiconductor PE35400 Datasheet HTML 6Page - Peregrine Semiconductor PE35400 Datasheet HTML 7Page - Peregrine Semiconductor PE35400 Datasheet HTML 8Page - Peregrine Semiconductor PE35400 Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
PE35400
Divide-by-4 Prescaler
DOC-64872-2 – (10/2015)
Page 5
www.psemi.com
Typical Performance Data
Figure 3 through Figure 11 show the typical performance data @ +25 °C, VDD = 2.8V (ZS = ZL = 50Ω), based on
optimal RBIAS as shown in Figure 3, unless otherwise specified.
Figure 3 • Frequency vs RBIAS
0
2
4
6
8
10
12
14
16
5.6
8.2
12
18
27
39
56
Lower Freq Limit (PIN = 0 dBm)
Upper Freq Limit (PIN = 0 dBm)
Optimal Level
Lower Freq Limit (PIN = -7 dBm)
Upper Freq Limit (PIN = -7 dBm)
RBIAS (kΩ)


Similar Part No. - PE35400

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE35404 PASTERNACK-PE35404 Datasheet
99Kb / 1P
   CABLE ASSEMBLY, RG58C/U, SMA FEMALE BULKHEAD TO SMA FEMALE BULKHEAD
PE35404-12 PASTERNACK-PE35404-12 Datasheet
99Kb / 1P
   CABLE ASSEMBLY, RG58C/U, SMA FEMALE BULKHEAD TO SMA FEMALE BULKHEAD
PE35404-24 PASTERNACK-PE35404-24 Datasheet
99Kb / 1P
   CABLE ASSEMBLY, RG58C/U, SMA FEMALE BULKHEAD TO SMA FEMALE BULKHEAD
PE35404-36 PASTERNACK-PE35404-36 Datasheet
99Kb / 1P
   CABLE ASSEMBLY, RG58C/U, SMA FEMALE BULKHEAD TO SMA FEMALE BULKHEAD
PE35404-48 PASTERNACK-PE35404-48 Datasheet
99Kb / 1P
   CABLE ASSEMBLY, RG58C/U, SMA FEMALE BULKHEAD TO SMA FEMALE BULKHEAD
More results

Similar Description - PE35400

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE83502 PEREGRINE-PE83502_06 Datasheet
245Kb / 8P
   3.5 GHz Low Power UltraCMOS Divide-by-4 Prescaler Military Operating Temperature Range
PE83502 PEREGRINE-PE83502 Datasheet
247Kb / 7P
   3.5 GHz Low Power CMOS Divide-by-4 Prescaler
PE9309 PEREGRINE-PE9309 Datasheet
218Kb / 6P
   3.0 - 13.5 GHz Low Power UltraCMOS Divide-by-4 Prescaler
logo
Peregrine Semiconductor
PE9309 PSEMI-PE9309 Datasheet
221Kb / 6P
   3.0 - 13.5 GHz Low Power UltraCMOS Divide-by-4 Prescaler
logo
Peregrine Semiconductor...
PE83503 PEREGRINE-PE83503_06 Datasheet
185Kb / 8P
   3.5 GHz Low Power UltraCMOS Divide-by-8 Prescaler Military Operating Temperature Range
PE83501 PEREGRINE-PE83501_06 Datasheet
197Kb / 8P
   3.5 GHz Low Power UltraCMOS Divide-by-2 Prescaler Military Operating Temperature Range
logo
California Eastern Labs
UPB1510GV CEL-UPB1510GV Datasheet
213Kb / 7P
   3.0 GHz DIVIDE BY 4 PRESCALER
logo
Peregrine Semiconductor...
PE3502 PEREGRINE-PE3502 Datasheet
162Kb / 7P
   3500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler
PE83501 PEREGRINE-PE83501 Datasheet
269Kb / 7P
   3.5 GHz Low Power CMOS Divide-by-2 Prescaler
PE3512 PEREGRINE-PE3512 Datasheet
224Kb / 8P
   1500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com