Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EX87424-A2SCR Datasheet(PDF) 6 Page - Axiomtek Co., Ltd.

Part # EX87424-A2SCR
Description  IEC61850-3/IEEE1613 Hardened Managed 24-port 10/100BASE and 4-port Gigabit Ethernet Switch with SFP options
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EX87424-A2SCR Datasheet(HTML) 6 Page - Axiomtek Co., Ltd.

  EX87424-A2SCR Datasheet HTML 1Page - Axiomtek Co., Ltd. EX87424-A2SCR Datasheet HTML 2Page - Axiomtek Co., Ltd. EX87424-A2SCR Datasheet HTML 3Page - Axiomtek Co., Ltd. EX87424-A2SCR Datasheet HTML 4Page - Axiomtek Co., Ltd. EX87424-A2SCR Datasheet HTML 5Page - Axiomtek Co., Ltd. EX87424-A2SCR Datasheet HTML 6Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
EX87000 Series
www.EtherWAN.com
6
rev. A5
Ordering Information - continued
PowerInputInterface(Z)
T
± 48VDC (Terminal Block)
W
88 - 370VDC and 90 - 264VAC (Terminal Block)
C
90 - 264VAC (AC Inlet)
TR
± 48VDC Redundant (Terminal Block)
WR
88 - 370VDC and 90 - 264VAC Redundant (Terminal Block)
CR
90 - 264VAC Redundant (AC Inlet)


Similar Part No. - EX87424-A2SCR

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
EX800 EXTECH-EX800 Datasheet
140Kb / 1P
   ExStik짰 4-in-1 Water Quality Meter Kits
EX810 EXTECH-EX810 Datasheet
347Kb / 13P
   1000 Amp Clamp Meters with IR Thermometer
EX810 EXTECH-EX810_15 Datasheet
243Kb / 1P
   1000A Clamp Meters with IR Thermometers
EX820 EXTECH-EX820 Datasheet
347Kb / 13P
   1000 Amp Clamp Meters with IR Thermometer
EX820 EXTECH-EX820 Datasheet
243Kb / 1P
   1000A Clamp Meters with IR Thermometers
More results

Similar Description - EX87424-A2SCR

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EX27000 AXIOMTEK-EX27000 Datasheet
1Mb / 6P
   IEC61850-3/IEEE1613 Managed 24-port 10/100BASE and 4-port Gigabit Ethernet Switch with SFP options
EX89000 AXIOMTEK-EX89000 Datasheet
732Kb / 6P
   IEC61850-3/IEEE1613 Modulized Hardened Managed 24-port 10/100BASE and 4-port Gigabit Ethernet Switch with SFP options
EX77000 AXIOMTEK-EX77000 Datasheet
895Kb / 6P
   Hardened Managed 24-port 10/100BASE and 4-port Gigabit Ethernet Switch with SFP options
EX83000 AXIOMTEK-EX83000 Datasheet
886Kb / 6P
   IEC61850/IEEE1613 Managed Hardened 16-port 10/100BASE with 2-port Gigabit combo Ethernet Switch
EX71000 AXIOMTEK-EX71000 Datasheet
853Kb / 6P
   Hardened Managed 8-port 10/100BASE and 2-port Gigabit Ethernet Switch with SFP options
EX47000 AXIOMTEK-EX47000 Datasheet
657Kb / 4P
   IEC61850-3/IEEE1613 Hardened Unmanaged 8-port 10/100BASE Ethernet Switch
EX61000A AXIOMTEK-EX61000A Datasheet
741Kb / 6P
   Industrial Managed 8-port 10/100BASE and 2-port Gigabit Ethernet Switch with SFP options
EX78000 AXIOMTEK-EX78000 Datasheet
719Kb / 6P
   Hardened Managed 10-port 10/100BASE and 2-port Gigabit Ethernet Switch
EX74000 AXIOMTEK-EX74000 Datasheet
564Kb / 5P
   Hardened Managed 6-port 10/100BASE with 2-port SFP Gigabit combo Ethernet Switch
EX73000 AXIOMTEK-EX73000 Datasheet
789Kb / 6P
   Hardened Managed 16-port 10/100BASE with 2-port Gigabit combo Ethernet Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com