Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK10ELT21WU Datasheet(PDF) 1 Page - Semtech Corporation

Part # SK10ELT21WU
Description  Differential PECL to CMOS/TTL or LVPECL to LVCMOS/LVTTL Translator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SK10ELT21WU Datasheet(HTML) 1 Page - Semtech Corporation

  SK10ELT21WU Datasheet HTML 1Page - Semtech Corporation SK10ELT21WU Datasheet HTML 2Page - Semtech Corporation SK10ELT21WU Datasheet HTML 3Page - Semtech Corporation SK10ELT21WU Datasheet HTML 4Page - Semtech Corporation SK10ELT21WU Datasheet HTML 5Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
HIGH-PERFORMANCE PRODUCTS
1
www.semtech.com
Revision 1/October 16, 2001
SK10/100ELT21W
Differential PECL to CMOS/TTL or
LVPECL to LVCMOS/LVTTL Translator
Description
Features
Functional Block Diagram
PIN Names
The SK10/100ELT21W is a single differential PECL
to CMOS/TTL or LVPECL to LVCMOS/LVTTL Translator.
Since PECL (Positive ECL) levels are used, only +VCC
and ground are required.
The small outline, 8 lead
SOIC package, low skew, and the single gate design
of the SK10/100ELT21W makes it ideal for
applications which require the translation of a clock
and a data signal.
Unlike the TTL totem pole outputs, the outputs of the
ELT21W can be interfaced directly to CMOS inputs with
better VOH (VCC – 0.5V) levels. With extended supply
voltage capability, the device is functionally compatible
with MC10/100ELT21 (5V) and MC10/100LVELT21
(3.3V).
Extended Supply Voltage Range (VCC = +3.0V
to 5.5V)
2.4 ns Typical Propagation Delay
Differential PECL Inputs
True Complementary CMOS/TTL Output
Flow Through Pinouts
Functionally compatible with MC10/100ELT21 and
MC10/100LVELT21
75K
W Internal Input Pulldown Resistors
Specified Over Industrial Temperature Range:
–40oC to 85oC
ESD Protection of >4000V
Small Outline 8 Lead SOIC (150 mils) Package
Flammability Rate: UL-94 code V-0
Moisture Sensitivity: Level 1
n
i
Pn
o
i
t
c
n
u
F
O
Qt
u
p
t
u
O
L
T
T
/
S
O
M
C
*
0
D
,
0
D
B
B
V
s
t
u
p
n
I
L
C
E
P
l
a
i
t
n
e
r
e
f
f
i
D
t
u
p
t
u
O
e
g
a
t
l
o
V
d
e
c
n
e
r
e
f
e
R
V C
C
V
+
C
C
y
l
p
p
u
S
D
N
G
C
N
d
n
u
o
r
G
t
c
e
n
n
o
C
o
N
1
2
3
4
D0*
NC
D0
VBB
8
7
6
5
VCC
Q0
NC
GND
TTL
PECL


Similar Part No. - SK10ELT21WU

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SK10EL01WD SEMTECH-SK10EL01WD Datasheet
108Kb / 4P
   4-input OR / NOR
SK10EL07U SEMTECH-SK10EL07U Datasheet
110Kb / 4P
   2-Input XOR/XNOR
SK10EL11WD SEMTECH-SK10EL11WD Datasheet
131Kb / 6P
   1:2 Differential Fanout Buffer
SK10EL12WD SEMTECH-SK10EL12WD Datasheet
119Kb / 5P
   Low Impedance Driver
SK10EL14WD SEMTECH-SK10EL14WD Datasheet
93Kb / 4P
   1:5 Clock DISTRIBUTION CHIP
More results

Similar Description - SK10ELT21WU

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EPT20 ONSEMI-MC10EPT20_16 Datasheet
168Kb / 10P
   LVTTL/LVCMOS to Differential LVPECL Translator
August, 2016 ??Rev. 12
logo
Micrel Semiconductor
SY89322V MICREL-SY89322V Datasheet
44Kb / 5P
   LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
logo
ON Semiconductor
MC10EPT20 ONSEMI-MC10EPT20 Datasheet
64Kb / 4P
   LVTTL/LVCMOS to Differential LVPECL Translator
Sep, 1999 ??Rev. 1.0
MC100EPT22 ONSEMI-MC100EPT22 Datasheet
65Kb / 4P
   Dual LVTTL/LVCMOS to Differential LVPECL Translator
Sep, 1999 ??Rev. 2.0
MC100LVELT20 ONSEMI-MC100LVELT20 Datasheet
49Kb / 6P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. P1
MC100LVELT20 ONSEMI-MC100LVELT20_06 Datasheet
106Kb / 7P
   3.3VLVTTL/LVCMOS to Differential LVPECL Translator
November, 2006 ??Rev. P3
MC100EPT20 ONSEMI-MC100EPT20 Datasheet
65Kb / 8P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. 7
MC10EPT20 ONSEMI-MC10EPT20_06 Datasheet
140Kb / 10P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
December, 2006 ??Rev. 9
logo
Maxim Integrated Produc...
MAX9370 MAXIM-MAX9370 Datasheet
218Kb / 9P
   LVTTL/TTL-to-Differential LVPECL/PECL Translators
Rev 0; 4/02
logo
List of Unclassifed Man...
T73LVP20 ETC1-T73LVP20 Datasheet
418Kb / 5P
   3.3V LVTTL/LVCMOS-to-Differential LVPECL Translator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com