Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S7848-01 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # S7848-01
Description  POSITION SENSITIVE DETECTOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

S7848-01 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  S7848-01 Datasheet HTML 1Page - List of Unclassifed Manufacturers S7848-01 Datasheet HTML 2Page - List of Unclassifed Manufacturers S7848-01 Datasheet HTML 3Page - List of Unclassifed Manufacturers S7848-01 Datasheet HTML 4Page - List of Unclassifed Manufacturers S7848-01 Datasheet HTML 5Page - List of Unclassifed Manufacturers S7848-01 Datasheet HTML 6Page - List of Unclassifed Manufacturers S7848-01 Datasheet HTML 7Page - List of Unclassifed Manufacturers S7848-01 Datasheet HTML 8Page - List of Unclassifed Manufacturers S7848-01 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
2
S5681 is a 128-element PSD linear array. By scanning a slit-form light beam right and left based
on the slit light projection method, S5681 allows measuring a 3-D shape of the object.
Two-dimensional PSDs are classified by structure into a tetra-lateral type and a
duo-lateral type. The tetra-lateral type features high-speed response and low
dark current. The duo-lateral type offers small position detection error and high
position resolution. A pin-cushion type, which is a tetra-lateral type with
improved active area and electrodes, has a position detection error as small as
the duo-lateral type while still having the advantages of the tetra-lateral type.
Selection guide
(Typ.)
Interelectrode resistance
Vb=0.1 V
(k
Ω)
Resistance length
(mm)
Type No.
Package
Spectral response
range
(nm)
S5681
Ceramic
Active area
(mm)
0.025 × 6.375/
128 elements
100
6.375
(Typ.)
Interelectrode
resistance
Vb=0.1 V
(k
Ω)
S7848
S7848-01
Plastic
2 × 2
2 × 2
10 × 10
4.5 × 4.5
5.7 × 5.7
26 × 26
14 × 14
13 × 13
S1200
100
7
7
Tetra-lateral type
Tetra-lateral type
S1300
Ceramic
13 × 13
Duo-lateral type
S2044
Metal
4.7 × 4.7
S1880
12 × 12
10
10
10
10
S1881
Ceramic
22 × 22
Pin-cushion type
(improved tetra-lateral type)
Pin-cushion type
(improved tetra-lateral type)
Pin-cushion type
(improved tetra-lateral type)
S5990-01
4 × 4
S5991-01
Ceramic
chip carrier
9 × 9
Type No.
Package
Structure
Active area
(mm)
Resistance
length
(mm)
Spectral response
range
(nm)
1
2
3
5
6
7
8
9
4
1
2
3
5
6
7
8
9
4
128-element PSD array ···························································
Two-dimensional PSD
······························
n Examples of position detectability (Ta=25 ˚C, λ=890 nm, spot light size: φ200 µm)
lS1200
KPSDC0017EA
lS1300
KPSDC0015EA
lS1880
KPSDC0020EA
lS5991-01
KPSDC0065EA
lS7848
KPSDC0084EA
LINE INTERVAL: 1 mm
LINE INTERVAL: 1 mm
LINE INTERVAL: 1 mm
LINE INTERVAL: 1 mm
LINE INTERVAL: 0.2 mm
Works with microscopic spot light detection
320 to 1060
320 to 1100
320 to 1060
320 to 1060
320 to 1100
760 to 1100
320 to 1100
320 to 1100


Similar Part No. - S7848-01

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S7847 HAMAMATSU-S7847 Datasheet
186Kb / 8P
   CCD area image sensor High IR sensitivity, four-stage TE-cooled, front-illuminated FFT-CCDs
S7847-1007 HAMAMATSU-S7847-1007 Datasheet
186Kb / 8P
   CCD area image sensor High IR sensitivity, four-stage TE-cooled, front-illuminated FFT-CCDs
S7847-1008 HAMAMATSU-S7847-1008 Datasheet
186Kb / 8P
   CCD area image sensor High IR sensitivity, four-stage TE-cooled, front-illuminated FFT-CCDs
More results

Similar Description - S7848-01

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-OD ICHAUS-IC-OD_15 Datasheet
508Kb / 11P
   OPTICAL POSITION-SENSITIVE DETECTOR
IC-OD ICHAUS-IC-OD_10 Datasheet
578Kb / 11P
   OPTICAL POSITION-SENSITIVE DETECTOR (PSD)
IC-OD ICHAUS-IC-OD Datasheet
302Kb / 9P
   OPTICAL POSITION-SENSITIVE DETECTOR (PSD)
logo
Sharp Corporation
PD3151F SHARP-PD3151F Datasheet
37Kb / 3P
   Position Sensitive Detector with Location Hole (PSD *)
logo
KODENSHI_AUK CORP.
KSD402 KODENSHI-KSD402 Datasheet
201Kb / 2P
   Position Sensitive Diodes
SD-402 KODENSHI-SD-402 Datasheet
195Kb / 2P
   Position Sensitive Diodes
SD-503 KODENSHI-SD-503 Datasheet
230Kb / 2P
   Position Sensitive Diodes
SD-101 KODENSHI-SD-101 Datasheet
241Kb / 2P
   Position Sensitive Diodes
SD-112S KODENSHI-SD-112S Datasheet
246Kb / 2P
   Position Sensitive Diodes
SD-201 KODENSHI-SD-201 Datasheet
239Kb / 2P
   Position Sensitive Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com