Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S5991-01 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # S5991-01
Description  POSITION SENSITIVE DETECTOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

S5991-01 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button S5991-01 Datasheet HTML 7Page - List of Unclassifed Manufacturers S5991-01 Datasheet HTML 8Page - List of Unclassifed Manufacturers S5991-01 Datasheet HTML 9Page - List of Unclassifed Manufacturers S5991-01 Datasheet HTML 10Page - List of Unclassifed Manufacturers S5991-01 Datasheet HTML 11Page - List of Unclassifed Manufacturers S5991-01 Datasheet HTML 12Page - List of Unclassifed Manufacturers S5991-01 Datasheet HTML 13Page - List of Unclassifed Manufacturers S5991-01 Datasheet HTML 14Page - List of Unclassifed Manufacturers S5991-01 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
8
The position detection error is usually measured with a
light beam of
φ200 µm, so the specified areas shown in
Figures 4-4 to 4-6 are used for position detection error.
Position detection error for two-dimensional PSDs is sep-
arately measured in two areas: Zone A and Zone B. Two
zones are used because position detection error in the
circumference is larger than that in the center of the ac-
tive area,
· Zone A: Within a circle with a diameter equal to 40 % of
one side length of the active area.
· Zone B: Within a circle with a diameter equal to 80 % of
one side length of the active area.
Figure 4-4 Specific area for one-dimensional PSD position
detection error (resistance length
≤ 12 mm)
Figure 4-5 Specific area for one-dimensional PSD position
detection error (resistance length > 12 mm)
Figure 4-6 Specific area for two-dimensional PSD
position detection error
KPSDC0063EA
KPSDC0074EA
KPSDC0075EA
Figure 5-1 Basic connection example of one-dimensional
PSD and current-to-voltage conversion type
operational amplifier
KPSDC0076EA
Position resolution is the minimum detectable displace-
ment of a spot light incident on PSD, expressed as a dis-
tance on the PSD surface. Resolution is determined by the
PSD resistance length and the S/N. Using formula (1-6) as
an example, the following equation can be established.
In cases where the positional displacement is infinitely
small, the noise component contained in the output current
IX2 clearly determines the position resolution. Generally, if
the PSD noise current is In, then the position resolution
∆R
is given as follows:
Figure 5-1 shows the basic connection example when us-
ing a PSD in conjunction with current-to-voltage amplifiers.
The noise model for this circuit is shown in Figure 5-2.
∆x: Small displacement
∆I: Change in output current
Then,
∆x can be expressed by the following equation.
IX2 +
∆I =
. Io ......... (5-1)
XB +
∆x
LX
∆x = LX .
........................... (5-2)
∆I
Io
∆R = LX .
.......................... (5-3)
In
Io
Characteristic and use
5. Position resolution
Io : Photocurrent
ID : Dark current
Rie: Interelectrode resistance
Cj : Junction capacitance
Rf : Feedback resistance
Cf : Feedback capacitance
en : Equivalent noise input voltage of operational amplifier
in : Equivalent noise input current of operational amplifier
Vo : Output voltage
KPSDC0077EA
Figure 5-2 Noise model
SPECIFIED RANGE
LX × 0.75
RESISTANCE LENGTH LX
OUTPUT
ELECTRODE X1
OUTPUT
ELECTRODE X2
ACTIVE AREA
SPECIFIED RANGE
LX × 0.90
RESISTANCE LENGTH LX
OUTPUT
ELECTRODE X1
OUTPUT
ELECTRODE X2
ACTIVE AREA
ACTIVE AREA
ZONE B
ZONE A
Rf
Cf
PSD
-
+
-
+
Rf
Cf
A
A
VR
~
-
+
Rf
Cf
in
en
A
Vo
PSD
IO
ID
Rie
Cj


Similar Part No. - S5991-01

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S5991-01 HAMAMATSU-S5991-01 Datasheet
143Kb / 2P
   Two-dimensional PSD Improved tetra-lateral type for surface mounting
More results

Similar Description - S5991-01

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-OD ICHAUS-IC-OD_15 Datasheet
508Kb / 11P
   OPTICAL POSITION-SENSITIVE DETECTOR
IC-OD ICHAUS-IC-OD_10 Datasheet
578Kb / 11P
   OPTICAL POSITION-SENSITIVE DETECTOR (PSD)
IC-OD ICHAUS-IC-OD Datasheet
302Kb / 9P
   OPTICAL POSITION-SENSITIVE DETECTOR (PSD)
logo
Sharp Corporation
PD3151F SHARP-PD3151F Datasheet
37Kb / 3P
   Position Sensitive Detector with Location Hole (PSD *)
logo
KODENSHI_AUK CORP.
KSD402 KODENSHI-KSD402 Datasheet
201Kb / 2P
   Position Sensitive Diodes
SD-402 KODENSHI-SD-402 Datasheet
195Kb / 2P
   Position Sensitive Diodes
SD-503 KODENSHI-SD-503 Datasheet
230Kb / 2P
   Position Sensitive Diodes
SD-101 KODENSHI-SD-101 Datasheet
241Kb / 2P
   Position Sensitive Diodes
SD-112S KODENSHI-SD-112S Datasheet
246Kb / 2P
   Position Sensitive Diodes
SD-201 KODENSHI-SD-201 Datasheet
239Kb / 2P
   Position Sensitive Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com