Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MS-210-3 Datasheet(PDF) 1 Page - PIC GmbH

Part No. MS-210-3
Description  Ultraminiature Reed Sensor
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PIC [PIC GmbH]
Homepage  http://www.pic-gmbh.com
Logo 

MS-210-3 Datasheet(HTML) 1 Page - PIC GmbH

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SW T
IC H I N G T HE S M A R T WAY
MS-210-3
Contact rating max.
10
Switching current max.
0.5
Operating temperature
-20
MS-210-3
Carry current max.
Switching voltage max.
Breakdown voltage min.
Total resistance max. (initial)
Ultraminiature Reed Sensor
Environmental Characteristics
Contact form
A
150
120
0.7
200
300
VDC
VAC
W / VA
A
A
VDC
m
85
to +
°C
Insulation resistance min.
9
Switching frequency max.
600
Resonant frequency typ.
12000
Operate time max. (incl. bounce)
0.3
Release time max.
0.1
Vibration
20
Shock
100
10
Drop out min.
3
Pull in range available
Test coil
Magnetical Characteristics (of unmodified Reed Switch)
10 - 20
10
AT
AT
Test equipment tolerance
2
TC
± AT
Hz
Hz
ms
ms
g
g
@ 25 °C
Features
Approvals
Packing Unit
50
Weight per piece
1.55
Weight per package
90
Ordering Example
MS-210-3-1 decribes MS-210 with 10-15 AT
g
g
pcs
Standard AT Ranges
Dimensions in mm
Operating Characteristics (of unmodified Reed Switch)
@ 25 °C
Electrical Characteristics
@ 25 °C
Ordering Information
(50-2000 Hz)
(1/2 sin 11 ms)
Small size
No power supply required
10
15
to
AT
1 =
15
20
to
AT
2 =
PIC Proximity Instrumentation Controls
Kontaktbauelemente GmbH
Phone +49 911 99 59 06-0
Fax
+49 911 99 59 06-99
Rev.:
1.0
ms2103_ds_e_1.0
Page 1 of 2
Nibelungenstr. 5 A
90530 Wendelstein, Germany
info@pic-gmbh.com
www.pic-gmbh.com


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn