Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MS-210-3 Datasheet(PDF) 2 Page - PIC GmbH

Part No. MS-210-3
Description  Ultraminiature Reed Sensor
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PIC [PIC GmbH]
Homepage  http://www.pic-gmbh.com
Logo 

MS-210-3 Datasheet(HTML) 2 Page - PIC GmbH

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SW T
IC H I N G T HE S M A R T WAY
MS-210-3
Remarks
When mounted onto ferromagnetic parts
switching distance of
may reduce.
Electromagnetical influences and magnetic
fields may change the switching behaviour of
the sensor.
MS-210-3
MS-210-3
Ultraminiature Reed Sensor
Test coil
093
TC-
Test programs
Test Procedure of final Reed Sensor
Test Parameters
Material Information
AT range
Test program
1
MS-210-3 1
=
-
2
MS-210-3 2
=
-
Material
Colour
Housing
ABS
black
Potting compound
Epoxy
black
Cable
UL 1061, AWG 26, 4 mm stripped and tinned
black
Test Coil placed in vertical position
Reed Sensor aligns with bottom line
Reed Sensor centered in Test Coil
PIC Proximity Instrumentation Controls
Kontaktbauelemente GmbH
Phone +49 911 99 59 06-0
Fax
+49 911 99 59 06-99
Rev.:
1.0
ms2103_ds_e_1.0
Page 2 of 2
Nibelungenstr. 5 A
90530 Wendelstein, Germany
info@pic-gmbh.com
www.pic-gmbh.com


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn