Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-93C66AMFN Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S-93C66AMFN
Description  CMOS SERIAL E2PROM
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-93C66AMFN Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S-93C66AMFN Datasheet HTML 1Page - Seiko Instruments Inc S-93C66AMFN Datasheet HTML 2Page - Seiko Instruments Inc S-93C66AMFN Datasheet HTML 3Page - Seiko Instruments Inc S-93C66AMFN Datasheet HTML 4Page - Seiko Instruments Inc S-93C66AMFN Datasheet HTML 5Page - Seiko Instruments Inc S-93C66AMFN Datasheet HTML 6Page - Seiko Instruments Inc S-93C66AMFN Datasheet HTML 7Page - Seiko Instruments Inc S-93C66AMFN Datasheet HTML 8Page - Seiko Instruments Inc S-93C66AMFN Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 53 page
background image
CMOS SERIAL E
2PROM
S-93C46A/56A/66A
Seiko Instruments Inc.
2
n
Block Diagram
n
Instruction Set
Table 2
Instruction
Start
Bit
Op
Code
Address
Data
S-93C46A
S-93C56A
S-93C66A
READ
(Read data)
1
10
A5 to A0
XA6 to A0
A7 to A0
D15 to D0 Output*1
WRITE
(Write data)
1
01
A5 to A0
XA6 to A0
A7 to A0
D15 to D0 Input
ERASE (Erase data)
1
11
A5 to A0
XA6 to A0
A7 to A0
WRAL
(Write all)*2
1
00
01xxxx
01xxxxxx
01xxxxxx
D15 to D0 Input
ERAL
(Erase all)*2
1
00
10xxxx
10xxxxxx
10xxxxxx
EWEN
(Program enable)
1
00
11xxxx
11xxxxxx
11xxxxxx
EWDS
(Program disable)
1
00
00xxxx
00xxxxxx
00xxxxxx
x :
Doesn’t matter.
*1 :
Addresses are continuously incremented.
*2 :
Valid only at Vcc = 2.5 V to 5.5 V.
n
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Power supply voltage
VCC
-0.3 to +7.0
V
Input voltage
VIN
-0.3 to VCC+0.3
V
Output voltage
VOUT
-0.3 to VCC
V
Storage temperature under bias
Tbias
-50 to +95
°C
Storage temperature
Tstg
-65 to +150
°C
Figure 2
Memory array
Data register
Address
decoder
Mode decode logic
Clock generator
Output buffer
VCC
GND
DO
DI
CS
SK
Table 3


Similar Part No. - S-93C66AMFN

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C66B SII-S-93C66B Datasheet
498Kb / 45P
   CMOS SERIAL E2PROM
S-93C66B SII-S-93C66B Datasheet
463Kb / 50P
   3-WIRE SERIAL E2PROM
S-93C66B SII-S-93C66B Datasheet
1Mb / 34P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S-93C66BD0H-D8S1G SII-S-93C66BD0H-D8S1G Datasheet
498Kb / 45P
   CMOS SERIAL E2PROM
S-93C66BD0H-I8T1G SII-S-93C66BD0H-I8T1G Datasheet
498Kb / 45P
   CMOS SERIAL E2PROM
More results

Similar Description - S-93C66AMFN

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C76A SII-S-93C76A Datasheet
387Kb / 33P
   CMOS SERIAL E2PROM
S-93C46B SII-S-93C46B Datasheet
498Kb / 45P
   CMOS SERIAL E2PROM
S-93A46A SII-S-93A46A Datasheet
334Kb / 34P
   CMOS SERIAL E2PROM
S-93C86B SII-S-93C86B Datasheet
433Kb / 34P
   CMOS SERIAL E2PROM
S-93A86A SII-S-93A86A Datasheet
307Kb / 29P
   CMOS SERIAL E2PROM
S-25C010A SII-S-25C010A Datasheet
856Kb / 37P
   CMOS SPI SERIAL E2PROM
S-24CS01A SII-S-24CS01A Datasheet
683Kb / 47P
   2-WIRE CMOS SERIAL E2PROM
S-24CS16A0I-T8T1G SII-S-24CS16A0I-T8T1G Datasheet
579Kb / 46P
   2-WIRE CMOS SERIAL E2PROM
S-24C02BPPHL SII-S-24C02BPPHL Datasheet
359Kb / 39P
   2-WIRE CMOS SERIAL E2PROM
S-25C080A SII-S-25C080A Datasheet
695Kb / 39P
   CMOS SPI 8K SERIAL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com