Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S5629 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # S5629
Description  POSITION SENSITIVE DETECTOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

S5629 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  S5629 Datasheet HTML 1Page - List of Unclassifed Manufacturers S5629 Datasheet HTML 2Page - List of Unclassifed Manufacturers S5629 Datasheet HTML 3Page - List of Unclassifed Manufacturers S5629 Datasheet HTML 4Page - List of Unclassifed Manufacturers S5629 Datasheet HTML 5Page - List of Unclassifed Manufacturers S5629 Datasheet HTML 6Page - List of Unclassifed Manufacturers S5629 Datasheet HTML 7Page - List of Unclassifed Manufacturers S5629 Datasheet HTML 8Page - List of Unclassifed Manufacturers S5629 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
1
Hamamatsu provides various types of one-dimensional PSDs designed
for high-precision distance measurement such as displacement meters,
camera auto focusing and optical switches. Our product line includes a
visible-cut type for near infrared detection, a red sensitivity enhanced type
for red light detection, a microscopic spot light (LD beam, etc.) detection
type, and a long, narrow type with an active area exceeding 30 mm.
Selection guide
PSD (Position Sensitive Detector) is an optoelectronic position sensor utiliz-
ing photodiode surface resistance. Unlike discrete element detectors such as
CCD, PSD provides continuous position data (X or Y coordinate data) and
features high position resolution and high-speed response.
1
2
3
2
3
2
3
4
4
2
3
4
2
3
4
7
8
7
9
10
9
11
12
13
14
15
5
6
11
13
12
14
15
One-dimensional PSD
······························
(mm)
(mm)
(k
Ω)
(nm)
S6407
1 × 1
1
200
760 to 1100
S6515
1 × 1.2
1.2
140
760 to 1100
S4580-04
760 to 1100
S4580-06
0.8 × 1.5
1.5
140
320 to 1100
S4581-04
760 to 1060
320 to 1060
760 to 1060
760 to 1100
320 to 1100
760 to 1100
760 to 1100
320 to 1100
760 to 1100
440 to 1100
400 to 1100
760 to 1100
320 to 1100
760 to 1100
760 to 1100
320 to 1100
760 to 1100
760 to 1100
320 to 1100
760 to 1100
320 to 1100
320 to 1100
320 to 1100
320 to 1100
700 to 1100
S4581-06
140
S3271-05
1 × 22
400
S4582-04
S4582-06
140
S3272-05
1 × 2.5
2.5
400
S4583-04
S4583-06
140
S3273-05
400
S7879
S8361 *
1 × 33
110
S4584-04
S4584-06
140
S3274-05
1 × 3.5
3.5
400
S7105-04
S7105-06
140
S7105-05
1 × 4.2
4.2
400
S5629
S5629-01
50
S5629-02
1 × 66
300
Plastic
S3979
1 × 3
3
140
TO-5
S3931
1 × 6
6
50
S3932
1 × 12
12
50
S1352
2.5 × 34
34
20
S3270
1 × 37
37
15
Ceramic
* High sensitivity in the red region type
Works with microscopic spot light detection.
1
2
3
4
5
7
8
9
10
6
Interelectrode
resistance
Vb=0.1 V
Type No.
Active area
Resistance length
Package
Spectral response
range


Similar Part No. - S5629

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S5620 ETC2-S5620 Datasheet
1Mb / 2P
   Single-socket server implementation for CSP deployment
S5620GM2NR ETC2-S5620GM2NR Datasheet
1Mb / 2P
   Single-socket server implementation for CSP deployment
S5620WGM2NR ETC2-S5620WGM2NR Datasheet
1Mb / 2P
   Single-socket server implementation for CSP deployment
S5620WGM4NR ETC2-S5620WGM4NR Datasheet
1Mb / 2P
   Single-socket server implementation for CSP deployment
logo
Hamamatsu Corporation
S5627-01 HAMAMATSU-S5627-01 Datasheet
209Kb / 4P
   Photodiodes molded into clear plastic packages
More results

Similar Description - S5629

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-OD ICHAUS-IC-OD_15 Datasheet
508Kb / 11P
   OPTICAL POSITION-SENSITIVE DETECTOR
IC-OD ICHAUS-IC-OD_10 Datasheet
578Kb / 11P
   OPTICAL POSITION-SENSITIVE DETECTOR (PSD)
IC-OD ICHAUS-IC-OD Datasheet
302Kb / 9P
   OPTICAL POSITION-SENSITIVE DETECTOR (PSD)
logo
Sharp Corporation
PD3151F SHARP-PD3151F Datasheet
37Kb / 3P
   Position Sensitive Detector with Location Hole (PSD *)
logo
KODENSHI_AUK CORP.
KSD402 KODENSHI-KSD402 Datasheet
201Kb / 2P
   Position Sensitive Diodes
SD-402 KODENSHI-SD-402 Datasheet
195Kb / 2P
   Position Sensitive Diodes
SD-503 KODENSHI-SD-503 Datasheet
230Kb / 2P
   Position Sensitive Diodes
SD-101 KODENSHI-SD-101 Datasheet
241Kb / 2P
   Position Sensitive Diodes
SD-112S KODENSHI-SD-112S Datasheet
246Kb / 2P
   Position Sensitive Diodes
SD-201 KODENSHI-SD-201 Datasheet
239Kb / 2P
   Position Sensitive Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com